Part Number Hot Search : 
2306A W12NK80Z FSM30C DV20400 54352 RGP30K TS7009 39100
Product Description
Full Text Search
 

To Download MMBT2222AWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2222AWT1
Preferred Device
General Purpose Transistor
NPN Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SOT-323/SC-70 package which is designed for low power surface mount applications.
Features
http://onsemi.com
COLLECTOR 3
* Pb-Free Package is Available
MAXIMUM RATINGS
Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value 40 75 6.0 600 Unit Vdc Vdc Vdc mAdc 3 Symbol PD RqJA TJ, Tstg Max 150 833 -55 to +150 Unit mW C/W C 1 2 1 BASE
2 EMITTER
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board TA = 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature
SC-70 CASE 419 STYLE 3
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MARKING DIAGRAM
P1 M G G 1
P1 = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
ORDERING INFORMATION
Device MMBT2222AWT1 MMBT2222AWT1G Package SC-70 Shipping 3000/Tape & Reel
SC-70 3000/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
January, 2006 - Rev. 4
Publication Order Number: MMBT2222AWT1/D
MMBT2222AWT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 1) (IC = 1.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Base Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) Collector Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) ON CHARACTERISTICS (Note 1) DC Current Gain (Note 1) (IC = 0.1 mAdc, VCE = 10 Vdc) (IC = 1.0 mAdc, VCE = 10 Vdc) (IC = 10 mAdc, VCE = 10 Vdc) (IC = 150 mAdc, VCE = 10 Vdc) (IC = 500 mAdc, VCE = 10 Vdc) Collector -Emitter Saturation Voltage (Note 1) (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) Base -Emitter Saturation Voltage (Note 1) (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) SMALL- SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Input Impedance (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Voltage Feedback Ratio (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Small -Signal Current Gain (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Output Admittance (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Noise Figure (VCE = 10 Vdc, IC = 100 mAdc, RS = 1.0 kW, f = 1.0 kHz) SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time (VCC = 3.0 Vdc, VBE = - 0.5 Vdc, IC = 150 mAdc, IB1 = 15 mAdc) (VCC = 30 Vdc, IC = 150 mAdc, IB1 = IB2 = 15 mAdc) td tr ts tf - - - - 10 25 225 ns 60 ns fT Cobo Cibo hie hre hfe hoe NF 300 - - 0.25 - 75 25 - - 8.0 30 1.25 4.0 375 200 4.0 MHz pF pF kW X 10- 4 - mmhos dB HFE 35 50 75 100 40 VCE(sat) - - VBE(sat) 0.6 - 1.2 2.0 0.3 1.0 Vdc - - - 300 - Vdc - V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX 40 75 6.0 - - - - - 20 10 Vdc Vdc Vdc nAdc nAdc Symbol Min Max Unit
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
http://onsemi.com
2
MMBT2222AWT1
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+30 V +16 V 0 -2 V 1.0 to 100 ms, DUTY CYCLE 2.0% 1 kW 200 +16 V 0 < 2 ns CS* < 10 pF -14 V < 20 ns 1.0 to 100 ms, DUTY CYCLE 2.0% 1k 1N914 +30 V 200
CS* < 10 pF
-4 V Scope rise time < 4 ns *Total shunt capacitance of test jig, connectors, and oscilloscope.
Figure 1. Turn-On Time
Figure 2. Turn-Off Time
1000 700 500 hFE , DC CURRENT GAIN 300 200
TJ = 125C
25C 100 70 50 30 20 10 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 -55C VCE = 1.0 V VCE = 10 V 5.0 7.0 10 20 30 50 70 100 200 300 500 700 1.0 k
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS) 1.0 TJ = 25C 0.8 IC = 1.0 mA
0.6
10 mA
150 mA
500 mA
0.4
0.2 0 0.005 50 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 IB, BASE CURRENT (mA) 2.0 3.0 5.0 10 20 30
Figure 4. Collector Saturation Region
http://onsemi.com
3
MMBT2222AWT1
200 100 70 50 t, TIME (ns) 30 20 10 7.0 5.0 3.0 2.0 5.0 7.0 10 200 300 20 30 50 70 100 IC, COLLECTOR CURRENT (mA) 500 IC/IB = 10 TJ = 25C tr @ VCC = 30 V td @ VEB(off) = 2.0 V td @ VEB(off) = 0 500 300 200 100 70 50 30 20 10 7.0 5.0 ts = ts - 1/8 tf VCC = 30 V IC/IB = 10 IB1 = IB2 TJ = 25C
t, TIME (ns)
tf
5.0 7.0 10
20 30 50 70 100 200 IC, COLLECTOR CURRENT (mA)
300
500
Figure 5. Turn -On Time
Figure 6. Turn -Off Time
10 8.0 IC = 1.0 mA, RS = 150 W 500 mA, RS = 200 W 100 mA, RS = 2.0 kW 50 mA, RS = 4.0 kW RS = OPTIMUM RS = SOURCE RS = RESISTANCE
10 f = 1.0 kHz 8.0 NF, NOISE FIGURE (dB) IC = 50 mA 100 mA 500 mA 1.0 mA
NF, NOISE FIGURE (dB)
6.0
6.0
4.0
4.0
2.0 0 0.01 0.02 0.05 0.1 0.2
2.0 0 50
0.5 1.0 2.0
5.0 10
20
50 100
100 200
500
1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k
f, FREQUENCY (kHz)
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Frequency Effects
f T, CURRENT-GAIN BANDWIDTH PRODUCT (MHz)
Figure 8. Source Resistance Effects
30 20 CAPACITANCE (pF) Ceb 10 7.0 5.0 Ccb 3.0 2.0
500 VCE = 20 V TJ = 25C
300 200
100 70 50 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 70 100
0.1
0.2 0.3
0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 REVERSE VOLTAGE (VOLTS)
20 30
50
Figure 9. Capacitances
Figure 10. Current-Gain Bandwidth Product
http://onsemi.com
4
MMBT2222AWT1
1.0 TJ = 25C 0.8 VBE(sat) @ IC/IB = 10 0.6 VBE(on) @ VCE = 10 V 0.4 COEFFICIENT (mV/ C) V, VOLTAGE (VOLTS) 1.0 V 0 -0.5 -1.0 -1.5 -2.0 VCE(sat) @ IC/IB = 10 0 0.1 0.2 50 100 200 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) 500 1.0 k -2.5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 IC, COLLECTOR CURRENT (mA) 500 RqVB for VBE RqVC for VCE(sat) +0.5
0.2
Figure 11. "On" Voltages
Figure 12. Temperature Coefficients
http://onsemi.com
5
MMBT2222AWT1
PACKAGE DIMENSIONS
SC-70 (SOT-323) CASE 419-04 ISSUE M
D e1
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
HE
1 2
E
b e
A 0.05 (0.002)
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20
2.00
MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047
0.079
INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055
0.095
A1
STYLE 3: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025
1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBT2222AWT1/D


▲Up To Search▲   

 
Price & Availability of MMBT2222AWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X