Part Number Hot Search : 
TB0200A HCT259 TA1226 MMSTA56 STRRP UTC2003 SGB15N NTE25
Product Description
Full Text Search
 

To Download MDA100G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * *
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
MDA100G THRU MDA110G
Low cost Low leakage Low forward voltage Mounting position: Any Weight: 1.26 grams
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
D
on isc
ed inu t
RS-1
.414 (10.5) .374 (9.5) .360 (9.1)
AC
.320 (8.1)
DISCONTINUED-
"This series is replaced by the RS10X series that meets to the same fit and function parameters. The RS10X series is preferred for PCB assembly."
.390 .035 (0.9) DIA. .028 (0.7) TYP. (9.9)
MIN.
.160 (4.1) SPACING .140 (3.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.650 (16.5) .610 (15.5)
.161 (4.1) .150 (3.8) .050 (1.27)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T A = 50 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO I FSM R q JC R q JA T J, T STG MDA100G MDA101G MDA102G MDA104G MDA106G MDA108G MDA110G 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30 15 50 -55 to + 150 600 420 600 800 560 800 1000 700 1000 UNITS Volts Volts Volts Amps Amps
0
C/ W
0
C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.57A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VF IR MDA100G MDA101G MDA102G MDA104G MDA106G MDA108G MDA110G 1.3 5.0 1000 UNITS Volts uAmps 2007-5
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted. 2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( MDA100G THRU MDA110G )
INSTANTANEOUS FORWARD CURRENT, (A)
1.0 AVERAGE FORWARD CURRENT, (A) 0.8 0.6 0.4 0.2 0
Single Phase Half Wave 60 Hz Inductive or Resistive Load
4 1.0 0.4
0.1 0.04
T A = 25 OC Pulse Width = 300mS 1% Duty Cycle
0
50
100
O
150
0.01
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AMBIENT TEMPERATURE, ( C)
INSTANTANEOUS FORWARD VOLTAGE, (V)
INSTANTANEOUS REVERSE CURRENT, (uA)
PEAK FORWARD SURGE CURRENT, (A)
10000
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
30 25 20 15 10 5 0 1
FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
8.3mS Single Half Sine-Wave JEDEC Method
1000
TA = 100 OC
100
10
TA = 25 OC
1
0
20
40
60
80
100
120
140
2
5
10
20
50
100
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
NUMBER OF CYCLES AT 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of MDA100G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X