Part Number Hot Search : 
92F592 IRFS250 HMC462 TK15A AN7171NK MAX7446 BD3004 BD645
Product Description
Full Text Search
 

To Download MAX809SN293D1T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAX809 Series, MAX810 Series Very Low Supply Current 3-Pin Microprocessor Reset Monitors
The MAX809 and MAX810 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. No external components are required. The reset output is driven active within 10 msec of VCC falling through the reset voltage threshold. Reset is maintained active for a timeout period which is trimmed by the factory after VCC rises above the reset threshold. The MAX810 has an active-high RESET output while the MAX809 has an active-low RESET output. Both devices are available in SOT-23 and SC-70 packages. The MAX809/810 are optimized to reject fast transient glitches on the VCC line. Low supply current of 0.5 mA (VCC = 3.2 V) makes these devices suitable for battery powered applications.
Features
http://onsemi.com MARKING DIAGRAM
3 1 2 SOT-23 (TO-236) CASE 318 3 xxx MG G 1 2
SC-70 (SOT-323) CASE 419 1
xx MG G
* Precision VCC Monitor for 1.5 V, 2.5 V, 3.0 V, 3.3 V, and 5.0 V * * * * * * * * * * * * *
Supplies Precision Monitoring Voltages from 1.2 V to 4.9 V Available in 100 mV Steps Four Guaranteed Minimum Power-On Reset Pulse Width Available (1 ms, 20 ms, 100 ms, and 140 ms) RESET Output Guaranteed to VCC = 1.0 V. Low Supply Current Compatible with Hot Plug Applications VCC Transient Immunity No External Components Wide Operating Temperature: -40C to 105C Pb-Free Packages are Available Computers Embedded Systems Battery Powered Equipment Critical Microprocessor Power Supply Monitoring
VCC VCC MAX809/810 RESET RESET GND VCC PROCESSOR RESET INPUT GND
xxx = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
PIN CONFIGURATION
GND 1
3 RESET RESET 2 SOT-23/SC-70 (Top View)
NOTE:
VCC
Typical Applications
RESET is for MAX809 RESET is for MAX810
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 10 of this data sheet.
Figure 1. Typical Application Diagram
(c) Semiconductor Components Industries, LLC, 2010
April, 2010 - Rev. 20
1
Publication Order Number: MAX809S/D
MAX809 Series, MAX810 Series
3 VCC
Timeout Counter
VCC Oscillator 2 RESET
Vref
1 GND
Figure 2. MAX809 Series Complementary Active-Low Output
3 VCC
Timeout Counter
VCC Oscillator 2 RESET
Vref
1 GND
Figure 3. MAX810 Series Complementary Active-High Output
http://onsemi.com
2
MAX809 Series, MAX810 Series
PIN DESCRIPTION
Pin No. 1 2 2 3 Symbol GND RESET (MAX809) RESET (MAX810) VCC Ground RESET output remains low while VCC is below the reset voltage threshold, and for a reset timeout period after VCC rises above reset threshold RESET output remains high while VCC is below the reset voltage threshold, and for a reset timeout period after VCC rises above reset threshold Supply Voltage (Typ) Description
ABSOLUTE MAXIMUM RATINGS
Rating Power Supply Voltage (VCC to GND) RESET Output Voltage (CMOS) Input Current, VCC Output Current, RESET dV/dt (VCC) Thermal Resistance, Junction-to-Air (Note 1) Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 Seconds) ESD Protection Human Body Model (HBM): Following Specification JESD22-A114 Machine Model (MM): Following Specification JESD22-A115 Latchup Current Maximum Rating: Following Specification JESD78 Class II Positive Negative ILatchup SOT-23 SC-70 RqJA TJ Tstg Tsol Symbol VCC Value -0.3 to 6.0 -0.3 to (VCC + 0.3) 20 20 100 301 314 -40 to +105 -65 to +150 +260 2000 200 200 200 Unit V V mA mA V/msec C/W C C C V
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. This based on a 35x35x1.6mm FR4 PCB with 10mm2 of 1 oz copper traces under natural convention conditions and a single component characterization. 2. The maximum package power dissipation limit must not be exceeded. TJ(max) * TA with TJ(max) = 150C PD + RqJA
http://onsemi.com
3
MAX809 Series, MAX810 Series
ELECTRICAL CHARACTERISTICS TA = -40C to +105C unless otherwise noted. Typical values are at TA = +25C. (Note 3)
Characteristic VCC Range TA = 0C to +70C TA = -40C to +105C Supply Current VCC = 3.3 V TA = -40C to +85C TA = 85C to +105C VCC = 5.5 V TA = -40C to +85C TA = 85C to +105C Reset Threshold (Vin Decreasing) (Note 4) MAX809SN490 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX8xxLTR, MAX8xxSQ463 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX809HTR TA = +25C TA = -40C to +85C TA = +85C to +105C MAX8xxMTR, MAX8xxSQ438 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX809JTR, MAX8xxSQ400 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX8xxTTR, MAX809SQ308 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX8xxSTR, MAX8xxSQ293 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX8xxRTR, MAX8xxSQ263 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX809SN232, MAX809SQ232 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX809SN160 TA = +25C TA = -40C to +85C TA = +85C to +105C MAX809SN120, MAX8xxSQ120 TA = +25C TA = -40C to +85C TA = +85C to +105C 3. Production testing done at TA = 25C, over temperature limits guaranteed by design. 4. Contact your ON Semiconductor sales representative for other threshold voltage options. ICC - - - - VTH 4.83 4.78 4.66 4.56 4.50 4.40 4.48 4.43 4.32 4.31 4.27 4.16 3.94 3.90 3.80 3.04 3.00 2.92 2.89 2.85 2.78 2.59 2.56 2.49 2.28 2.25 2.21 1.58 1.56 1.52 1.18 1.17 1.14 4.9 - - 4.63 - - 4.55 4.97 5.02 5.14 4.70 4.75 4.86 4.62 4.67 4.78 4.45 4.49 4.60 4.06 4.10 4.20 3.11 3.16 3.24 2.96 3.00 3.08 2.66 2.70 2.77 2.35 2.38 2.45 1.62 1.64 1.68 1.22 1.23 1.26 0.5 - 0.8 - 1.2 2.0 1.8 2.5 V Symbol Min 1.0 1.2 Typ - - Max 5.5 5.5 Unit V
mA
4.38
4.00 - - 3.08 - - 2.93 - - 2.63 - - 2.32 - - 1.60 - - 1.20 - -
http://onsemi.com
4
MAX809 Series, MAX810 Series
ELECTRICAL CHARACTERISTICS (continued) TA = -40C to +105C unless otherwise noted. Typical values are at
TA = +25C. (Note 5) Characteristic Detector Voltage Threshold Temperature Coefficient VCC to Reset Delay VCC = VTH to (VTH - 100 mV) Reset Active TimeOut Period (Note 6) MAX8xxSN(Q)293D1 MAX8xxSN(Q)293D2 MAX8xxSN(Q)293D3 MAX8xxSN(Q)293 RESET Output Voltage Low (No Load) (MAX809) VCC = VTH - 0.2 V 1.6 V v VTH v 2.0 V, ISINK = 0.5 mA 2.1 V v VTH v 4.0 V, ISINK = 1.2 mA 4.1 V v VTH v 4.9 V, ISINK = 3.2 mA RESET Output Voltage High (No Load) (MAX809) VCC = VTH + 0.2 V 1.6 V v VTH v 2.4 V, ISOURCE = 200 mA 2.5 V v VTH v 4.9 V, ISOURCE = 500 mA RESET Output Voltage High (No Load) (MAX810) VCC = VTH + 0.2 V 1.6 V v VTH v 2.4 V, ISOURCE = 200 mA 2.5 V v VTH v 4.9 V, ISOURCE = 500 mA RESET Output Voltage Low (No Load) (MAX810) VCC = VTH - 0.2 V 1.6 V v VTH v 2.0 V, ISINK = 0.5 mA 2.1 V v VTH v 4.0 V, ISINK = 1.2 mA 4.1 V v VTH v 4.9 V, ISINK = 3.2 mA tRP Symbol Min - - 1.0 20 100 140 - Typ 30 10 - - - - - Max - - 3.3 66 330 460 0.3 Unit ppm/C msec msec
VOL
V
VOH
0.8 VCC
-
-
V
VOH
0.8 VCC
-
-
V
VOL
-
-
0.3
V
5. Production testing done at TA = 25C, over temperature limits guaranteed by design. 6. Contact your ON Semiconductor sales representative for timeout options availability for other threshold voltage options.
http://onsemi.com
5
MAX809 Series, MAX810 Series
TYPICAL OPERATING CHARACTERISTICS
0.6 VTH = 1.2 V SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) 0.5 0.4 25C 0.3 -40C 0.2 0.1 0 0.5 1.5 2.5 3.5 4.5 5.5 6.5 SUPPLY VOLTAGE (V) 85C 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0.5 1.5 2.5 3.5 4.5 5.5 6.5 SUPPLY VOLTAGE (V) 25C -40C VTH = 4.9 V 85C
Figure 4. Supply Current vs. Supply Voltage
0.35 0.30 SUPPLY CURRENT (mA) 0.25 0.20 0.15 0.10 0.05 0 0.5 1.5 2.5 3.5 4.5 5.5 6.5 VTH = 2.93 V 85C
Figure 5. Supply Current vs. Supply Voltage
NORMALIZED THRESHOLD VOLTAGE
1.002 1.001 1.000 0.999 0.998 0.997 0.996 0.995 0.994 -50 -25 0 25 VTH = 1.2 V VTH = 4.9 V
25C
-40C
50
75
100
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
Figure 6. Supply Current vs. Supply Voltage
Figure 7. Normalized Reset Threshold Voltage vs. Temperature
0.40
0.40 MAX809L/M, VCC = 5.0 V SUPPLY CURRENT (mA) SUPPLY CURRENT (mA) 0.32 0.24 0.16 0.08 0 -50 MAX809R/S/T, VCC = 3.3 V
0.32 MAX810L/M, VCC = 5.0 V 0.24 MAX810R/S/T, VCC = 3.3 V 0.16 0.08 0 MAX810L/M/R/S/T, VCC = 1.0 V
MAX809L/M/R/S/T, VCC = 1.0 V
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
TEMPERATURE (C)
TEMPERATURE (C)
Figure 8. Supply Current vs. Temperature (No Load, MAX809)
Figure 9. Supply Current vs. Temperature (No Load, MAX810)
http://onsemi.com
6
MAX809 Series, MAX810 Series
TYPICAL OPERATING CHARACTERISTICS
30 OUTPUT VOLTAGE VCC (mV) 25 20 85C 15 25C 10 -40C 5.0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) VTH = 4.90 V ISINK = 500 mA RESET ASSERTED OUTPUT VOLTAGE VCC-VOH (mV) 80 70 60 50 40 30 20 10 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 SUPPLY VOLTAGE (V) 85C 25C -40C VTH = 4.63 V ISOURCE = 100 mA RESET ASSERTED
Figure 10. Output Voltage Low vs. Supply Voltage
POWER-DOWN RESET DELAY (msec) POWER-DOWN RESET DELAY (msec) 125 VOD = 10 mV 100 75 50 VOD = 100 mV 25 VOD = 200 mV -25 0 25 50 75 100 125 VOD = VCC-VTH 400
Figure 11. Output Voltage High vs. Supply Voltage
VOD = VCC-VTH
VOD = 10 mV 300 VOD = 20 mV 200 VOD = 100 mV VOD = 200 mV 0 -50 -25 0 25 50
VOD = 20 mV
100
0 -50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
Figure 12. Power-Down Reset Delay vs. Temperature and Overdrive (VTH = 1.2 V)
NORMALIZED POWER-UP RESET TIMEOUT 1.3 1.2 1.1 1.0 0.9 0.8 0.7 -50
Figure 13. Power-Down Reset Delay vs. Temperature and Overdrive (VTH = 4.9 V)
-25
0
25
50
75
100
TEMPERATURE (C)
Figure 14. Normalized Power-Up Reset vs. Temperature
http://onsemi.com
7
MAX809 Series, MAX810 Series
Detail Operation Description
The MAX809/810 series microprocessor reset supervisory circuits are designed to monitor the power supplies in digital systems and provide a reset signal to the processor without any external components. Figure 2 shows the timing diagram and a typical application below. Initially consider that input voltage VCC is at a nominal level greater than the voltage detector upper threshold (VTH). And the
RESET (RESET) output voltage (Pin 2) will be in the high state for MAX809, or in the low state for MAX 810 devices.
If there is an input power interruption and VCC becomes significantly deficient, it will fall below the lower detector threshold (VTH-). This event causes the RESET output to be in the low state for the MAX809, or in the high state for the NCP810 devices. After completion of the power interruption, VCC will rise to its nominal level and become greater than the VTH. This sequence activates the internal oscillator circuitry and digital counter to count. After the count of the timeout period, the reset output will revert back to the original state.
Input Voltage
VCC VTH+ VTH-
VCC Reset Output MAX809, NCP803 VTH- 0V
Reset Output MAX810
VCC VTH- 0V tRP
Figure 15. Timing Waveforms
http://onsemi.com
8
MAX809 Series, MAX810 Series
APPLICATIONS INFORMATION The MAX809 provides accurate VCC monitoring and reset timing during power-up, power-down, and brownout/sag conditions, and rejects negative-going transients (glitches) on the power supply line. Figure 16 shows the maximum transient duration vs. maximum negative excursion (overdrive) for glitch rejection. Any combination of duration and overdrive which lies under the curve will not generate a reset signal. Combinations above the curve are detected as a brownout or power-down. Typically, transient that goes 100 mV below the reset threshold and lasts 5.0 ms or less will not cause a reset pulse. Transient immunity can be improved by adding a capacitor in close proximity to the VCC pin of the MAX809.
VCC VTH Overdrive
VCC Transient Rejection
maintained valid to VCC = 0 V, a pull-down resistor must be connected from RESET to ground to discharge stray capacitances and hold the output low (Figure 17). This resistor value, though not critical, should be chosen such that it does not appreciably load RESET under normal operation (100 kW will be suitable for most applications).
VCC
VCC MAX809/810 RESET RESET GND R1 100 k
Figure 17. Ensuring RESET Valid to VCC = 0 V
Duration MAXIMUM TRANSIENT DURATION (msec) 300 250 200 150 100 50 0 10 VTH = 2.93 V VTH = 1.2 V
BUFFER
Processors With Bidirectional I/O Pins
VTH = 4.9 V
Some Microprocessor's have bidirectional reset pins. Depending on the current drive capability of the processor pin, an indeterminate logic level may result if there is a logic conflict. This can be avoided by adding a 4.7 kW resistor in series with the output of the MAX809 (Figure 18). If there are other components in the system which require a reset signal, they should be buffered so as not to load the reset line. If the other components are required to follow the reset I/O of the Microprocessor, the buffer should be connected as shown with the solid line.
VCC 60 110 160 210 260 310 360 410 VCC MAX809/810 RESET RESET GND 4.7 k VCC RESET COMPARATOR OVERDRIVE (mV)
BUFFERED RESET TO OTHER SYSTEM COMPONENTS
Figure 16. Maximum Transient Duration vs. Overdrive for Glitch Rejection at 25C RESET Signal Integrity During Power-Down
Microprocessor
RESET GND
The MAX809 RESET output is valid to VCC = 1.0 V. Below this voltage the output becomes an "open circuit" and does not sink current. This means CMOS logic inputs to the Microprocessor will be floating at an undetermined voltage. Most digital systems are completely shutdown well above this voltage. However, in situations where RESET must be
Figure 18. Interfacing to Bidirectional Reset I/O
http://onsemi.com
9
MAX809 Series, MAX810 Series
ORDERING, MARKING AND THRESHOLD INFORMATION
Part Number MAX809SN160T1 MAX809SN160T1G MAX809SN232T1 MAX809SN232T1G MAX809RTR MAX809RTRG MAX809STR MAX809STRG NCV809STRG MAX809TTR MAX809TTRG MAX809JTR MAX809JTRG MAX809MTR MAX809MTRG MAX809HTR MAX809HTRG MAX809LTR MAX809LTRG NCV809LTRG MAX809SN490T1 MAX809SN490T1G MAX809SN120T1G MAX809SN293D1T1G MAX809SN293D2T1G MAX809SN293D3T1G MAX809SQ120T1G MAX809SQ232T1G MAX809SQ263T1G MAX809SQ293T1G MAX809SQ308T1G MAX809SQ400T1G MAX809SQ438T1G MAX809SQ463T1G MAX809SQ293D1T1G MAX809SQ293D2T1G MAX809SQ293D3T1G VTH* (V) 1.60 1.60 2.32 2.32 2.63 2.63 2.93 2.93 2.93 3.08 3.08 4.00 4.00 4.38 4.38 4.55 4.55 4.63 4.63 4.63 4.90 4.90 1.20 2.93 2.93 2.93 1.20 2.32 2.63 2.93 3.08 4.00 4.38 4.63 2.93 2.93 2.93 Timeout* (ms) 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 1-3.3 20-66 100-330 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 1-3.3 20-66 100-330 Push-Pull RESET Description Marking SAA SAA SQP SQP SPS SPS SPT SPT SUC SPU SPU SPR SPR SPV SPV SBD SBD SPW SPW STA SBH SBH SSO SSP SSQ SSR ZD ZE ZF ZG ZH SZ ZI ZJ ZK ZL ZM Package SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) Shipping
3000 / Tape & Reel
http://onsemi.com
10
MAX809 Series, MAX810 Series
ORDERING, MARKING AND THRESHOLD INFORMATION
Part Number MAX810RTR MAX810RTRG MAX810STR MAX810STRG MAX810TTR MAX810TTRG MAX810MTR MAX810MTRG MAX810LTR MAX810LTRG MAX810SN120T1G MAX810SN293D1T1G MAX810SN293D2T1G MAX810SN293D3T1G MAX810SQ120T1G MAX810SQ263T1G MAX810SQ270T1G MAX810SQ293T1G MAX810SQ400T1G MAX810SQ438T1G MAX810SQ463T1G MAX810SQ293D1T1G MAX810SQ293D2T1G MAX810SQ293D3T1G VTH* (V) 2.63 2.63 2.93 2.93 3.08 3.08 4.38 4.38 4.63 4.63 1.20 2.93 2.93 2.93 1.20 2.63 2.70 2.93 4.00 4.38 4.63 2.93 2.93 2.93 Timeout* (ms) 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 140-460 1-3.3 20-66 100-330 140-460 140-460 20-66 140-460 20-66 140-460 140-460 1-3.3 20-66 100-330 Push-Pull RESET Description Marking SPX SPX SPY SPY SPZ SPZ SQA SQA SQB SQB SSS SST SSU SSZ ZN ZO ZB ZP ZC ZQ ZR ZS ZT ZU Package SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SOT23-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) SC70-3 (Pb-Free) 3000 / Tape & Reel Shipping
For information on tape and reel specifications,including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *Contact your ON Semiconductor sales representative for other threshold voltage options.
http://onsemi.com
11
MAX809 Series, MAX810 Series
PACKAGE DIMENSIONS
SOT-23 (TO236) CASE 318-08 ISSUE AN
D
SEE VIEW C 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L L1 HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
E
1 2
HE c e b q 0.25
A A1 L L1 VIEW C
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
12
MAX809 Series, MAX810 Series
PACKAGE DIMENSIONS
SC-70 (SOT-323) CASE 419-04 ISSUE M
D e1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
3
HE
1 2
E
b e
A 0.05 (0.002) A1
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20 2.00
MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047 0.079
INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055 0.095
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025
1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
13
MAX809S/D


▲Up To Search▲   

 
Price & Availability of MAX809SN293D1T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X