Part Number Hot Search : 
IRF3717 CCF6086 LM3S6965 29LV0 946908 TMG8C60H YD3843 2AMLS4
Product Description
Full Text Search
 

To Download MAX15500GTJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-4602; Rev 0; 6/09
Industrial Analog Current/ Voltage-Output Conditioners
General Description
The MAX15500/MAX15501 analog output conditioners provide a programmable current up to Q24mA, or a voltage up to Q12V proportional to a control voltage signal. The control voltage is typically supplied by an external DAC with an output voltage range of 0 to 4.096V for the MAX15500 and 0 to 2.5V for the MAX15501. The output current and voltage are selectable as either unipolar or bipolar. In the unipolar configuration, a control voltage of 5% full-scale (FS) produces a nominal output of 0A or 0V to achieve underrange capability. A control voltage of 100%FS produces one of two programmable levels (105%FS or 120%FS) to achieve overrange capability. The outputs of the MAX15500/MAX15501 are protected against overcurrent conditions and a short to ground or supply voltages up to Q35V. The devices also monitor for overtemperature and supply brownout conditions. The supply brownout threshold is programmable. The MAX15500/MAX15501 are programmed through an SPIK interface capable of daisy-chained operation. The MAX15500/MAX15501 provide extensive error reporting through the SPI interface and an additional open-drain interrupt output. The devices include an analog output to monitor load conditions. The MAX15500/MAX15501 operate over the -40NC to +105NC temperature range. The devices are available in a 32-pin, 5mm x 5mm TQFN package.
S Supply Voltage Up to Q32.5V S Output Protected Up to Q35V S Programmable Output (Plus Overrange)
Features
MAX15500/MAX15501
S S S S S S S
S
10V 0 to 10V 0 to 5V 20mA 0 to 20mA 4 to 20mA Current Output Drives 0 to 1kI Voltage Output Drives Loads Down to 1kI HART Compliant 2ppm Gain Error Drift Over Temperature SPI Interface, with Daisy-Chain Capability Supports +4.096V (MAX15500) or +2.5V (MAX15501) Full-Scale Input Signals Extensive Error Reporting Short-Circuit and Overcurrent Protection Open-Circuit Detection Brownout Detection Overtemperature Protection Fast, 40s Settling Time
Ordering Information
PART MAX15500GTJ+ MAX15501GTJ+ PIN-PACKAGE 32 TQFN 32 TQFN REFERENCE +4.096V +2.5V
Applications
Programmable Logic Controllers (PLCs) Distributed I/Os Embedded Systems Industrial Control and Automation
Note: All devices are specified over the -40NC to +105NC operating temperature range. +Denotes a lead(Pb)-free/RoHS-compliant package. SPI is a trademark of Motorola, Inc.
Pin Configuration
SENSEVN SENSERN AVDDO AVSSO 17 16 15 14 N.C. AGND AIN REFIN AGND FSMODE FSSEL OUTDIS 13 12 11 10 9 1 SCLK 2 DIN 3 DOUT 4 READY 5 ERROR 6 DVDD 7 DGND 8 N.C. COMP 18 EP* N.C. OUT 19
Simplified Block Diagram
DVDD SCLK DIN DOUT CS1 CS2 READY AIN ERROR MON REFIN ERROR HANDLING BIDIRECTIONAL VOLTAGE DRIVER AVDD AVDDO
TOP VIEW
24 SENSEVP 25
23
22
SENSERP 21
20
MAX15500 MAX15501
SPI INTERFACE BIDIRECTIONAL CURRENT DRIVER ERROR HANDLING OVERCURRENT PROTECTION
AVDD 26
SENSERN SENSERP COMP OUT
AGND 27 AVSS 28 MON 29 CS1 30 CS2 31
MAX15500 MAX15501
+
SENSEVP SENSEVN
N.C. 32
FSMODE
FSSEL
AVSS
AVSSO
AGND
DGND
OUTDIS
*EXPOSED PAD.
TQFN
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND .....................................................-0.3V to +35V AVSS to AGND ......................................................-35V to +0.3V AVDD to AVSS............................................................. 0 to +70V AVDD to AVDDO ........................................................... 0 to +4V AVSS to AVSSO............................................................ -4V to 0V DGND to AGND ...................................................-0.3V to +0.3V AVDD to DVDD.........................................................-6V to +35V DVDD to DGND ....................................................-0.3V to +6.0V CS1, CS2, SCLK, DIN, DOUT, READY, ERROR, FSMODE, MON, OUTDIS, FSSEL to DGND......................-0.3V to +6.0V AIN, REFIN to AGND ............................................-0.3V to +6.0V SENSEVP, SENSEVN, SENSERP, SENSERN to AGND ..the higher of -35V and (AVSS - 0.3V) to the lower of (AVDD + 0.3V) and +35V OUT, COMP to AGND ... the higher of -35V and (AVSS - 0.3V) to the lower of (AVDD + 0.3V) and +35V Maximum Current on Pin ............................................... 100mA Continuous Power Dissipation (derate 34.5mW/NC above +70NC) 32-Pin TQFN (TA = +70NC, multilayer board) .........2758.6mW Operating Temperature Range ........................ -40NC to +105NC Storage Temperature Range............................ -65NC to +150NC Lead Temperature (soldering, 10s) ................................+300NC
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER POWER SUPPLY (Note 1) Analog Positive Supply Voltage Analog Negative Supply Voltage AVDD to AVDDO Voltage Difference AVSS to AVSSO Voltage Difference Digital Supply Voltage Analog Positive Supply Current Analog Negative Supply Current Digital Supply Current Analog Positive Standby Current Analog Negative Standby Current ANALOG INPUT (AIN, REFIN) Input Impedance Input Capacitance Analog Input Full Scale REFIN Full-Scale Input RIN CIN VAIN VREFIN FSSEL = DVDD, MAX15500 FSSEL = DGND, MAX15501 FSSEL = DVDD, MAX15500 FSSEL = DGND, MAX15501 4.0 2.4 4.0 2.4 10 10 4.096 2.5 4.096 2.5 4.2 2.6 4.2 2.6 kI pF V V VAVDD VAVSS VAVDDO VAVSSO VDVDD IAP IAN IDVDD ISTBYP ISTBYN IAP = IAVDD + IAVDDO, ILOAD = 0 IAN = IAVSS + IAVSSO, ILOAD = 0 VDVDD = 5V ISTBYP = IAVDD + IAVDDO, OUTDIS = DGND or software standby mode ISTBYN = IAVSS + IAVSSO, OUTDIS = DGND or software standby mode -7 5% overrange (FSMODE = DVDD) 20% overrange (FSMODE = DGND) 5% overrange (FSMODE = DVDD) 20% overrange (FSMODE = DGND) (Note 1) (Note 1) 2.7 5 -4.5 0.1 1 -0.5 0.4 15 18.5 -32.5 -32.5 24 24 -24 -24 2.5 2.5 5.25 7 32.5 32.5 -15 -18.5 V V V V V mA mA mA mA mA SYMBOL CONDITIONS MIN TYP MAX UNITS
2
______________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER CURRENT OUTPUT (Note 2) Maximum Load Resistance Maximum Load Inductance Maximum Load Capacitance RLOAD LLOAD CLOAD VAVDD = +24V, VAVSS = -24V VAVDD = +32.5V, VAVSS = -32.5V CCOMP = 100nF (Note 3) CCOMP = 4.7nF To 0.1% accuracy, LLOAD = 20FH, CCOMP = 0nF To 0.1% accuracy, LLOAD = 1mH, CCOMP = 0.15nF Full-scale step from 0 to 20mA or -20mA to + 20mA, RLOAD = 750I To 0.1% accuracy, LLOAD = 10mH, CCOMP = 0.15nF To 0.01% accuracy, LLOAD = 20FH, CCOMP = 0nF To 0.01% accuracy, LLOAD = 10mH, CCOMP = 0.15nF To 0.1% accuracy, LLOAD = 20FH, CCOMP = 0nF To 0.1% accuracy, LLOAD = 1mH, CCOMP = 0.15nF 1% full-scale step, RLOAD = 750I To 0.1% accuracy, LLOAD = 10mH, CCOMP = 0.15nF To 0.01% accuracy, LLOAD = 20FH, CCOMP = 0nF To 0.01% accuracy, LLOAD = 10mH, CCOMP = 0.15nF Full-Scale Output Current IOUT VFSMODE = VDVDD VFSMODE = VDGND 750 1000 15 100 40 I mH FF SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX15500/MAX15501
500
500
60
600 Fs 20
Maximum Settling Time
100
100
40
200 Q21 Q24 mA
_______________________________________________________________________________________
3
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER Offset Error Offset-Error Drift 0.01% precision RSENSE, tested according to the ideal transfer functions shown in Table 8 No RSENSE drift INL (dIOUT/dVOUT), IOUT = 24mA, RLOAD = 750I to 0I, FSMODE = DGND, unipolar mode PSRR At DC, VAVDD = +24V to +32.5V, VAVSS = -24V to -32.5V, VAIN = VREFIN, unipolar mode, FSMODE = DVDD RSENSE shorted 0.1Hz to 10Hz At 1kHz 25 MAX15500 SYMBOL CONDITIONS VAIN = 5% of VREFIN (unipolar mode), VAIN = 50% of VREFIN (bipolar mode) MIN TYP Q0.1 Q5 Q0.1 Q0.51 %FS MAX15501 Q0.1 Q2 0.05 1.0 Q0.5 ppm/NC %FS FA/V MAX Q0.5 UNITS %FS ppm/NC
Gain Error
GE
Gain-Error Drift Integral Nonlinearity Error Output Conductance
Power-Supply Rejection Ratio Overcurrent Limit Output Current Noise Output Slew Rate Small-Signal Bandwidth Maximum OUT Voltage to AVDDO Minimum OUT Voltage to AVSSO VOLTAGE OUTPUT (RLOAD = 1kI) Minimum Resistive Load Maximum Capacitive Load
1.6 30 20 2.6 1.5 30 40
FA/V mA nARMS nA/Hz mA/Fs kHz V V
VAVDDO - VOUT VOUT - VAVSSO RLOAD CLOAD CCOMP = 4.7nF To 0.1% accuracy, load = 1kI in parallel with 1nF, CCOMP = 0nF
2.0 2.0
1 100 20 1000
kI FF
Maximum Settling Time (FullScale Step)
To 0.1% accuracy, load = 1kI in parallel with 1FF, CCOMP = 4.7nF To 0.01% accuracy, load = 1kI in parallel with 1nF, CCOMP = 0nF To 0.01% accuracy, load = 1kI in parallel with 1FF, CCOMP = 4.7nF
Fs 30 1300
4
______________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER SYMBOL CONDITIONS To 0.1% accuracy, load = 1kI in parallel with 1nF, CCOMP = 0nF Maximum Settling Time (1% Full-Scale Step) To 0.1% accuracy, load = 1kI in parallel with 1FF, CCOMP = 4.7nF To 0.01% accuracy, load = 1kI in parallel with 1nF, CCOMP = 0nF To 0.01% accuracy, load = 1kI in parallel with 1FF, CCOMP = 4.7nF Gain Error Gain-Error Drift FSMODE = DVDD Full-Scale Output Voltage VOUT FSMODE = DGND 5V range 10V range 5V range 10V range Tested according to the ideal transfer functions shown in Table 9 MIN TYP 10 300 Fs 20 600 Q0.1 Q2 5.25 10.5 6 12 Q0.1 Q2 INL PSRR At DC, VAVDD = +18.5V to +32.5V, VAVSS = -18.5V to -32.5V, VAIN = VREFIN 0.1Hz to 10Hz 1kHz 20 VAVDDO - VOUT VOUT - VAVSSO 0.05 30 16.3 250 1.5 30 2.0 2.0 45 Q0.5 %FS ppm/NC %FS FV/V FVRMS nV/Hz V/Fs mA V V V Q0.5 %FS ppm/NC MAX UNITS
MAX15500/MAX15501
Offset Error Offset-Error Drift Integral Nonlinearity Error Power-Supply Rejection Output-Voltage Noise Output-Voltage Slew Rate Short-Circuit Current Maximum OUT Voltage to AVDDO Minimum OUT Voltage to AVSSO
VAIN = 5% of VREFIN (unipolar mode), VAIN = 50% of VREFIN (bipolar mode)
_______________________________________________________________________________________
5
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER OUTPUT MONITOR (MON) Current mode, see the Output Monitor section for VMON equations Voltage mode, see the Output Monitor section for VMON equations 3 V 3 35 +150 10 kI NC NC SYMBOL CONDITIONS MIN TYP MAX UNITS
Maximum Output Voltage
Output Resistance OVERTEMPERATURE DETECTION Overtemperature Threshold Overtemperature Threshold Hysteresis DIGITAL INPUTS (CS1, CS2, SCLK, DIN, OUTDIS, FSSEL, FSMODE) Input High Voltage Input Low Voltage Input Hysteresis Input Leakage Current Input Capacitance VIH VIL VIHYST IIN CIN ISINK = 4mA ISOURCE = 4mA DOUT only DOUT only VDVDD = 5.25V ISINK = 5.0mA VDVDD 0.5 VINPUT = 0V or VDVDD 0.7 x VDVDD
V 0.3 x VDVDD 300 Q0.1 10 0.4 Q1.0 V mV FA pF V V Q0.1 15 Q150 0.4 Q0.1 15 Q1.0 Q10 FA pF mA V FA pF mA
DIGITAL OUTPUT (DOUT, READY) Output Low Voltage VOL Output High Voltage Output Three-State Leakage Output Three-State Capacitance Output Short-Circuit Current DIGITAL INTERRUPT (ERROR) Interrupt Active Voltage Interrupt Inactive Leakage Interrupt Inactive Capacitance Interrupt Short-Circuit Current VOH IOZ COZ IOSS VINT IINTZ CINTZ IINTSS
VDVDD = 2.7V
5
30
6
______________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +24V, VAVSS = -24V, VDVDD = 5.0V, CLOAD = 1nF, CCOMP = 0nF, VREFIN = 4.096V for the MAX15500, VREFIN = 2.5V for the MAX15501. All specifications for TA = -40NC to +105NC. Typical values are at TA = +25NC, unless otherwise noted.) PARAMETER TIMING CHARACTERISTICS Serial-Clock Frequency SCLK Pulse-Width High SCLK Pulse-Width Low CS_ Fall to SCLK Fall Setup Time SCLK Fall to CS_ Fall Hold Time DIN to SCLK Fall Setup Time DIN to SCLK Fall Hold Time SCLK Fall to DOUT Settle Time SCLK Fall to DOUT Hold Time SCLK Fall to DOUT Disable SCLK Fall to READY Fall CS_ Fall to DOUT Enable CS_ Rise to DOUT Disable CS_ Rise to READY Rise CS_ Pulse-Width High fSCLK tCH tCL tCSS tCSH tDS tDH tDOT tDOH tDOZ tCR tDOE tCSDOZ tCSR tCSW CLOAD = 20pF CLOAD = 0pF 14th SCLK deassertion (Note 6) 16th SCLK assertion, CLOAD = 0pF or 20pF Asynchronous assertion Asynchronous deassertion Asynchronous deassertion, CLOAD = 20pF 15 2 1 2 30 30 35 35 35 (Note 4) 40% duty cycle 60% duty cycle To 1st SCLK falling edge (Note 5) 0 20 20 15 0 15 0 30 20 MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX15500/MAX15501
Note 1: Use diodes as shown in the Typical Operating Circuit/Functional Diagram to ensure a voltage difference of 2V to 3.5V from AVDD to AVDDO and from AVSS to AVSSO. Note 2: RLOAD = 750I. For the MAX15500, RSENSE = 48.7I for FSMODE = DVDD and RSENSE = 42.2I for FSMODE = DGND. For the MAX15501, RSENSE = 47.3I for FSMODE = DVDD and RSENSE = 41.2I for FSMODE = DGND. See the Typical Operating Circuit/Functional Diagram. Note 3: Condition at which part is stable. Note 4: The maximum clock speed for daisy-chain applications is 10MHz. Note 5: tCSH is applied to CS_ falling to determine the 1st SCLK falling edge in a free-running SCLK application. It is also applied to CS_ rising with respect to the 15th SCLK falling edge to determine the end of the frame. Note 6: After the 14th SCLK falling edge, the MAX15500/MAX15501 outputs are high impedance and DOUT data is ignored.
_______________________________________________________________________________________
7
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Typical Operating Characteristics
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
SUPPLY CURRENT vs. TEMPERATURE
MAX15500 toc01
VOLTAGE-MODE OUTPUT SLEW RATE vs. TEMPERATURE
MAX15500 toc02
CURRENT-MODE OUTPUT SLEW RATE vs. TEMPERATURE
RLOAD = 750I CLOAD = 1FF
MAX15500 toc03
10 8 6 SUPPLY CURRENT (mA) 4 2 0 -2 -4 -6 -8 10
NO LOAD
3.0 NO LOAD 2.5 OUTPUT SLEW RATE (V/Fs) 2.0 1.5 1.0 0.5 0
3.0 2.5 2.0 1.5 1.0 0.5 0
IAVDD
IAVSS -40 -25 -10 5 20 35 50 65 80 95 105 TEMPERATURE (NC)
-40 -25 -10 5
20 35 50 65 80 95 105 TEMPERATURE (NC)
OUTPUT SLEW RATE (mA/Fs)
-40 -25 -10 5
20 35 50 65 80 95 105 TEMPERATURE (NC)
VOLTAGE-MODE OUTPUT NOISE vs. FREQUENCY
MAX15500 toc04
CURRENT-MODE OUTPUT NOISE vs. FREQUENCY
900 OUTPUT NOISE (FV/ Hz) 800 700 600 500 400 300 200 100 0 VIN = 200mV UNIPOLAR CURRENT MODE (0 to 20mA)
MAX15500 toc05
1000 900 OUTPUT NOISE (FV/ Hz) 800 700 600 500 400 300 200 100 0 10
VIN = 0V UNIPOLAR VOLTAGE MODE (0 to 5V)
1000
100 1k FREQUENCY (Hz)
10k
10
100 1k FREQUENCY (Hz)
10k
DIGITAL FEEDTHROUGH
MAX15500 toc06
VOLTAGE-MODE PSRR vs. SUPPLY VOLTAGE
90 80 PSRR (FV/V) 70 60 50 40 30 20 10 0 24 26 28 30 SUPPLY VOLTAGE (V) 32 VIN = 4.096V
MAX15500 toc07
100
SCLK 2V/div VOUT (AC-COUPLED) 1mV/div SCLK = DIN SCLK = 1MHz CS = HIGH VIN = 0.5 x REFIN 400ns/div
8
______________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Typical Operating Characteristics (continued)
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
CURRENT-MODE PSRR vs. SUPPLY VOLTAGE
0.9 0.8 0.7 PSRR (FA/V) 0.6 0.5 0.4 0.3 0.2 0.1 0 24 25 26 27 28 29 30 SUPPLY VOLTAGE (V) 31 32 40Fs/div
MAX15500 toc08
MAX15500/MAX15501
LOAD TRANSIENT (VOLTAGE MODE)
MAX15500 toc09
1.0
IOUT 10mA/div OmA VOUT (AC-COUPLED) 20mV/div
LOAD TRANSIENT (CURRENT MODE)
MAX15500 toc10
FULL-SCALE OUTPUT VOLTAGE vs. TEMPERATURE
FULL-SCALE OUTPUT VOLTAGE (ppm/NC) 16 12 8 4 0 -4 -8 -12 -16 -20 -40 -25 -10 5 20 35 50 65 80 95 TEMPERATURE (NC) VIN = 4.096V
MAX15500 toc11 MAX15500 toc13
20
VOUT 10V/div O IOUT 10mA/div
0mA
40Fs/div
OUTPUT CURRENT DRIFT vs. TEMPERATURE
VIN = 4.096V
MAX15500 toc12
STANDBY SUPPLY CURRENT vs. TEMPERATURE
2.0 1.5 SUPPLY CURRENT (mA) 1.0 0.5 0 -0.5 -1.0 -1.5 IAVSS IAVDD NO LOAD
10 OUTPUT CURRENT DRIFT (ppm/NC) 6 2 -2 -6 -10
-2.0 -40 -25 -10 5 20 35 50 65 80 95 TEMPERATURE (NC) -40 -25 -10 5 20 35 50 65 80 95 TEMPERATURE (NC)
_______________________________________________________________________________________
9
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Typical Operating Characteristics (continued)
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
WAKEUP FROM STANDBY (VOLTAGE MODE)
WAKEUP FROM STANDBY (CURRENT MODE)
MAX15500 toc15
GAIN vs. FREQUENCY (HART COMPLIANT)
BIPOLAR CURRENT MODE
MAX15500 toc16
MAX15500 toc14
0 -4 -8 -12 -16 -20 VIN = 40mVP-P 10 100 1k 10k FREQUENCY (Hz) UNIPOLAR CURRENT MODE
0V 5V/div VOUT 0V
FULL-SCALE INPUT BIPOLAR VOLTAGE MODE 5% OVERRANGE
50Fs/div
IOUT 10mA/div
GAIN (dB)
2V/div OUTDIS
OUTDIS 2V/div
40Fs/div
100k
SMALL-SIGNAL STEP RESPONSE (CURRENT MODE)
MAX15500 toc17
SMALL-SIGNAL STEP RESPONSE (VOLTAGE MODE)
MAX15500 toc18
OUTPUT SHORT-CIRCUIT CURRENT vs. TEMPERATURE
34.5 SHORT-CIRCUIT CURRENT (mA) VIN = 4.096V
MAX15500 toc19 MAX15500 toc22
35.0 34.0 33.5 33.0 32.5 32.0 31.5 31.0 30.5 30.0
VIN 20mV/div
VIN (AC-COUPLED) 50mV/div
IOUT 100FA/div
VOUT (AC-COUPLED) 100mV/div
5Fs/div
1Fs/div
-40 -25 -10 5 20 35 50 65 80 95 TEMPERATURE (NC)
VOLTAGE-MODE MON TRANSFER CURVE vs. OUTPUT CURRENT
MAX15500 toc20
CURRENT-MODE MON TRANSFER CURVE vs. OUTPUT VOLTAGE
MAX15500 toc21
VOLTAGE-MODE MAXIMUM OUT TO AVDDO VOLTAGE vs. TEMPERATURE
1.0 MAXIMUM INTERNAL VOLTAGE DROP (V) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -25 -10 5 20 35 50 65 80 95 TEMPERATURE (NC) VIN = 4.096V
3.0 2.6 2.2 1.8 1.4 1.0 0 1 2 3 4 67 IOUT (mA) 5 8 VIN = 4.096V NO LOAD ON MON
3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0
VIN = 4.096V NO LOAD ON MON
MON (V)
MON (V)
9 10 11
0
4
8 VOUT (V)
12
16
10
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Typical Operating Characteristics (continued)
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
CURRENT-MODE OUTPUT CONDUCTANCE vs. OUTPUT VOLTAGE
MAX15500 toc23
MAX15500/MAX15501
LARGE-SIGNAL SETTLING TIME (VOLTAGE MODE, RISING EDGE)
MAX15500 toc24
LARGE-SIGNAL SETTLING TIME (VOLTAGE MODE, FALLING EDGE)
MAX15500 toc25
2.0 1.8 OUTPUT CONDUCTANCE (FA/V) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12 OUTPUT VOLTAGE (V) 14
RL = 1kI
VIN 5V/div VOUT 5V/div
RL = 1kI
VIN 5V/div 0 VOUT 5V/div
CL = 1nF, CCOMP = 0nF
CL = 47nF, CCOMP = 0nF CL = 470nF, CCOMP = 4.7nF
CL = 470nF, CCOMP = 4.7nF CL = 47nF, CCOMP = 0nF
CL = 1nF, CCOMP = 0nF 16 100Fs/div 100Fs/div
LARGE-SIGNAL SETTLING TIME (VOLTAGE MODE, RISING EDGE)
MAX15500 toc26
LARGE-SIGNAL SETTLING TIME (VOLTAGE MODE, RISING EDGE)
MAX15500 toc27
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, RISING EDGE)
MAX15500 toc28
RL = 1kI VIN 5V/div CL = 1FF, CCOMP = 4.7nF CL = 10FF, CCOMP = 4.7nF VOUT CL = 100FF, CCOMP = 4.7nF VOUT 5V/div VIN 5V/div CL = 100FF, CCOMP = 4.7nF CL = 10FF, CCOMP = 4.7nF CL = 1FF, CCOMP = 4.7nF
RL = 1kI VIN 5V/div LL = 22FH, CCOMP = 0nF
RL = 750I
LL = 220FH, CCOMP = 0nF LL = 1mH, CCOMP = 1nF
IOUT 4mA/div
10ms/div
10ms/div
200Fs/div
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, FALLING EDGE)
MAX15500 toc29
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, RISING EDGE)
MAX15500 toc30
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, FALLING EDGE)
MAX15500 toc31
RL = 750I VIN 5V/div LL = 22FH, CCOMP = 0nF LL = 220FH, CCOMP = 0nF LL = 1mH, CCOMP = 1nF IOUT 4mA/div VIN 5V/div LL = 22FH, CCOMP = 0.15nF
RL = 20I VIN
RL = 20I
LL = 220FH, CCOMP = 0.47nF LL = 1mH, CCOMP = 1nF IOUT 4mA/div IOUT 4mA/div LL = 1mH, CCOMP = 1nF LL = 220FH, CCOMP = 0.47nF LL = 22FH, CCOMP = 0.15nF 20Fs/div
200Fs/div
20Fs/div
______________________________________________________________________________________
11
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Typical Operating Characteristics (continued)
(VAVDD = +24V, VDVDD = +5V, VAVSS = -24V, CLOAD = 1nF, 5% overrange mode, unipolar current output or bipolar voltage-output mode, VREFIN = +4.096V, TA = +25NC, unless otherwise specified.)
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, RISING EDGE)
MAX15500 toc32
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, FALLING EDGE)
MAX15500 toc33
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, RISING EDGE)
MAX15500 toc34
RL = 750I VIN 5V/div VIN 5V/div
RL = 750I VIN 5V/div LL = 80mH, CCOMP = 470nF LL = 50mH, CCOMP = 100nF LL = 10mH, CCOMP = 10nF IOUT 4mA/div IOUT 4mA/div LL = 80mH, CCOMP = 470nF
RL = 20I LL = 10mH, CCOMP = 10nF LL = 50mH, CCOMP = 100nF
LL = 50mH, CCOMP = 100nF LL = 80mH, CCOMP = 470nF LL = 10mH, CCOMP = 10nF
IOUT 4mA/div
100ms/div
100ms/div
10ms/div
LARGE-SIGNAL SETTLING TIME (CURRENT MODE, FALLING EDGE)
MAX15500 toc35
CURRENT-MODE INL
MAX15500 toc36
VOLTAGE-MODE INL
VIN = 4.096V 0.03 0.02 INL (%FS) 0.01 0 -0.01 -0.02 -0.03 -0.04
MAX15500 toc37
RL = 20I VIN 20V/div LL = 50mH, CCOMP = 100nF LL = 10mH, CCOMP = 10nF IOUT 4mA/div INL (%FS) LL = 80mH, CCOMP = 470nF
0.04 0.03 0.02 0.01 0 -0.01 -0.02 -0.03 -0.04
VIN = 4.096V
0.04
10ms/div
0
0.6
1.2
1.8 2.4 VIN (V)
3.0
3.6
4.2
0
0.6
1.2
1.8 2.4 VIN (V)
3.0
3.6
4.2
VOLTAGE-MODE SHORT-CIRCUIT DETECTION
CURRENT-MODE OPEN-CIRCUIT DETECTION
MAX15500 toc38
MAX15500 toc39
50mA/div
IOUT 0mA
50mA/div
IOUT 0mA ERROR
ERROR 2V/div 2V/div
100ms/div
100ms/div
12
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Pin Description
PIN 1 2 3 NAME SCLK DIN DOUT FUNCTION SPI Clock Input. Activate SCLK only when CS_ is low to minimize noise coupling. SPI Data Input. Data is clocked into the serial interface on the falling edge of SCLK. SPI Data Output. Data transitions at DOUT on the rising edge of SCLK. DOUT is high impedance when either CS1 or CS2 is high. Active-Low Device Ready Output. READY is an active-low output that goes low when the device successfully completes processing an SPI data frame. READY returns high at the next rising edge of CS_. In daisy-chain applications, the READY output typically drives the CS_ input of the next device in the chain or a GPIO of a microcontroller. Active-Low Flag Output. ERROR is an open-drain output that pulls low when output short circuit, output open circuit, overtemperature, or brownout conditions occur. ERROR typically drives an interrupt input of a microcontroller. The ERROR output is cleared after the internal error register is read through the SPI interface. Connect a 10k pullup resistor from ERROR to DVDD. Digital Power-Supply Voltage Input. Apply either a 3V or 5V nominal voltage supply to DVDD. DVDD powers the digital portion of the MAX15500/MAX15501. Bypass DVDD to DGND with a 0.1FF capacitor as close as possible to the device. Digital Ground No Connection. Not internally connected. Active-Low Output Disable Input. OUTDIS is an active-low logic input that forces the analog output to 0A or 0V and puts the device in standby mode when connected to DGND. Connect OUTDIS to DVDD for normal operation. Full-Scale Select Input. Connect FSSEL to DVDD for the MAX15500 when applying a +4.096V reference at REFIN. Connect FSSEL to DGND for the MAX15501 when applying a +2.50V reference at REFIN. Overrange Mode Select Input. Connect FSMODE to DVDD to set the output voltage to 105%FS when the input voltage is equal to the full-scale value. Connect FSMODE to DGND to set the output voltage to 120%FS when the input voltage is equal to the full-scale value. FSMODE has no effect in current mode. Analog Ground Reference Voltage Input. Connect REFIN to an external +4.096V reference for the MAX15500 or +2.5V reference for the MAX15501. REFIN is used to set the offset for unipolar and bipolar modes. Analog Signal Input. The analog input signal range at AIN is from 0V to the nominal full scale of +4.096V for the MAX15500 and +2.5V for the MAX15501. Negative Output Driver Supply Voltage Input. AVSSO provides power to the driver output stage. Bypass AVSSO to AVSS with a 0.1FF capacitor. Use diodes as shown in the Typical Operating Circuit/Functional Diagram to ensure a voltage difference of 2V to 3.5V between AVSS and AVSSO. Output Amplifier Compensation Feedback Node. Connect a compensation capacitor from COMP to OUT. See Table 10 for the recommended compensation capacitor values.
MAX15500/MAX15501
4
READY
5
ERROR
6 7 8, 16, 24, 32 9
DVDD DGND N.C.
OUTDIS
10
FSSEL
11
FSMODE
12, 15, 27 13 14
AGND REFIN AIN
17
AVSSO
18
COMP
______________________________________________________________________________________
13
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Pin Description (continued)
PIN 19 NAME OUT FUNCTION Analog Output. The analog voltage or current output range at OUT is programmable. See Tables 1 to 4 for possible output range settings. Positive Output Driver Supply Voltage Input. AVDDO provides power to the driver output stage. Bypass AVDDO to AVDD with a 0.1FF capacitor. Use diodes as shown in the Typical Operating Circuit/Functional Diagram to ensure a voltage difference of 2V to 3.5V between AVDD and AVDDO. Sense Resistor Positive Connection. See the Typical Operating Circuit/Functional Diagram for the typical connection. Sense Resistor Negative Connection. See the Typical Operating Circuit/Functional Diagram for the typical connection. Kelvin Sense Voltage Negative Input. See the Typical Operating Circuit/Functional Diagram for the typical connection. Kelvin Sense Voltage Positive Input. See the Typical Operating Circuit/Functional Diagram for the typical connection. Positive Analog Supply Voltage Input. Bypass AVDD to AGND with a 0.1FF capacitor. Negative Analog Supply Voltage Input. Bypass AVSS to AGND with a 0.1FF capacitor. Load Monitoring Output. MON provides an analog 0 to 3V output. See the Output Monitor section. Active-Low SPI Chip-Select Input 1. See the SPI Interface section. Active-Low SPI Chip-Select Input 2. See the SPI Interface section. Exposed Pad. Internally connected to AVSS. Connect to AVSS. Connect to a large copper area to maximize thermal performance. Do not connect ground or signal lines through EP.
20
AVDDO
21 22 23 25 26 28 29 30 31 --
SENSERP SENSERN SENSEVN SENSEVP AVDD AVSS MON CS1 CS2 EP
14
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Typical Operating Circuit/Functional Diagram
MAX15500/MAX15501
24V 5V
0.1FF 0.1FF 0.1FF AVDD AVDDO
DVDD
DAC
AIN
10kI
SENSEVP SENSERP PGA COMP OUT SENSERN SENSEVN OFFSET GENERATOR OUTPUT STAGE WRITE SCLK CS FC READ DIN SCLK CS1 CS2 DOUT DVDD POR SPI INTERFACE/ LOGIC I/O BROWNOUT TEMP MONITOR AGND DGND 0.1FF 0.1FF AVSS MON CCOMP RSENSE
CABLE1
2.5V/4.096V REF
REFIN
10kI
CABLE2 RLOAD CABLE3 CLOAD
ADC
MAX15500 MAX15501
AVSSO
OUTDIS
FSSEL*
INT GPIO
ERROR READY DVDD
FSMODE
-24V *FSSEL IS CONNECTED TO DGND FOR THE MAX15501.
______________________________________________________________________________________
15
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Detailed Description
The MAX15500/MAX15501 output a programmable current up to Q24mA or a voltage up to Q12V proportional to a control signal at AIN. The devices operate from a dual 15V to 32.5V supply. The control voltage applied at AIN is typically supplied by an external DAC with an output voltage range of 0 to 4.096V for the MAX15500 and 0 to 2.5V for the MAX15501. The MAX15500/MAX15501 are capable of both unipolar and bipolar current and voltage outputs. In current mode, the devices produce currents of -1.2mA to +24mA or -24mA to +24mA. In voltage mode, the devices produce voltages of -0.3V to +6V, -0.6V to +12V, or Q12V. To allow for overrange and underrange capability in unipolar mode, the transfer function of the MAX15500/MAX15501 is offset such that when the voltage at AIN is 5% of full scale, IOUT is 0mA and VOUT is 0V. Once VAIN attains full scale, VOUT or IOUT becomes full scale +5% or +20% depending on the state of FSMODE. The MAX15500/MAX15501 are protected against overcurrent and short-circuit conditions when OUT goes to ground or a voltage up to Q32.5V. The devices also monitor for overtemperature and supply brownout conditions. The supply brownout threshold is programmable between 10V and 24V in 2V increments. The MAX15500/MAX15501 are programmed through an SPI interface with daisy-chain capability. A device ready logic output (READY) and two device select inputs (CS1 and CS2) facilitate a daisy-chain arrangement for multiple device applications. The MAX15500/MAX15501 provide extensive error reporting of short-circuit, open-circuit, brownout, and overtemperature conditions through the SPI interface and an additional open-drain interrupt output (ERROR). The MAX15500/MAX15501 include an analog 0 to 3V output (MON) to monitor the load condition at OUT. The MAX15500/MAX15501 support two output modes: current and voltage. Each mode has different full-scale output values depending on the state of FSMODE as detailed in Tables 1 to 4 and Figures 1 and 2. Use the device configuration register in Table 6 to select the desired voltage or current output range. During startup, the MAX15500/MAX15501 output is set to zero and all register bits are set to zero. The devices remain in standby mode until they are configured through the SPI interface. The input voltage full-scale level is selectable between 2.5V and 4.096V using logic input FSSEL. The MAX15500 is specified for a 0 to 4.096V input voltage range, while the MAX15501 is specified for a 0 to 2.500V input voltage range. Connect FSSEL to DVDD to set the input range to 0 to 4.096V for the MAX15500. Connect FSSEL to DGND to set the input range to 0 to 2.500V for the MAX15501.
Analog Section
Startup
Input Voltage Range
Table 1. Output Values for FSMODE = DVDD, Unipolar 5% Overrange
OUTPUT RANGE 0 to 20mA (4mA to 20mA) 0 to 5V 0 to 10V OUTPUT VALUES VAIN = 5%FS 0mA 0V 0V VAIN = FS 21mA 5.25V 10.5V
Table 3. Output Values for FSMODE = DVDD, Bipolar 5% Overrange
OUTPUT RANGE Q20mA Q10V OUTPUT VALUES VAIN = 0V -21mA -10.5V VAIN = FS +21mA +10.5V
Table 2. Output Values for FSMODE = DGND, Unipolar 20% Overrange
OUTPUT RANGE 0 to 20mA (4mA to 20mA) 0 to 5V 0 to 10V 16 OUTPUT VALUES VAIN = 5%FS 0mA 0V 0V VAIN = FS 24mA 6V 12V
Table 4. Output Values for FSMODE = DGND, Bipolar 20% Overrange
OUTPUT RANGE Q20mA Q10V OUTPUT VALUES VAIN = 0V -24mA -12V VAIN = FS +24mA +12V
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
The MON output provides an analog voltage signal proportional to the output voltage in current mode and proportional to the output current in voltage mode. Use this signal to measure the system load presented to the output. The full-scale signal on MON is 3V with a typical accuracy of 10%. The signal range is typically 1.5V to 3V in unipolar mode and 0 to 3V in bipolar mode. In current mode, the MAX15500/MAX15501 program IOUT and monitor the voltage at SENSERN. VMON = 1.425V + (VSENSERN/20) RLOAD = ((VMON - 1.425V) x 20)/IOUT(PROGRAMMED) In voltage mode, the MAX15500/MAX15501 program VOUT and monitor IOUT. VMON = 1.521V + 62.4 x ILOAD RLOAD = VOUT(PROGRAMMED)/((VMON - 1.521V)/62.4) Many industrial control systems require error detection and handling. The MAX15500/MAX15501 provide extensive error status reporting. An open-drain interrupt flag output, ERROR, pulls low when an error condition is detected. An error register stores the error source. Reading the error register once
Output Short Circuit
Output Monitor
resets the ERROR pin but not the error register itself, allowing the system to determine the source of the error and take steps to fix the error condition. After the error condition has been fixed, read the error register for the second time to allow the device to clear the error register. Read the error register for the third time to verify if the error register has been cleared. If another error occurs after the first read, ERROR goes low again. More information on reading and clearing the error register is described in the SPI Interface section. When an output short-circuit or output open-load error occurs and disappears before the error register is read, the intermittent bit is set in the error register. The intermittent bit does not assert for brownout and overtemperature error conditions. Error Conditions The output short-circuit error bit asserts when the output current exceeds 30mA (typ) for longer than 260ms. In current mode, this error occurs when the sense resistor is shorted and the sense voltage is not equal to 0V. In voltage mode, this error occurs when the load is shorted to the supply or ground. The short-circuit error activates the intermittent bit in the error register if the error goes away before the error register is read.
MAX15500/MAX15501
Error Handling
VOUT OR IOUT
VOUT OR IOUT
FS + 20% FS + 5%
FS + 20% FS FS + 5%
FS
FSMODE = DGND
FSMODE = DGND
VAIN 50% FS
FSMODE = DVDD
FSMODE = DVDD
VAIN 5% FS FS
-FS -FS - 5% -FS - 20% FS
Figure 1. Unipolar Transfer Function
Figure 2. Bipolar Transfer Function
______________________________________________________________________________________
17
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Output Open Load The open-circuit error bit activates when VOUT is within 30mV of AVDDO or AVSSO and there is no short-circuit current in current mode for longer than 260ms. This error activates the intermittent bit in the error register if the error goes away before the error register is read. Internal Overtemperature The MAX15500/MAX15501 enter standby mode if the die temperature exceeds +150NC and the overtemperature protection is enabled as shown in Table 6. When the die temperature cools down below +140NC, the error register must be read back twice to resume normal operation. The devices provide a 10NC hysteresis. Brownout The brownout-error bit activates when the supply voltage (VAVDD or VAVSS) falls below the brownout threshold. The threshold is programmable between Q10V to Q24V in 2V steps. See Table 6 for details. The MAX15500/ MAX15501 provide a 2% hysteresis for the brownout threshold. The accuracy of the threshold is typically within 10%. During power-up, ERROR can go low and the brownout register is set. Users need to read out the error register twice to clear all the error register bits and reset ERROR to high. Output Protection The MAX15500/MAX15501 supply inputs (AVDD, AVDDO, AVSS, and AVSSO) and sense inputs (SENSERN, SENSERP, SENSEVN, and SENSEVP) are protected against voltages up to Q35V with respect to AGND. See the Typical Operating Circuit/Functional Diagram for the recommended supply-voltage connection. SPI Interface Standard SPI Implementation The MAX15500/MAX15501 SPI interface supports daisychaining. Multiple MAX15500/MAX15501 devices can be controlled from a single 4-wire SPI interface. The MAX15500/MAX15501 feature dual CS_ inputs and an added digital output, READY, that signals when the devices finish processing the SPI frame. CS1 and CS2 are internally OR-ed. Pull both CS1 and CS2 to logic-low to activate the MAX15500/MAX15501. For a daisy-chained application, connect the CS1 input of all of the devices in the chain to the CS driver of the microcontroller. Connect the CS2 input of the first device to ground or to the CS driver of the microcontroller. Connect CS2 of the remaining devices to the READY output of the preceding device in the chain. The READY output of the last device in the chain indicates when all slave devices in the chain are configured. Connect the READY output of the last device in the chain to the microcontroller. Use the open-drain ERROR output as a wired-OR interrupt. See Figures 3 to 6.
TO OTHER CHIPS/CHAINS
FC
RPULLUP CSn
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
CS1 CS SCLK DWRITE DREAD INT MONITOR
OPTIONAL CONNECTION
Figure 3. Single Connection (Compatible with Standard SPI)
18
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
TO OTHER CHIPS/CHAINS
FC
RPULLUP CSn
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
CS1 CS SCLK DWRITE DREAD INT MONITOR
OPTIONAL CONNECTION
Figure 4. Alternate Single Connection (Compatible with Standard SPI)
TO OTHER CHIPS/CHAINS
FC
RPULLUP CSn
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
CS1 CS SCLK DWRITE DREAD INT MONITOR
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
OPTIONAL CONNECTION
Figure 5. Daisy-Chain Connection (Compatible with Standard SPI) ______________________________________________________________________________________ 19
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
TO OTHER CHIPS/CHAINS RPULLUP CSn
FC
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
CS1 CS SCLK DWRITE DREAD INT
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
SPI DEVICE CS SCLK DIN DOUT
Figure 6. Daisy-Chain Terminating (Compatible with Standard SPI)
Modified SPI Interface Description The SCLK, DIN, and DOUT of the MAX15500/MAX15501 assume standard SPI functionality. While the basic function of the MAX15500/MAX15501 CS_ inputs is similar to the standard SPI interface protocol, the management of the CS_ input within the chain is modified. When both CS_ inputs are low, the MAX15500/MAX15501 assume control of the DOUT line and continue to control the line until the data frame is finished and READY goes low (Figure 9). Once a complete frame is processed and the READY signal is issued, the devices do not accept any data from DIN, until either CS1 or CS2 rises and returns
low. A new communication cycle is initiated by a subsequent falling edge on CS1 or CS2. When either CS1 or CS2 is high, the MAX15500/MAX15501 SPI interface deactivates, DOUT returns to a high-impedance mode, READY (if active) clears, and any partial frames not yet processed are ignored. READY asserts once a valid frame is processed allowing the next device in the chain to begin processing the subsequent frame. A valid frame consists of 16 SCLK cycles following the falling edge of CS_. Once READY asserts, it remains asserted until either CS_ rises, completing the programming of the chain.
20
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
The MAX15500/MAX15501 relinquish control of DOUT once the devices process the frame(s). DOUT remains high impedance when the SPI interface continues to hold CS_ low beyond the required frame(s). Install a pullup/ puldown resistor at the DOUT line to maintain the desired state when DOUT goes high impedance. Single Device SPI Connection For applications using a single MAX15500 or MAX15501, connect both CS1 and CS2 inputs to the device-select driver of the host microcontroller. Alternatively, connect one of the CS_ inputs to the device-select driver of the host microcontroller and the other CS_ to DGND. Both methods allow standard SPI interface operation. See Figures 3 and 4. Daisy-Chain SPI Connection The MAX15500/MAX15501-modified SPI interface allows a single SPI master to drive multiple devices in a daisychained configuration, saving additional SPI channels for other devices and saving cost in isolated applications. Figure 5 shows multiple MAX15500/MAX15501 devices connected in a daisy chain. The chain behaves as a single device to the microcontroller in terms of timing with an expanded instruction frame requiring 16 SCLK cycles per device for complete programming. No timing parameters are affected by the READY propagation as all devices connect to the microcontroller chip-select through the CS1 inputs. A chain of MAX15500/MAX15501 devices can be terminated with any standard SPI-compatible single device without a READY output. The MAX15500/MAX15501 portion of the chain continues to display timing parameters comparable to a single device. See Figure 6. When using the MAX15500/MAX15501 with mixed chains, the connections could require some modification to accommodate the interfaces of the additional devices in the chain. Construct the daisy chain as shown in Figure 7 when using devices with similar READY outputs but without dual CS_ inputs such as the MAX5134 quad 16-bit DAC. The chain is subject to timing relaxation for parameters given with respect to CS_ rising edges to accommodate READY propagation to and through consecutive MAX5134 devices. The chain can begin and terminate with either device type. Each MAX5134 or MAX15500/MAX15501 device in the chain could be replaced by a subchain of similar devices. If the chain is terminated with a standard SPI device, omit the optional connection from READY to the monitor input on the microcontroller. The MAX15500/ MAX15501 portion of the chain continues to display timing parameters comparable to a single device. SPI Digital Specifications and Waveforms Figures 8, 9, and 10 show the operation of the modified SPI interface. The minimum programming operation typically used in single device applications is 16 SCLK periods, the minimum for a valid frame. This cycle can also represent the operation of the final device in a chain. The extended programming operation is typically used for devices in daisy-chained applications. In this case, READY drives the chip-select input of the subsequent device in the chain. The next device in the chain begins its active frame on the 16th SCLK falling edge in response to READY falling (latching DIN[13] on the 17th SCLK falling edge, if present). Aborted SPI Operations Driving a CS_ input high before a valid SPI frame is transmitted to the device can cause an erroneous command. Avoid driving CS_ high before a valid SPI frame is transmitted to the device. See Figures 9 and 10 for valid SPI operation timing. SPI Operation Definitions Input data bits DIN[13:11] represent the SPI command address while DIN[9:0] represent the data written to or read from the command address. The command address directs subsequent input data to the proper internal register for setting up the behavior of the device and selects the correct status data for readback through DOUT. Command address 0h points to a no-op command and does not impact the operation of the device. DOUT is active during this operation and reads back 00h. Command address 1h points to the configuration register used to program the MAX15500/MAX15501. Device configuration takes effect following the 14th SCLK falling edge. DOUT activates and remains low during this operation. Command addresses 4h and 5h point to readback commands of the MAX15500/MAX15501. Readback commands provide configuration and error register status through DOUT[9:0] and do not affect the internal operation of the device. Command addresses 2h, 3h, 6h, and 7h are reserved for future use. Table 5 shows the list of commands. Device Configuration Operation Table 6 shows the function of each bit written to the configuration register 1h. Table 7 shows the data readback registers.
MAX15500/MAX15501
______________________________________________________________________________________
21
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
TO OTHER CHIPS/CHAINS RPULLUP CSn
FC
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
CS1 CS SCLK DWRITE DREAD INT MONITOR
MAX15500 MAX15501
CS2 CS1 SCLK DIN DOUT ERROR READY
MAX5134
CS SCLK DIN READY
OPTIONAL CONNECTION
Figure 7. Mixed MAX15500/MAX15501 and MAX5134 Daisy-Chain Connections
ERROR REGISTER UPDATED, ERROR RE-EVALUATED ACTIVE FRAME DIN X DIN13 DIN12 DIN11 DIN10 tDS SCLK tCSH DOUT Z tDOE CS_ 1 tCSS 2 3 4 5 DIN9 DIN8 tCH 6 7 tCH 8 tCL DIN7 DIN6 tCP 9 tDOH 10 11 12 tDOT DIN5 DIN4 DIN3 DIN2
COMMAND EXECUTED
DIN1
DIN0
X
X
X
13 tDOZ
14
15
16
X HIGH-Z
DOUT9 DOUT8 DOUT7 DOUT6 DOUT5 DOUT4 DOUT3 DOUT2 DOUT1 DOUT0 tCSH tCSW
Figure 8. Minimum SPI Programming Operation (Typically for Single Device Applications) 22 _____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
ACTIVE FRAME DIN X DIN13 DIN12 DIN11 DIN10 tDS SCLK tCSH DOUT Z tDOE CS_ tCR READY tCSR 1 tCSS 2 3 4 5 DIN9 DIN8 tCH 6 7 tCH 8 tCL DIN7 DIN6 tCP 9 tDOH 10 11 12 tDOT 13 tDOZ HIGH-Z tCSV 14 15 16 17 X DIN5 DIN4 DIN3 DIN2 DIN1 DIN0 X X X
DOUT9 DOUT8 DOUT7 DOUT6 DOUT5 DOUT4 DOUT3 DOUT2 DOUT1 DOUT0
Figure 9. Extended SPI Programming Operation (Daisy-Chained Applications)
ERROR REGISTER UPDATED, ERROR RE-EVALUATED SCLK tCSH DOUT Z tDOE CS_
1 tCSS
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
X HIGH-Z
DOUT9 tCSDOZ OPERATION ABORTED
Figure 10. Aborted SPI Programming Operation (Invalid, Showing tCSDOZ and Internal Activity)
Readback Operations Write to the command addresses 4h or 5h to read back the configuration register data or the internal error information through DOUT[9:0]. For error readback operations, each bit corresponds to a specific error condition, with multiple bits indicating multiple error conditions present. Intermittent Errors An intermittent error is defined as an error that is detected and is resolved before the error register is read back. When the error is resolved without intervention, the intermittent bit (bit 9) is set. The output short-circuit and output open-load errors trigger the intermittent bit. Internal over-
temperature and supply voltage brownout do not trigger the intermittent bit. Error Reporting Applications The ERROR output is typically connected to an interrupt input of the system microcontroller. The MAX15500/ MAX15501 only issue an interrupt when a new error condition is detected. The devices do not issue interrupts when errors (either individual or multiple) are resolved or when already reported errors persist. The system microcontroller resets ERROR when the system microcontroller reads back the error register. ERROR does not assert again unless a different error occurs.
______________________________________________________________________________________
23
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Table 5. SPI Commands
COMMAND ADDRESS DIN[13:11] 000 001 010 011 100 101 110 111 No-op Write configuration Reserved Reserved Read error Read configuration Reserved Reserved NAME No operation. Write device configuration register. See Table 6 for details. Reserved, no operation. Reserved, no operation. Read error register status. See Table 7 for details. Read device configuration register. See Table 6 for details. Reserved, no operation. Reserved, no operation. DESCRIPTION
Table 6. Configuration Register
LOCATION FUNCTION DESCRIPTION Sets device operating mode. 000 Mode[0]: Standby 001 Mode[1]: Bipolar current: Q20mA 010 Mode[2]: Unipolar current: 0 to 20mA 011 Mode[3]: Unipolar current: 4mA to 20mA 100 Mode[4]:Standby 101 Mode[5]:Bipolar voltage: Q10V 110 Mode[6]:Unipolar voltage: 0 to 10V 111 Mode[7]:Unipolar voltage: 0 to 5V
DIN[9:7]
Mode[2:0]
DIN[6:4]
VBOTH[2:0]
Sets supply voltage brownout threshold for error reporting. 000: Q10V 100: Q18V 001: Q12V 101: Q20V 010: Q14V 110: Q22V 011: Q16V 111: Q24V 0 = thermal protection off. 1 = thermal protection on. Reserved
DIN[3] DIN[10], DIN[2:0]
Thermal shutdown --
Note: Modes 2h and 3h are functionally identical.
Table 7. Readback Operations and Formatting
DOUT BITS DOUT[9:0] DOUT[9] DOUT[8] DOUT[7] DOUT[6] DOUT[5] DOUT[4:0] See configuration register details in Table 6. Output intermittent fault. For details, see the Error Handling section. Output short circuit. This bit asserts when IOUT > 30mA in voltage and current modes for longer than 260ms. Output open load. This bit asserts when VOUT is within 30mV of AVDDO or AVSSO and there is no short-circuit condition for longer than 260ms. Internal overtemperature. This bit asserts when the die temperature exceeds +150NC. Supply brownout. This bit asserts when either supply has entered the brownout limits. See Table 6 for details. Reserved DESCRIPTION COMMAND ADDRESS DIN[13:11] = 101. READBACK DEVICE CONFIGURATION REGISTER COMMAND ADDRESS DIN[13:11] = 100. READBACK ERROR REGISTER
24
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Since the MAX15500/MAX15501 do not use a continuous clock signal, the SPI read cycles are used to cycle the error detection and reporting logic. Continue to poll the device until the error readback reports an all clear status when resolving single or multiple errors. See below for examples of typical error handling situations and the effects of the SPI read operations. 1) Error resolved by the system. a) The MAX15500/MAX15501 detect an error condition and ERROR asserts. b) The host controller reads the error register for the first time. This has the effect of resetting ERROR. The data indicates to the host processor which error is active. c) The host processor resolves the error successfully. d) The host processor reads the error register for the second time. The data still shows that the error is present as the error persisted for some time after step b and before step c. If the error is either an open load or short circuit, the intermittent bit is set. An overtemperature or a brownout does not set the intermittent bit. Reading the register a second time resets the register. e) The host reads the error register for a third time. The data now shows the error is resolved and future occurrences of this error will trigger ERROR assertion. 2) Error resolved before the host processor reads error register. a) The MAX15500/MAX15501 detect an error condition and ERROR asserts, but the error resolves itself. b) The host controller reads the error register for the first time resetting ERROR. The data indicates to the host processor which error is active. The data also indicates to the host that the error has been resolved since the intermittent bit is set. c) The host processor reads the error register for the second time. The data still shows that the error is active. If the error is for an output fault, the data also indicates to the host that the error has been resolved since the intermittent bit is set. Reading the register a second time resets the register. 3) An error that cannot be resolved. a) The MAX15500/MAX15501 detect an error condition and ERROR asserts. b) The host controller reads the error register for the first time and resets ERROR. The data indicates to the host processor which error is active. c) The host processor takes action to resolve the error unsuccessfully. d) The host processor reads the error register for the second time. The data still shows that the error is present. e) The host processor reads the error for the third time. The data show the error to be unresolved. ERROR does not respond to the same error until the error is resolved and reported. ERROR asserts if different errors occur.
MAX15500/MAX15501
Applications Information
In current mode, there is approximately 1.0V across the current-sensing resistors at full scale. The current sensing resistor sets the gain and is calculated as follows: RSENSE = VSENSE_FS/IMAX where VSENSE_FS is the full-scale voltage across the sense resistor. See Table 8 for values of VSENSE_FS. The output gain in voltage mode is fixed as shown in Table 9.
Setting the Output Gain in Current Mode
Output Gain in Voltage Mode
Use Table 10 to select the compensation capacitor.
Selection of the Compensation Capacitor (CCOMP)
Layout Considerations
In the current-mode application, use Kelvin and a short connection from SENSERN and SENSERP to the RSENSE terminals to minimize gain-error drift. Balance and minimize all analog input traces for optimum performance.
______________________________________________________________________________________
25
Industrial Analog Current/ Voltage-Output Conditioners MAX15500/MAX15501
Table 8. Recommended Current Setting Components
VREFIN (V) OVERRANGE (%) BIPOLAR/ UNIPOLAR Unipolar +20 Bipolar 4.096 Unipolar +5 Bipolar Unipolar +20 Bipolar 2.500 Unipolar +5 Bipolar 1 Q1 47.5 Q21.05 0.8/47.5 2 1.009375 47.5 21.25 0.425/47.5 1 Q1 41.2 Q24.27 0.8/41.2 1 2 Q1.024 1.009375 48.7 41.2 Q21.03 24.5 0.5/48.7 0.425/41.2 2 1.02144 48.7 20.97 0.2625/48.7 1 Q1.024 42.2 Q24.27 0.5/42.2 MODE 2 VSENSE_FS (V) 1.02144 RSENSE
(I)
IOUT (mA) 24.205
IDEAL GAIN 0.2625/42.2
IDEAL TRANSFER FUNCTION IOUT = 0.2625 x (VAIN 0.05 x VREFIN)/42.2 IOUT = 0.5 x (VAIN - 0.5 x VREFIN)/42.2 IOUT = 0.2625 x (VAIN 0.05 x VREFIN)/48.7 IOUT = 0.5 x (VIN - 0.5 x VREFIN)/48.7 IOUT = 0.425 x (VIN - 0.05 x VREFIN)/41.2 IOUT = 0.8 x (VIN - 0.5 x VREFIN)/41.2 IOUT = 0.425 x (VIN - 0.05 x VREFIN)/47.5 IOUT = 0.8 x (VIN - 0.5 x VREFIN)/47.5
42.2
Table 9. Full-Scale Output Voltages
VREFIN (V) OVERRANGE (%) +20 4.096 +5 BIPOLAR/ UNIPOLAR Unipolar Bipolar Unipolar Bipolar +20 2.500 +5 Unipolar Bipolar Unipolar Bipolar MODE 7 6 5 7 6 5 7 6 5 7 6 5 IDEAL GAIN 1.5625 3.125 6.0 1.375 2.75 5.25 2.5125 5.0625 9.6 2.175 4.425 8.4 IDEAL TRANSFER FUNCTION VOUT = 1.5625 x (VIN - 0.05 x VREFIN) VOUT = 3.125 x (VIN - 0.05 x VREFIN) VOUT = 6.0 x (VIN - 0.5 x VREFIN) VOUT = 1.375 x (VIN - 0.05 x VREFIN) VOUT = 2.75 x (VIN - 0.05 x VREFIN) VOUT = 5.25 x (VIN - 0.5 x VREFIN) VOUT = 2.5125 x (VIN - 0.05 x VREFIN) VOUT = 5.0625 x (VIN - 0.05 x VREFIN) VOUT = 9.6 x (VIN - 0.5 x VREFIN) VOUT = 2.175 x (VIN - 0.05 x VREFIN) VOUT = 4.425 x (VIN - 0.05 x VREFIN) VOUT = 8.4 x (VIN - 0.5 x VREFIN) IDEAL VOUT 6.08 12.16 Q12.288 5.3504 10.7008 Q10.752 5.96719 12.0234 Q12 5.16563 10.5094 10.5
26
_____________________________________________________________________________________
Industrial Analog Current/ Voltage-Output Conditioners
Table 10. Recommended Compensation Capacitor for Various Load Conditions
MODE Voltage Voltage Voltage Voltage Current Current Current Current Current Current Current Current Current Current Current Current CL (F) 0 to 1n 1n to 100n 100n to 1F 1F to 100F 0 to 1n 0 to 1n 0 to 1n 1n to 100n 1n to 100n 1n to 100n 100n to 1F 100n to 1F 100n to 1F 1F to 100F 1F to 100F 1F to 100F RL (kI) 1 1 1 1 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 20 to 750 LL (H) 0 0 0 0 0 to 20F 20F to 1m 1m to 50m 0 to 20F 20F to 1m 1m to 50m 0 to 20F 20F to 1m 1m to 50m 0 to 20F 20F to 1m 1m to 50m CCOMP (F) 0 1n 2.2n 4.7n 0 2.2n 100n 1n 2.2n 100n 2.2n 2.2n 100n 2.2n 2.2n 100n
MAX15500/MAX15501
CL = Load capacitance. RL = Load resistance. LL = Load inductance. CCOMP = Compensation capacitance.
Chip Information
PROCESS: BiCMOS
PACKAGE TYPE
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. PACKAGE CODE DOCUMENT NO.
21-0140 32 TQFN-EP T3255+4 +Denotes a lead(Pb)-free/RoHS-compliant package. The package outline drawings for leaded and lead-free packages are identical.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
(c)
27
2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX15500GTJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X