Part Number Hot Search : 
HMC43 ADP1740 LM385 6040942 2SC17 RFU37 MOC208 VUO12
Product Description
Full Text Search
 

To Download MASW-008902-000D3K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-008902-000DIE
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
Features
* 802.11b/g and Bluetooth Applications * Insertion Loss: 0.60 dB typical * Isolation: 31 dB typical (RX Path) 22 dB typical (TX / BT paths) * Flip-chip configuration * RoHS* Compliant Rev. V3
Die Bump Pad Layout (bump side up)
Description
M/A-COM's MASW-008902-000DIE is a bumped single band GaAs pHEMT MMIC SP3T switch. Typical applications are for single band 2.4 GHz WLAN (802.11 b/g) and Bluetooth applications. The MASW-008902-000DIE delivers high isolation, low insertion loss, and high linearity at 2.4 - 2.5 GHz. The MASW-008902-000DIE is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability. This die features SnAg (2.5%) solder bumps for WLCSP applications.
Die Bump Pad Configuration
Name VC1 BT GND TX Description Voltage Control 1 Blue Tooth TX/RX Port Ground 2.5 GHz TX Port Voltage Control 3 2.5 GHz RX Port Voltage Control 2 Antenna Port
Ordering Information 1,2
Part Number MASW-008902-000DIE MASW-008902-000D3K MASW-008902-001SMB Package Separated Die on Grip Ring Die in 3000 piece reel Sample Board SP3T
VC3 RX VC2 RFC
Absolute Maximum Ratings 3,4
Parameter Input Power @ 3 V Control Input Power @ 5 V Control Operating Voltage Operating Temperature Storage Temperature Absolute Maximum +32 dBm +35 dBm +8 volts -40C to +85C -65C to +150C
1. Die quantity varies. 2. Die on Grip Ring not available with orientation mark.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008902-000DIE
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
Electrical Specifications5: TA = 25C, Z0 = 50 , VC = 0/3V, PIN = 0 dBm
Parameter Insertion Loss Isolation Return Loss IP3 Input P1dB Test Conditions RFC to TX/RX/BT, 2.4 GHz RFC to TX, 2.4 GHz RFC to RX, 2.4 GHz RFC to BT, 2.4 GHz 2.4 - 2.5 GHz RF to TX/RX/BT, 2.4 GHz, 20 dBm Total Power, 1 MHz Spacing RF to TX, 2.4 - 2.5 GHz RF to RX, 2.4 - 2.5 GHz RF to BT, 2.4 - 2.5 GHz RF to TX, 2.4 - 2.5 GHz, 20 dBm 50% control to 90% RF 50% control to 10% RF |VC| = 3 V Units dB dB dB dBm dBm Min. -- 20 30 20 -- -- -- -- -- -- -- -- -- Typ. 0.60 23.5 31.0 21.0 15 55 32 28 32 -75 165 25 <1 Max. 0.75 -- -- -- -- -- -- -- -- -- -- -- 2
Rev. V3
Harmonics Switching Speed Control Current
dBm ns A
5. External blocking capacitors on all RF ports.
Recommended PCB Configuration
Truth Table 6,7,8
VC1 VC2 VC3 RFC-BT RFC-TX RFC-RX
1 0 0
0 1 0
0 0 1
On Off Off
Off On Off
Off Off On
6. For positive voltage control, external DC blocking capacitors are required on all RF ports. 7. Differential voltage, V(state 1) - V(state 0), must be +2.7 V minimum and must not exceed +5 V. 8. 0 = 0 0.3 V, 1 = +2.7 V to +5 V.
Handling Procedures Parts List
Part C1 - C4 C5 - C7
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
Please observe the following precautions to avoid damage:
Static Sensitivity
Value 39 pF 1000 pF Case Style 0402 0402
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
changes to the product(s) or information contained herein without notice.
MASW-008902-000DIE
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
Product Consistency Distribution Charts9 (on wafer RF test)
LB
Rev. V3
P r o c e s s C a p a b ility
P ro c e s s D a ta LB 0 T a rg e t * USL 0 .7 5 S a m p le M e a n 0 .5 8 9 9 3 7 O v e r a ll C a p a b ili t y P pk 0 .8 2
P r o c e s s C a p a b ility
USL LS L P ro c e s s D LS L T a rg e t S a m p le M e a n a ta 30 * 3 1 .2 2 7 6
O v e ra ll C a p a b ilit y P pk 0 .87
-0 . 0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
0 .7
28
29
30
31
32
33
34
35
36
37
38
In s e r t i o n L o s s - A l l P a t h s ( d B )
R x Is o la tio n ( d B )
P r o c e s s C a p a b ility
LS L P ro c e s s D LS L T a rg e t S a m p le M e a n a ta 20 * 2 3 .5 1 5 7
P ro ess C apabi ProcesscCapability l i t y
P rocess D ata LS L 20 T arget * S ample M ean 21.2414
O v e ra ll C a p a b ilit y P pk 3 .9 9
O v erall C apability P pk 1.73
LSL
18 19 20 21 22 23 24 25 26 27 28
18
19
20
21
22
23
T x Is o la tio n ( d B )
Bluet oot h Isolat ion (dB)
LB
P r o c e s s C a p a b ility
USL
P ro ce s s D a ta LB 0 T a rg e t * USL 2 S a m p le M e a n 0 .3 5 3 6 5 5 O v e ra ll C a p a b ilit y P pk 2 .3 3
0 .0
S w itc h C u r r e n t - A ll P a th s ( u A )
0 .3
0 .6
0 .9
1 .2
1 .5
1 .8
9. Represents >50 wafers, tested per electrical specifications: Freq. = 2.4 GHz, TA = 25C, Z0 = 50 , VC = 0/3V, PIN = 0 dBm 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008902-000DIE
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
Typical Performance Curves (plots = chip on board assembly)
TX Insertion Loss
0.85
+25C -40C +85C
Rev. V3
TX Isolation
35
0.80
30
+25C -40C +85C
0.75
25
0.70
20
0.65 2.40
2.42
2.44
2.46
2.48
2.50
15 2.40
2.42
2.44
2.46
2.48
2.50
Frequency (GHz)
Frequency (GHz)
RX Insertion Loss
0.85
+25C -40C +85C
RX Isolation
35
0.80
30
0.75
25
+25C -40C +85C
0.70
20
0.65 2.40
2.42
2.44
2.46
2.48
2.50
15 2.40
2.42
2.44
2.46
2.48
2.50
Frequency (GHz)
Frequency (GHz)
BT Insertion Loss
0.85
BT Isolation
35
0.80
+25C -40C +85C
30
+25C -40C +85C
0.75
25
0.70
20
0.65 2.40
2.42
2.44
2.46
2.48
2.50
15 2.40
2.42
2.44
2.46
2.48
2.50
Frequency (GHz)
Frequency (GHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-008902-000DIE
Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
Die Dimensions (Top and Side Views) PCB Top Metal / Solder Mask
Rev. V3
Die Bump Pad Layout - Top View (bump side up)
Die Bump Pad Layout - Bottom View (bump side down - as installed on board)
10.Orientation mark is only on material that is shipped in tape and reel. The mark is not available on die shipped on grip ring.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-008902-000D3K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X