Part Number Hot Search : 
FX852 2SC213 5GWTE13 HVR8000 10AY8 LA120X TP220 H1959
Product Description
Full Text Search
 

To Download MAATSS0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAATSS0002
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
Features
* * * * 5 Bits, 1 dB Steps Excellent Accuracy Single Positive Control (+3 V to +5 V) QSOP-16 (SSOP-16) Package Rev. V6
Functional Schematic
16 dB
8 dB
Description
M/A-COM's MAATSS0002 is a 1 dB step GaAs MMIC digital attenuator with 31 dB attenuation range in a low cost QSOP-16 (SSOP-16) package. It requires external DC blocking capacitors on the RF ports, positive supply voltage and five individual bit control voltages. The MAATSS0002 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base stations, wireless data, and wireless local loop gain level control circuits. The MAATSS0002 is fabricated using M/A-COM's GaAs 1.0 micron process. The process features full chip passivation for increased performance and reliability.
4 dB
2 dB
1 dB
Pin Configuration
Pin No.
1 2 3 4 5 6
Function
GND GND VC1 VC2 VC3 VC4 VC5 GND
Pin No.
9 10 11 12 13 14 15 16
Function
RF2 GND GND GND GND GND GND RF1
Ordering Information1
Part Number
MAATSS0002 MAATSS0002TR MAATSS0002SMB
7
Package
Bulk Packaging Tape and Reel (1K Reel) Sample Test Board
8
Recommended Configuration
1. Reference Application Note M513 for reel size information.
MAATSS0002 MAATSS0002
Absolute Maximum Ratings 2
Parameter
Input Power Voltage Operating Temperature Storage Temperature
Absolute Maximum
+34 dBm +7 V -40C to +85C -65C to +125C
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
10 K
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0002
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
Electrical Specifications: TA = 25C, Z0 = 50 , Vs = +5 V, Vc = 0 V / 5 V
Parameter
Insertion Loss (reference state)
Rev. V6
Conditions
--
Frequency
0.8 - 1.5 GHz 1.5 - 2.0 GHz 2.0 - 2.5 GHz 0.8 - 1.5 GHz 1.5 - 2.0 GHz 2.0 - 2.5 GHz 0.8 - 1.5 GHz 1.5 - 2.0 GHz 2.0 - 2.5 GHz 0.8 - 2.5 GHz 0.8 - 2.5 GHz -- -- -- 0.8 - 2.5 GHz 0.8 - 2.5 GHz 0.8 - 2.5 GHz 0.8 - 2.5 GHz -- --
Units
dB dB dB
Min.
-- -- --
Typ.
1.8 2.2 2.7
Max.
1.9 2.3 2.9
Accuracy
--
(0.3 dB + 4% of Attenuation) (0.3 dB + 3% of Attenuation) (0.4 dB + 3% of Attenuation) dB dB dB dB ratio S S mV dBm dBm dBm dBm A A 0.4 0.4 0.4 -- -- -- -- -- 15 18 34 43 -- -- 1.0 1.0 1.0 31 -- 2 2 120 21 27 -- -- -- -- 1.4 1.6 1.8 -- 2.0:1 -- -- -- -- -- -- -- 40 200
Step Change Attenuation Range VSWR Trise, Tfall Ton, Toff Transients P1dB
-- -- -- 10% to 90% RF, 90% to 10% RF 50% Control to 10% / 90% RF In Band +3V +5V Two tones, Pin < +5 dBm/tone +3 V +5 V Vc Vs
IP3
Control Current
Truth Table 3
Control Inputs VC5
1 0 1 1 1 1
VC4
1 1 0 1 1 1
VC3
1 1 1 0 1 1
VC2
1 1 1 1 0 1
VC1
1 1 1 1 1 0
Attenuation (dB)
Reference 1 dB 2 dB 4 dB 8 dB 16 dB
3. 0 = 0.0 V 0.2 V 1 = Vs = 5.0 V 0.2 V
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0002
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
Typical Performance Curves
Insertion Loss
5
+25C -40C +85C
Rev. V6
Attenuation at Major Bits
35 30 25
1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
4
3
20 15 10
2
1
5
0 0 500 1000 1500 2000 2500 3000
0 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Input Return Loss
0
Output Return Loss
0
-10
-10
-20
-20
-30
1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
-30
-40
-40
1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
-50 0 500 1000 1500 2000 2500 3000
-50 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Attenuation Accuracy
5
Attenuation Accuracy vs. Setting
2 1
0 0 -5
1 dB 2 dB 4 dB 8 dB 16 dB 31 dB
-1 -2 -3 -4
250 MHz 400 MHz 900 MHz 1900 MHz 2200 MHz 2500 MHz
-10
-15 -5 -20 0 500 1000 1500 2000 2500 3000 -6 0 4
8
12
16
20
24
28
32
Frequency (MHz)
Attenuation Setting (dB)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0002
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
Typical Performance Curves
Step Size (low frequency)
2.0
Rev. V6
Step Size (high frequency)
2.0
1.5
250 MHz 400 MHz 900 MHz
1.5
1.0
1.0
0.5
0.5
1900 MHz 2200 MHz 2500 MHz
0.0 0 4 8 12 16 20 24 28 32
0.0 0 4 8 12 16 20 24 28 32
Attenuation Setting (dB)
Attenuation Setting (dB)
IIP3 at 3 V
55
IIP3 at 5 V
55
50
+25C -40C +85C
50
45
45
40
40
35
35
+25C -40C +85C
30 0 500 1000 1500 2000 2500
30 0 500 1000 1500 2000 2500
Frequency (MHz)
Frequency (MHz)
Sample Board Loss
0.5
+25C -40C +85C
0.4
0.3
0.2
0.1
0.0 0 500 1000 1500 2000 2500
Frequency (MHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAATSS0002
Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
QSOP-16 (SSOP-16)
Rev. V6
Operating Instructions
The MAATSS0002 is designed to operate with 5 V logic levels. The difference between +3 V and +5 V operation is minimal for small signal performance. IIP3, however, is a strong function of voltage. +3 V is the minimum voltage at which the product will reliably operate. The MAATSS0002 requires a parallel interface that allows the user to enter a 5 bit digital word. Each state increments the attenuation by 1.0 dB giving a total range of 31 dB. The MAATSS0002 is not internally DC blocked. This means that the device requires DC blocking capacitors on the RF1 and RF2 ports. M/A-COM recommends 0.1 uF to allow for the entire frequency range to be utilized. Higher frequency applications can use smaller value capacitors as DC blocks. For application information concerning this and other M/A-COM products, please visit our website at www.macom.com, where information including soldering profiles, reliability procedures, and Sparameter data can be found.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAATSS0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X