Part Number Hot Search : 
CJ170A M51952A 1201G TC9432 RN1701JE T74LS KBPC300G CY2V995
Product Description
Full Text Search
 

To Download LPS3008-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 438-1
Shielded Power Inductors - LPS3008 Series
* Very low DCR; excellent current handling * Only 0.8 mm tall; 3.0 x 3.0 mm footprint
Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 22 - 25 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 1000/7 reel; 3500/13 reel; Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing, 1.37 mm pocket depth Recommended pick and place nozzle OD: 3 mm; ID: 1.5 mm PCB washing Only pure water or alcohol recommended
Inductance2 Part number1
LPS3008-561ML_ LPS3008-801ML_ LPS3008-102ML_ LPS3008-152ML_ LPS3008-222ML_ LPS3008-332ML_ LPS3008-472ML_ LPS3008-562ML_ LPS3008-682ML_ LPS3008-822ML_ LPS3008-103ML_ LPS3008-123ML_ LPS3008-183ML_ LPS3008-223ML_ LPS3008-333ML_ LPS3008-473ML_ LPS3008-683ML_ LPS3008-104ML_ LPS3008-124ML_ LPS3008-154ML_ LPS3008-184ML_ LPS3008-224ML_ LPS3008-334ML_ 0.56 0.80 1.0 1.5 2.2 3.3 4.7 5.6 6.8 8.2 10 12 18 22 33 47 68 100 120 150 180 220 330
DCR SRF max3 typ4 20% (H) (Ohms) (MHz)
0.072 0.092 0.125 0.134 0.175 0.285 0.350 0.450 0.500 0.600 0.650 0.790 1.25 1.50 2.30 3.00 4.75 6.85 7.00 8.00 9.00 11.5 18.0 330 255 220 170 150 114 87 78 75 61 56 49 38 35 23 21 18 14 13 11 10 9 7
Isat (A)5 10% 20% 30% drop drop drop
1.8 1.6 1.3 1.1 1.0 0.81 0.68 0.62 0.58 0.52 0.46 0.45 0.35 0.29 0.27 0.22 0.18 0.15 0.084 0.080 2.0 1.7 1.4 1.3 1.1 0.86 0.73 0.67 0.61 0.56 0.51 0.48 0.38 0.33 0.30 0.23 0.19 0.16 0.094 0.088 2.1 1.8 1.5 1.3 1.1 0.88 0.74 0.70 0.63 0.58 0.52 0.50 0.40 0.34 0.31 0.24 0.20 0.16 0.10 0.092
Irms (A)6 20C 40C rise rise
1.4 1.1 0.90 0.87 0.85 0.74 0.68 0.58 0.50 0.45 0.42 0.38 0.33 0.29 0.25 0.21 0.175 0.160 0.140 0.130 2.0 1.6 1.3 1.2 1.1 0.95 0.80 0.73 0.67 0.60 0.56 0.50 0.44 0.38 0.32 0.27 0.23 0.21 0.190 0.175
1. Please specify termination and packaging codes: LPS3008-104MLC Termination: L = RoHS compliant silver-palladiumplatinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C= 7 machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B= Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D= 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (3500 parts per full reel). 2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4192A. Inductance at 1 MHz is the same for parts with SRF 10 MHz. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using an Agilent/HP 8753ES or equivalent. 5. DC current that causes the specified inductance drop from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
0.070 0.078 0.082 0.120 0.160 0.067 0.073 0.076 0.100 0.145 0.059 0.064 0.066 0.090 0.130
Coilcraft Designer's Kit C392 contains samples of 0.80 H to 33 H parts (3 each) from LPS3008, LPS3010 and LPS3015. Kit C401 contains samples of 0.56 H to 33 H parts (3 each) from LPS4012 and LPS4018. Kit C402 contains samples of 220 H to 3300 H parts (3 each) from all five series. For details of kit contents and to order, contact Coilcraft or visit http://order.coilcraft.com.
Specifications subject to change without notice. Please check our website for latest information.
Document 438-1
Revised 03/18/09
(c) Coilcraft, Inc. 2009
Document 438-2
Shielded SMT Power Inductors - LPS3008 Series
Typical L vs Current
1000
330 H
Typical L vs Frequency
1000
330 H 100 H
Inductance (H)
Inductance (H)
100
100 H 33 H
100
33 H 10 H 3.3 H 1.0 H
10
10 H 3.3 H
10
1
1.0 H
1
0.1 0.01 0.1 1 10
0.1
0.01
0.1
1
10
Current (A)
Frequency (MHz)
0.116 0.003* 2,95 0,076
Current Derating
120 110 100 90 80 70 60 50 40
Percent of rated Current
XXX
Dash number
0.116 0.003* 2,95 0,076
Winding direction
25C
30 20 10 0 -40 -20
0.0315 max 0,8
Recommended Land Pattern
0.020 0,51 0.045 1,14
Isat Irms
0 20
40
60
80
100
120 140
Ambient temperature (C)
0.025 0,64
0.130 3,30
0.035 0,89
0.040 1,02 0.130 3,30
* Dimensions are of the case not including the termination. For maximum
overall dimensions including the termination, add 0.005 in / 0,13 mm.
Dimensions are in inches mm
Specifications subject to change without notice. Please check our website for latest information.
Document 438-2
Revised 03/18/09
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of LPS3008-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X