Part Number Hot Search : 
8HC08 MV5309 HC245 A102M ST2204 FS10UM 241907B SW12120
Product Description
Full Text Search
 

To Download LHIR3243-H0-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
INFRARED EMITTING DIODES
Pb
Lead-Free Parts
LHIR3243/H0-PF
DATA SHEET
DOC. NO : REV. DATE : :
QW0905- LHIR3243/H0-PF A 24 - Sep. - 2008
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 1/7
Package Dimensions
5.9
4.7
6.0 1.5 1.5MAX 25.0MIN
0.5TYP
1.0MIN 2.54TYP
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Features:
1. High radiant intensity. 2. Suitable for pulsed applications. 3. Low average degradation.
Descriptions:
The LHIR3243/H0/A-PFseries are high power solution grown efficiency Gallium Arsenide infrared emitting diodes encapsulated in water clear plastic T-1 3/4 package individually
Device Selection Guide:
PART NO LHIR3243/H0-PF
MATERIAL GaAIAs
LENS COLOR Water Clear
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 2/7
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol HIR Forward Current Peak Forward Current (300PPS,10s Pulse) Power Dissipation Reverse Voltage Electrostatic Discharge Operating Temperature Storage Temperature IF IFP PD Vr ESD Topr Tstg
50 1 100 5
UNIT
mA A mW V
2000 -40 ~ +85 -40 ~ +85
V
Electrical Optical Characteristics (Aa=25)
PARAMETER Radiant Intensity Aperture Radiant Incidence Peak Emission Wavelength Spectral Line Half Width Forward Voltage Reverse Current Viewing Angle SYMBOL Le Ee
Min. 6 2.0
Typ. 10 3.4 854 50 1.2
Max.
UNIT mW/sr mW/cm nm nm
2
TEST CONDITION IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
peak
VF IR 21/2
1.6 100
V
A
deg
30
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The radiant intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page3/7
Typical Electro-Optical Characteristics Curve
HIR CHIP Fig.1 Forward Current vs. Rorward Voltage
1000
Fig.2 Relative Radiant Power vs. Wavelength
1.0
100 10 1 0.1 0.0
Relative Radiant Power Normalize @20mA
Forward Current[mA]
0.5
1.0
2.0
3.0
4.0
0.0 800
850
900
950
Forward Voltage[V]
Wavelength[nm]
Fig.3 Relative Radiant Power vs. Forward DC Current
10.0
Fig.4 Relative Radiant Power vs. Forward Peak Current
10.0
Relative Radiant Power Normalize @20mA
1.0
Relative Radiant Power Normalize @100 mA
1 10 100
1.0
0.1
0.1 10
100
1000
IFDC[mA]
IFPK[mA]
Fig.5 Forward DC Voltage vs. Temperature
1.2
Fig.6 Relative Radiant Power vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40
Forward DC Voltage Normalize @20mA, 25
1.1
1.0
0.9
0.8 -40
-20
0
20
40
60
80
100
Relative Radiant Power Normalize @ 20mA, 25
-20
0
20
40
60
80
100
Ambient Temperature[]
Ambient Temperature[]
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 4/7
Storage time:
1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 60 5 fo r 15hrs.
Drive Method:
LED is a current operated device, and therefore, require some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 5/7
Mounting:
1. If the leads are subjected to stress during soldering a printed circuit board, illumination failure may result immediately or later during use. For this reason, make sure that the intervals between the installation holes in the board are equal to the intervals between the leads (after forming if done) so that no stress is applied to the lead.
(O)
(O)
(X)
2. The LED lamps are designed for high-density mounting and have a structure which can alleviate mechanical stress due to clinching . Nevertheless , take care to avoid the occurrence of residual mechanical stress due to clinching .
15
45
Anode side(cathode side on GaAlAs chips)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 6/7
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up 2C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp( C) 260 C3sec Max
260
5 /sec max
120
2 /sec max Preheat
60 Seconds Max
25 0 0
50
100
150
Time(sec)
Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LHIR3243/H0-PF Page 7/7
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=85 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 5 2.RH=90 %~95% 3.t=240hrs 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 5&-405 (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell time= 10 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 5 2.Dwell time=5 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LHIR3243-H0-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X