|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LCD-160G128B Vishay 160 x 128 Dots Graphic LCD FEATURES * Built in controller TOSHIBA-(T6963C or equivalent) * + 5V power supply * 1/28 duty cycle * N.V. optional * Built in CCFL inverter MECHANICAL DATA ITEM Module Dimension Viewing Area Dot Size Dot Pitch Mounting Hole STANDARD VALUE 129.0 x 102.0 101.0 x 82.0 0.54 x 0.54 0.58 x 0.58 122.0 x 96.2 UNIT mm mm mm mm mm ABSOLUTE MAXIMUM RATING ITEM SYMBOL STANDARD VALUE MIN. Power Supply Input Voltage VDD-VSS VI 4.75 - 0.3 TYP. 5.0 - MAX. 5.25 VDD V V UNIT NOTE: VSS = 0 Volt, VDD = 5.0 Volt ELECTRICAL SPECIFICATIONS ITEM SYMBOL CONDITION MIN. Input Voltage VDD VIO Supply Current IDD L level H level VDD = 5V - 20 C Recommended LC Driving Voltage for Normal Temp. Version Module VDD - V0 0C 25C 50C 70C CCFL Forward Voltage CCFL Forward Current LED Forward Voltage LED Forward Current VF IF VF IF 25C 25C 25C 25C 0.7VDD 0 - 19.9 19.0 18.6 16.2 11.6 - - - - STANDARD VALUE TYP. - - 45 21.0 - 19.1 16.5 9.1 256 - 4.6 - MAX. VDD 0.3VDD 50 22.1 21.2 19.6 16.8 12.8 560 5.0 4.6 500 V mA V mA V V V mA UNIT Document Number: 37279 Revision 01-Oct-02 For Technical Questions, Contact: Displays@Vishay.com www.vishay.com 109 LCD-160G128B Vishay PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 160 x 128 Dots Graphic LCD SYMBOL FG Vss Vdd Vadj Vee WR RD CE C/D HALT Reset DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 NC FUNCTION Frame Ground Power Supply (GND) Power Supply (+ 5V) Contrast Adjustment Negative Voltage Output Data Write Data Read Chip Enable Command/Data Read/Write Clock Operating Stop Signal Reset Signal Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line Data Bus Line No Connection DIMENSIONS in millimeters 3.5 14.0 18.12 7 10.0 13.9 2.9 3.5 129.0 + 0.5 118.0 101.0(VA) 92.76 (AA) 3.5 2.54 2.5 19.2 max 11.9 39.6 20-o1.0PTH 20-o2.0PAD 1 102.0 0.5 96.2 88.0 82.0(VA) 74.2(AA) 2 22.86 (P2.54*9) 0.58 0.54 95.0 19 A K 20 33.5 0.58 0.54 DOT SIZE SCALE 10/1 5.0 4-o3.5 57.5 3.5 122.0 57.0 1.6 4.0 LED B/L www.vishay.com 110 For Technical Questions, Contact: Displays@Vishay.com Document Number: 37279 Revision 01-Oct-02 |
Price & Availability of LCD-160G128B |