Part Number Hot Search : 
XXXBB ABV8068 X9318 20221 7510D TS358CS BD53E42 B2010
Product Description
Full Text Search
 

To Download KPBC1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KPBC1005 THRU KPBC110 AND BR305 THRU BR310
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
BR-3
Forward Current - 3.0 Amperes
FEATURES
0.213(5.4) 0.193(4.9)
0.035(0.9) DIA. 0.028(0.7) TYP.
0.750 (19.1)
MIN.
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Ideal for printed circuit boards Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260 C/10 seconds,at 5 lbs. (2.3kg) tension
0.620(15.7) 0.580(14.7) 0.445(11.3) 0.405(10.3)
HOLE FOR NO.6 SCREW
MECHANICAL DATA
Case: Molded plastic body Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on case Mounting: Thru hole for #6 screw,5in.-lbs. torque max. Weight:0.093 ounce, 2.62 grams
AC
0.445(11.3) 0.405(10.3)
0.620(15.7) 0.580(14.7)
AC
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load, for current capacitive load derate by 20%.
SYMBOLS KPBC 1005 BR305 KPBC 101 BR31 KPBC 102 BR32 KPBC 104 BR34 KPBC 106 BR36 KPBC 108 BR38 KPBC 110 BR310
UNITS VOLTS VOLTS VOLTS Amps Amps A2s Volts uA mA pF C/W C C
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward TA=50 C(Note 2) output rectified current at TA=25 C(Note 3) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum instantaneous forward voltage drop per birdge element at 1.5A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating junction temperature range storage temperature range
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 3.0 2.0 60 15 1.0 10 0.5 20 12 -55 to +125 -55 to +150
600 420 600
800 560 800
1000 700 1000
IFSM I2t VF IR CJ RqJA TJ TSTG
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2.Unit mounted on 4.0" x 4.0" x0.11" thick(10.5x10.5x0.3cm)Al.plate. 3.Unit mounted on P.C. board with 0.5" x 0.5"(12x12mm) copper pads,0.375"(9.5mm) lead length.
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES KPBC1005 THRU KPBC110 AND BR305 THRU BR310
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
3.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
60
2.5
50
2.0
40
1.5
Single Phase Half Wave 60Hz Resistive or inductive Load
30
1.0
20
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
5 0 25 50 75 100 125 150 175
10
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 1,000 10
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100
1
10
TJ=100 C
0.1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
1
0.01 0.6 0.8 1.0 1.2 1.4 1.5
0.1
TJ=25 C
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
200 100
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
JUNCTION CAPACITANCE, pF
10
10
1
TJ=25 C
0.1 0.01 0.1 1 10 100
1 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of KPBC1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X