Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download KC5032E-C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Spread Spectrum Clock Oscillators Surface Mount Type KC5032E-C3 Series
CMOS/ 3.3V/ 5.0x3.2mm
Features
* Built-in Spread Spectrum function * Miniature ceramic package * Highly reliable with seam welding * CMOS output * Supply voltage VCC=3.3V * External control pad for Modulation Selectable (For initial testing purpose only)
How to Order KC5032E 25.0000 C 3 F E C2

Type (5.0x3.2mm SMD) Output Frequency Output Type (CMOS) Supply Voltage (3.3V) Frequency Tolerance (100ppm) Symmetry/ Enable Function Spread Type and Spread Percent or
Customer Special Model Suffix (See Table 1) Packaging (Tape & Reel 1000 pcs./ reel) (45/ 55%, Stand-by)
Table 1
Pb Free RoHS Compliant
Spread Type Center Spread Down Spread Code Spread % Code Spread % C2 D2 0.5% -1.0% C4 D4 1.0% -2.0% C6 D6 1.5% -3.0% C0* External Control* D0* External Control*
* For initial testing purpose only
Specifications
Item Output Frequency Range Frequency Tolerance Storage Temperature Range Operating Temperature Range Max. Supply Voltage Supply Voltage Current Consumption (Maximum Loaded) Stand-by Current Symmetry Rise/ Fall Time (10% VCC to 90% VCC Maximum Loaded) Low Level Output Voltage High Level Output Voltage CMOS Load Input Voltage Range Low Level Input Voltage High Level Input Voltage Disable Time Enable Time Start-up Time Peak to Peak Jitter (Cycle to Cycle Jitter) Symbol fo f_tol T_stg T_use -- VCC ICC I_std SYM fo40MHz 40@50% VCC 14.31818fo40MHz tr/ tf 40Note: All electrical characteristics are defined at the maximum load and operating temperature range. Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
5.0 1.2 0.4 0.5 1.0 Pad Connections Enable/ Disable NC GND (Case GND) Output NC VCC
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
3.2
0.6
2.5 1.1
Plating: Ni Au Tolerance: 0.1
Enable/ Disable Function Pad1 Pad4 (Output) Open Active "H" Level Active "L" Level High Z (No-Oscillation)


▲Up To Search▲   

 
Price & Availability of KC5032E-C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X