Part Number Hot Search : 
001544 11N80 FLGB1ZH W42180 TPS630 C1300 MAXQ614 CPC30AC
Product Description
Full Text Search
 

To Download KC5032D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Clock Oscillators Surface Mount Type KC5032D Series (FXO-61F2 Series)
CMOS/ 3.3V/ 5.0V/ 5.0x3.2mm
Features
* Compact and low profile (5x3.2x1.2mm) * Surface mount type suitable for auto pick-and-place * Reflow soldering compatible * CMOS, TTL IC direct drive is possible * With tri-state function * Supply voltage VCC=3.3/ 5.0V available
How to Order KC5032D 25.0000 C 3 0 B 00

Type Output Frequency Output Type (CMOS) Supply Voltage 5=5.0V, 3=3.3V Frequency Tolerance (See table at left) Symmetry/ Enable Function
A: 40/ 60%, Disable B: 40/ 60%, Stand-by Customer Special Model Suffix (STD Specification is "00")
Frequency Tolerance (Overall)
Pb Free RoHS Compliant
Operating Freq. Tol. Temperature Code x 10-6 Range (C) 1 100 -10 to +70 0 50 (standard) S 30
Note 1.8 to 50MHz 1.8 to 32MHz
Symmetry/ Enable Function
Freq. (MHz) 1.8 to 50 Code KC5032D-C5 KC5032D-C3 A B
Specifications
Item Output Frequency Range Frequency Tolerance (Overall) Storage Temperature Range Operating Temperature Range Max. Supply Voltage Supply Voltage Current Consumption Stand-by Current Symmetry Rise/ Fall Time Low Level Output Voltage High Level Output Voltage CMOS Load Input Voltage Range Low Level Input Voltage High Level Input Voltage Disable Time Enable Time Start-up Time Symbol fo f_tol T_stg T_use -- VCC ICC I_std SYM tr/ tf VOL VOH L_CMOS VIN VIL VIH t_dis t_ena t_str Specifications KC5032Dxx.xxxxC5xA00 (FXO-61F2) KC5032Dxx.xxxxC3xB00 (FXO-61FL2) 1.8 to 50 30 (to 32MHz) 50 (to 32MHz) 100 (to 50MHz) -40 to +85 -10 to +70 7 max. 50.5 3.30.3 18 max. (1.8 to 39.9MHz) 25 max. 25 max. (40 to 50MHz) 10 max. 40 to 60@50%VCC 10 max. 10% VCC max. 90% VCC min. 15 max. 20 max. 0 to VCC 0 to VCC 0.8 max. 0.3 max. 2.2 min. 2.2 min. 150 max. 5 max. 10 max. Units MHz x10-6 C C V V mA A % nS V V pF V V V nS mS mS
Note: All electrical characteristics are defined at the maximum load and operating temperature range. Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
5.0 0.6 1.2
(Unit: mm)
Recommended Land Pattern
2.5 1.5
(Unit: mm)
Plating: Ni Au Tolerance: 0.1
3.2 2.9 1.2 2.5
2.5 Pad Connections INH GND Output VCC Enable/ Disable Function Pad1 Pad3 (Output) Open Active "H" Level Active "L" Level High Z (No-Oscillation) 0.25
1.6
Note: A capacitor of value 0.01 F between VCC and GND is recommended.
1.0


▲Up To Search▲   

 
Price & Availability of KC5032D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X