Part Number Hot Search : 
15N12 CPS1116 BAV99 AOU3N60 CMIB8788 CPH6324 CSN032D AD7711A
Product Description
Full Text Search
 

To Download KBL02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL005 THRU KBL10
SINGLE-PHASE SILICON BRIDGE RECTIFIERS Reverse Voltage - 50 to 1000 V Forward Current - 4 A
Features * High surge current capability Mechanical Data * Case: KBL * Epoxy: UL 94V-0 rate flame retardant * Terminals: Silver plated(E4 Suffix) leads, solderable per J-STD-002B and JESD22-B102D * Polarity: As marked on body
Absolute Maximum Ratings and Characteristics Rating at 25oC ambient temperature unless otherwise specified. Symbols KBL005 Parameter
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 50 OC Peak Forward Surge Current, 8.3 ms Single HalfSine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Forward Voltage Drop at 2 A Maximum Reverse Current at Rated DC Blocking Voltage TA = 25 C TA = 125 OC
O
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Units V V V A
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 4
600 420 600
800 560 800
1000 700 1000
IFSM VF IR TJ, Tstg
200 1.1 5 1 - 55 to + 150
A V A mA
O
Operating and Storage Temperature Range
C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/08/2008 G
KBL005 THRU KBL10
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 20/08/2008 G


▲Up To Search▲   

 
Price & Availability of KBL02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X