Part Number Hot Search : 
SZN6486 C2020D BT151 AXP221 7447913 74HC154 A1030 2SK11
Product Description
Full Text Search
 

To Download HN58X2502TIE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN58X2502I HN58X2504I
Serial Peripheral Interface 2k EEPROM (256-word x 8-bit) 4k EEPROM (512-word x 8-bit) Electrically Erasable and Programmable Read Only Memory
REJ03C0061-0200 Rev.2.00 Jul.05.2005
Description
HN58X25xxx Series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing advanced MONOS memory technology and CMOS process and low voltage circuitry technology. It also has a 16-byte page programming function to make it's write operation faster. Note: Renesas Technology's serial EEPROM are authorized for using consumer applications such as cellular phones, camcorders, audio equipments. Therefore, please contact Renesas Technology's sales office before using industrial applications such as automotive systems, embedded controllers, and meters.
Features
* Single supply: 1.8 V to 5.5 V * Serial Peripheral Interface compatible (SPI bus) SPI mode 0 (0,0), 3 (1,1) * Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V) * Power dissipation: Standby: 3 A (max) Active (Read): 2 mA (max) Active (Write): 2.5 mA (max) * Automatic page write: 16-byte/page * Write cycle time: 5 ms (2.5 V min), 8 ms (1.8 V min) * Endurance: 106 Erase/Write Cycles * Data retention: 10 Years * Small size packages: SOP-8pin, TSSOP-8pin * Shipping tape and reel TSSOP-8pin: 3,000 IC/reel SOP-8pin : 2,500 IC/reel * Temperature range: -40 to +85 C * Lead free product.
Rev.2.00, Jul.05.2005, page 1 of 20
HN58X2502I/HN58X2504I
Ordering Information
Type No. HN58X2502FPIE HN58X2504FPIE HN58X2502TIE HN58X2504TIE Internal organization Operating voltage Frequency 2-kbit (256 x 8-bit) 1.8 V to 5.5 V 5 MHz (2.5 V to 5.5 V) 4-kbit (512 x 8-bit) 2-kbit (256 x 8-bit) 4-kbit (512 x 8-bit) 1.8 V to 5.5 V 3 MHz (1.8 V to 5.5V) 5 MHz (2.5 V to 5.5 V) 3 MHz (1.8 V to 5.5 V) Package 150mil 8-pin plastic SOP PRSP0008DF-B (FP-8DBV) Lead free 8-pin plastic TSSOP PTSP0008JC-B (TTP-8DAV) Lead free
Pin Arrangement
8-pin SOP/TSSOP
S Q W VSS 1 2 3 4 8 7 6 5 VCC HOLD C D
(Top view)
Pin Description
Pin name C D Q S W HOLD VCC VSS Function Serial clock Serial data input Serial data output Chip select Write protect Hold Supply voltage Ground
Rev.2.00, Jul.05.2005, page 2 of 20
HN58X2502I/HN58X2504I
Block Diagram
High voltage generator VCC VSS
Address generator
X decoder
W C HOLD D Q
Control logic
S
Memory array
Y decoder
Y-select & Sense amp.
Serial-parallel converter
Absolute Maximum Ratings
Parameter Symbol Supply voltage relative to VSS VCC Input voltage relative to VSS VIN 1 Operating temperature range* Topr Storage temperature range Tstg Notes: 1. Including electrical characteristics and data retention. 2. VIN (min): -3.0 V for pulse width 50 ns. 3. Should not exceed VCC + 1.0 V. Value -0.6 to + 7.0 -0.5*2 to +7.0*3 -40 to +85 -65 to +125 Unit V V C C
DC Operating Conditions
Parameter Supply voltage Input voltage Operating temperature range Symbol VCC VSS VIH VIL Topr Min 1.8 0 VCC x 0.7 -0.3*1 -40 Typ 0 Max 5.5 0 VCC + 0.5*2 VCC x 0.3 +85 Unit V V V V C
Notes: 1. VIN (min): -1.0 V for pulse width 50 ns. 2. VIN (max): VCC + 1.0 V for pulse width 50 ns.
Rev.2.00, Jul.05.2005, page 3 of 20
HN58X2502I/HN58X2504I
DC Characteristics
Parameter Input leakage current Output leakage current VCC current Standby Active Symbol ILI ILO ISB ICC1 Min Max 2 2 3 2 Unit A A A mA Test conditions VCC = 5.5 V, VIN = 0 to 5.5 V (S, D, C, HOLD, W) VCC = 5.5 V, VOUT = 0 to 5.5 V (Q) VIN = VSS or VCC, VCC = 5.5 V VCC = 5.5 V, Read at 5 MHz VIN = VCC x 0.1/VCC x 0.9 Q = OPEN VCC = 5.5 V, Write at 5 MHz VIN = VCC x 0.1/VCC x 0.9 VCC = 5.5 V, IOL = 2 mA VCC = 2.5 V, IOL = 1.5 mA VCC = 5.5 V, IOL = -2 mA VCC = 2.5 V, IOL = -0.4 mA
ICC2 Output voltage VOL1 VOL2 VOH1 VOH2
VCC x 0.8 VCC x 0.8
2.5 0.4 0.4
mA V V V V
Rev.2.00, Jul.05.2005, page 4 of 20
HN58X2502I/HN58X2504I
AC Characteristics
Test Conditions * Input pules levels: VIL = VCC x 0.2 VIH = VCC x 0.8 * Input rise and fall time: 10 ns * Input and output timing reference levels: VCC x 0.3, VCC x 0.7 * Output reference levels: VCC x 0.5 * Output load: 100 pF
Parameter Clock frequency S active setup time S not active setup time S deselect time S active hold time S not active hold time Clock high time Clock low time Clock rise time Clock fall time Data in setup time Data in hold time Clock low hold time after HOLD not active Clock low hold time after HOLD active Clock high setup time before HOLD active Clock high setup time before HOLD not active Symbol fC tSLCH tSHCH tSHSL tCHSH tCHSL tCH tCL tCLCH tCHCL tDVCH tCHDX tHHCH tHLCH tCHHL tCHHH Alt fSCK tCSS1 tCSS2 tCS tCSH tCLH tCLL tRC tFC tDSU tDH Min 90 90 90 90 90 90 90 20 30 70 40 60 60
(Ta = -40 to +85C, VCC = 2.5 V to 5.5 V)
Max 5 1 1 Unit MHz ns ns ns ns ns ns ns s s ns ns ns ns ns ns ns ns ns ns ns ns ns ms cycles Notes
1 1 2 2
Output disable time tSHQZ tDIS 100 Clock low to output valid tCLQV tV 70 Output hold time tCLQX tHO 0 Output rise time tQLQH tRO 50 Output fall time tQHQL tFO 50 HOLD high to output low-Z tHHQX tLZ 50 HOLD low to output high-Z tHLQZ tHZ 100 Write time tW tWC 5 Erase / Write Endurance 106 Notes: 1. tCH + tCL 1/fC 2. Value guaranteed by characterization, not 100% tested in production. 3. Value guaranteed by characterization, not 100% tested in products (Ta = 25C).
2
2 2 2 2 3
Rev.2.00, Jul.05.2005, page 5 of 20
HN58X2502I/HN58X2504I (Ta = -40 to +85C, VCC = 1.8 V to 5.5 V)
Parameter Clock frequency S active setup time S not active setup time S deselect time S active hold time S not active hold time Clock high time Clock low time Clock rise time Clock fall time Data in setup time Data in hold time Clock low hold time after HOLD not active Clock low hold time after HOLD active Clock high setup time before HOLD active Clock high setup time before HOLD not active Output disable time Symbol fC tSLCH tSHCH tSHSL tCHSH tCHSL tCH tCL tCLCH tCHCL tDVCH tCHDX tHHCH tHLCH tCHHL tCHHH tSHQZ Alt fSCK tCSS1 tCSS2 tCS tCSH tCLH tCLL tRC tFC tDSU tDH tDIS Min 100 100 150 100 100 150 150 30 50 140 90 120 120 Max 3 1 1 200 Unit MHz ns ns ns ns ns ns ns s s ns ns ns ns ns ns ns ns ns ns ns ns ns ms cycles Notes
1 1 2 2
2
Clock low to output valid tCLQV tV 120 Output hold time tCLQX tHO 0 Output rise time tQLQH tRO 100 Output fall time tQHQL tFO 100 HOLD high to output low-Z tHHQX tLZ 100 HOLD low to output high-Z tHLQZ tHZ 100 Write time tW tWC 8 6 Erase / Write Endurance 10 Notes: 1. tCH + tCL 1/fC 2. Value guaranteed by characterization, not 100% tested in production. 3. Value guaranteed by characterization, not 100% tested in products (Ta = 25C).
2 2 2 2 3
Rev.2.00, Jul.05.2005, page 6 of 20
HN58X2502I/HN58X2504I
Timing Waveforms
Serial Input Timing
tSHSL
S
tCHSL tSLCH tCHSH
tSHCH
C
tDVCH tCHDX tCLCH LSB IN tCHCL
D
MSB IN
Q
High Impedance
Hold Timing
S
tHLCH tCHHL tHHCH
C
tCHHH
D
tHLQZ tHHQX
Q HOLD
Output Timing
S
tCH tSHQZ
C
tCL
D
ADDR LSB IN
tCLQV tCLQX
tCLQX
tCLQV
Q
LSB OUT
tQLQH tQHQL
Rev.2.00, Jul.05.2005, page 7 of 20
HN58X2502I/HN58X2504I
Pin Function
Serial data output (Q) This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of serial clock (C). Serial data input (D) This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the data to be written. Values are latched on the rising edge of serial clock (C). Serial clock (C) This input signal provides the timing of the serial interface. Instructions, addresses, or data present at serial data input (D) are latched on the rising edge of serial clock (C). Data on serial data output (Q) changes after the falling edge of serial clock (C). Chip select (S) When this input signal is high, the device is deselected and serial data output (Q) is at high impedance. Unless an internal write cycle is in progress, the device will be in the standby mode. Driving chip select (S) low enables the device, placing it in the active power mode. After power-up, a falling edge on chip select (S) is required prior to the start of any instruction. Hold (HOLD) The hold (HOLD) signal is used to pause any serial communications with the device without deselecting the device. During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and serial clock (C) are don't care. To start the hold condition, the device must be selected, with chip select (S) driven low. Write protect (W) This input signal is used to protect the memory against write instructions. When write protect (W) is held low, write instructions (WRSR, WRITE) are ignored. No action on this signal can interrupt a write cycle that has already started.
Rev.2.00, Jul.05.2005, page 8 of 20
HN58X2502I/HN58X2504I
Functional Description
Status Register The following figure shows the Status Register Format. The Status Register contains a number of status and control bits that can be read or set (as appropriate) by specific instructions. Status Register Format
b7
1 1 1 1 BP1 BP0 WEL
b0
WIP
Block Protect Bits Write Enable Latch Bits Write In Progress Bits
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register cycle. WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be protected against Write instructions. Instructions Each instruction starts with a single-byte code, as summarized in the following table . If an invalid instruction is sent (one not contained in the following table), the device automatically deselects itself. Instruction Set
Instruction Description WREN Write Enable WRDI Write Disable RDSR Read Status Register WRSR Write Status Register READ Read from Memory Array WRITE Write to Memory Array Notes: 1. "x" is Don't care. 2. "A" is A8 address on the HN58X2504, and Don't care on the HN58X2502. Instruction Format 0000 x110 0000 x100 0000 x101 0000 x001 0000 A011 0000 A010
Rev.2.00, Jul.05.2005, page 9 of 20
HN58X2502I/HN58X2504I Write Enable (WREN): The Write Enable Latch (WEL) bit must be set prior to each WRITE and WRSR instruction. The only way to do this is to send a Write Enable instruction to the device. As shown in the following figure, to send this instruction to the device, chip select (S) is driven low, and the bits of the instruction byte are shifted in, on serial data input (D). The device then enters a wait state. It waits for the device to be deselected, by chip select (S) being driven high. Write Enable (WREN) Sequence
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7
C
VIH VIL Instruction
VIH
D
VIL
Q
High-Z
Rev.2.00, Jul.05.2005, page 10 of 20
HN58X2502I/HN58X2504I Write Disable (WRDI): One way of resetting the Write Enable Latch (WEL) bit is to send a Write Disable instruction to the device. As shown in the following figure, to send this instruction to the device, chip select (S) is driven low, and the bits of the instruction byte are shifted in, on serial data input (D). The device then enters a wait state. It waits for the device to be deselected, by chip select (S) being driven high. The Write Enable Latch (WEL) bit, in fact, becomes reset by any of the following events: Power-up WRDI instruction execution WRSR instruction completion WRITE instruction completion WRITE protect (W) is driven low
Write Disable (WRDI) Sequence
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7
C
VIH VIL Instruction
VIH
D
VIL
Q
High-Z
Rev.2.00, Jul.05.2005, page 11 of 20
HN58X2502I/HN58X2504I Read Status Register (RDSR): The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register may be read at any time, even while a Write or Write Status Register cycle is in progress. When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new instruction to the device. It is also possible to read the Status Register continuously, as shown in the following figure. Read Status Register (RDSR) Sequence
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
C
VIH VIL
VIH
D
VIL Status Register Out
Q
High-Z 7 6 5 4 3 2 1 0 7
The status and control bits of the Status Register are as follows: WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register cycle. When set to 1, such a cycle is in progress. When reset to 0, no such cycles are in progress. WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1, the internal Write Enable Latch is set. When set to 0, the internal Write Enable Latch is reset and no Write or Write Status Register instructions are accepted. BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Write instructions. These bits are written with the Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits are set to 1, the relevant memory area (as defined in the Status Register Format table) becomes protected against Write (WRITE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the Hardware Protected mode has not been set.
Rev.2.00, Jul.05.2005, page 12 of 20
HN58X2502I/HN58X2504I Write Status Register (WRSR): The Write Status Register (WRSR) instruction allows new values to be written to the Status Register. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded and executed, the device sets the Write Enable Latch(WEL). The instruction sequence is shown in the following figure. The Write Status Register (WRSR) instruction has no effect on b6, b5, b4, b1 and b0 of the Status Register. b6, b5 and b4 are always read as 0. Chip select (S) must be driven high after the rising edge of serial clock (C) that latches in the eighth bit of the data byte, and before the next rising edge of serial clock (C). Otherwise, the Write Status Register (WRSR) instruction is not executed. As soon as chip select (S) is driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is completed, Write Enable Latch(WEL) is reset. The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect (BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in the Status Register Format table. The contents of Block Protect (BP1, BP0) bits are frozen at their current values just before the start of the execution of the Write Status Register (WRSR) instruction. The new, updated values take effect at the moment of completion of the execution of Write Status Register (WRSR) instruction. Write Status Register (WRSR) Sequence
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
C
VIH VIL Status Register In VIH 7 MSB 6 5 4 3 2 1 0
D
VIL
Q
High-Z
Rev.2.00, Jul.05.2005, page 13 of 20
HN58X2502I/HN58X2504I Read from Memory Array (READ): As shown in the following figure, to send this instruction to the device, chip select (S) is first driven low. The bits of the instruction byte and the address bytes are then shifted in, on serial data input (D). The addresses are loaded into an internal address register, and the byte of data at that address is shifted out, on serial data output (Q). The most significant address (A8) should be sent as fifth bit in the instruction byte. If chip select (S) continues to be driven low, the internal address register is automatically incremented, and the byte of data at the new address is shifted out. When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be continued indefinitely. The whole memory can, therefore, be read with a single READ instruction. The Read cycle is terminated by driving chip select (S) high. The rising edge of the chip select (S) signal can occur at any time during the cycle. The addressed first byte can be any byte within any page. The instruction is not accepted, and is not executed, if a Write cycle is currently in progress. Read from Memory Array (READ) Sequence
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 21 22 23
C
VIH VIL
Instruction VIH
8-Bit Address
D
A8
A7
A6 A5
A3 A2 A1
A0
VIL Data Out 1 Data Out 2 2 1 0 7
Q
High-Z 7 6 5 4 3
Note:
1. Depending on the memory size, as shown in the following table, the most significant address bits are don't care.
Address Range Bits
Device Address bits A8 to A0 Note: 1. A8 is don't care on the HN58X2402. HN58X2504I A7 to A0 HN58X2502I
Rev.2.00, Jul.05.2005, page 14 of 20
HN58X2502I/HN58X2504I Write to Memory Array (WRITE): As shown in the following figure, to send this instruction to the device, chip select (S) is first driven low. The bits of the instruction byte, address byte, and at least one data byte are then shifted in, on serial data input (D). The instruction is terminated by driving chip select (S) high at a byte boundary of the input data. In the case of the following figure, this occurs after the eighth bit of the data byte has been latched in, indicating that the instruction is being used to write a single byte. The self-timed Write cycle starts, and continues for a period tWC (as specified in AC Characteristics). At the end of the cycle, the Write In Progress (WIP) bit is reset to 0. If, though, chip select (S) continues to be driven low, as shown in the following figure, the next byte of the input data is shifted in, so that more than a single byte, starting from the given address towards the end of the same page, can be written in a single internal Write cycle. Each time a new data byte is shifted in, the least significant bits of the internal address counter are incremented. If the number of data bytes sent to the device exceeds the page boundary, the internal address counter rolls over to the beginning of the page, and the previous data there are overwritten with the incoming data. (The page size of these device is 32 bytes). The instruction is not accepted, and is not executed, under the following conditions: If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable instruction just before) If a Write cycle is already in progress If the addressed page is in the region protected by the Block Protect (BP1 and BP0) bits. If Write Protect (W) is low
Byte Write (WRITE) Sequence (1 Byte)
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 21 22 23
C
VIH VIL
Instruction VIH
8-Bit Address
Data Byte 1
D
A8
A7
A6 A5
A3
A2
A1
A0
7
6
5
4
3
2
1
0
VIL
Q
High-Z
Note:
1. Depending on the memory size, as shown in Address Range Bits table, the most significant address bit is don't care.
Rev.2.00, Jul.05.2005, page 15 of 20
HN58X2502I/HN58X2504I Byte Write (WRITE) Sequence (Page)
S
VIH VIL
W
VIH VIL 0 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 21 22 23
C
VIH VIL
Instruction VIH
8-Bit Address
Data Byte 1
D
A8
A7 A6 A5
A3
A2
A1
A0
7
6
5
4
3
2
1
0
VIL
Q
High-Z
S
VIH VIL
W
VIH VIL 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
C
VIH VIL
Data Byte 2
Data Byte 3
Data Byte N 1 0 6 5 4 3 2 1 0
D
7
6
5
4
3
2
1
0
7
6
5
4
3
2
Q
High-Z
Note:
1. Depending on the memory size, as shown in Address Range Bits table, the most significant address bit is don't care.
Rev.2.00, Jul.05.2005, page 16 of 20
HN58X2502I/HN58X2504I
Data Protect
The Block Protect bits (BP1, BP0) define the area of memory that is protected against the execution of write cycle, as summarized in the following table. When Write Protect (W) is driven low, write to memory array (WRITE) and write status register (WRSR) are disabled, and WEL bit is reset. Write Protected Block Size
Status register bits BP1 BP0 0 1 0 1 Protected blocks None Upper quarter Upper half Whole memory Array addresses protected HN58X2504I HN58X2502I None None 180h - 1FFh C0h - FFh 100h - 1FFh 80h - FFh 000h - 1FFh 00h - FFh
0 0 1 1
Hold Condition
The hold (HOLD) signal is used to pause any serial communications with the device without resetting the clocking sequence. During the hold condition, the serial data output (Q) is high impedance, and serial data input (D) and serial clock (C) are don't care. To enter the hold condition, the device must be selected, with chip select (S) low. Normally, the device is kept selected, for the whole duration of the hold condition. Deselecting the device while it is in the hold condition, has the effect of resetting the state of the device, and this mechanism can be used if it is required to reset any processes that had been in progress. The hold condition starts when the hold (HOLD) signal is driven low at the same time as serial clock (C) already being low (as shown in the following figure). The hold condition ends when the hold (HOLD) signal is driven high at the same time as serial clock (C) already being low. The following figure also shows what happens if the rising and falling edges are not timed to coincide with serial clock (C) being low. Hold Condition Activation
HOLD status HOLD status
C HOLD
Rev.2.00, Jul.05.2005, page 17 of 20
HN58X2502I/HN58X2504I
Notes
Data Protection at VCC On/Off When VCC is turned on or off, noise on S inputs generated by external circuits (CPU, etc) may act as a trigger and turn the EEPROM to unintentional program mode. To prevent this unintentional programming, this EEPROM have a power on reset function. Be careful of the notices described below in order for the power on reset function to operate correctly. * S should be fixed to VCC during VCC on/off. Low to high or high to low transition during VCC on/off may cause the trigger for the unintentional programming. * VCC should be turned on/off after the EEPROM is placed in a standby state. * VCC should be turned on from the ground level (VSS) in order for the EEPROM not to enter the unintentional programming mode. * VCC turn on speed should be slower than 10 s/V. * When WRSR or WRITE instruction is executed before VCC turns off, VCC should be turned off after waiting write cycle time (tW).
Rev.2.00, Jul.05.2005, page 18 of 20
HN58X2502I/HN58X2504I
Package Dimensions
HN58X2502FPIE/HN58X2504FPIE (PRSP0008DF-B / Previous Code: FP-8DBV)
JEITA Package Code P-SOP8-3.9x4.89-1.27 RENESAS Code PRSP0008DF-B Previous Code FP-8DBV MASS[Typ.] 0.08g
*1
D 5
F
8
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
*2
c
Reference Symbol
Dimension in Millimeters Min Nom 4.89 3.90 Max 5.15
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e 4
*3
D E A2 A1 0.102
0.14
0.254 1.73
bp
x
M L1
A bp b1 c c
1
0.35
0.40
0.45
0.15
0.20
0.25
A
HE
0 5.84 6.02 1.27
8 6.20
A1
L y
e x y
0.25 0.10 0.69 0.406
1
Detail F
Z L L 0.60 1.06
0.889
Rev.2.00, Jul.05.2005, page 19 of 20
HN58X2502I/HN58X2504I HN58X2502TIE/HN58X2504TIE (PTSP0008JC-B / Previous Code: TTP-8DAV)
JEITA Package Code P-TSSOP8-4.4x3-0.65
*1
RENESAS Code PTSP0008JC-B D 5
Previous Code TTP-8DAV
MASS[Typ.] 0.034g
F
8
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
*2
c
Reference Symbol
Dimension in Millimeters Min Nom 3.00 4.40 Max 3.30
Terminal cross section ( Ni/Pd/Au plating )
Index mark
D E A2 A1 A 0.03
0.07
0.10 1.10
L1
bp b1
0.15
0.20
0.25
1 Z e
4
*3
c bp x M c
1
0.10
0.15
0.20
HE
0 6.20 6.40 0.65
8 6.60
A
A1
L
e x y
0.13 0.10 0.805 0.40
1
Detail F
y
Z L L 0.50 1.00
0.60
Rev.2.00, Jul.05.2005, page 20 of 20
Revision History
Rev. 0.01 1.00 Date Jul. 29, 2003 Aug.20.2004 Page 2
HN58X2502I/HN58X2504I Data Sheet
Contents of Modification Description
Initial issue Deletion of Preliminary Deletion of Package: SON (TNP-8DA) Ordering Information Deletion of HN58X2502FPI, HN58X2504FPI, HN58X2502TI, HN58X2504TI Addition of HN58X2502FPIE, HN58X2504FPIE, HN58X2502TIE, HN58X2504TIE 25-26 Package Dimensions: Change of Dimensions FP-8DB to FP-8DBV TTP-8D to TTP-8DAV Description and Features Change Serial Peripheral Interface for Serial Peripheral Interface compatible Ordering Information 2 Addition of Renesas package codes 19-20 Package Dimensions Addition of Renesas package codes Changed to Renesas formats 1 1 5-6 Features Change of Endurance : 105 Cycles to 106 Erase/Write Cycles AC Characteristics Addition of Erase / Write Endurance Addition of Notes 3
1.01
Mar.31.2005
2.00
Jul.05.2005
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of HN58X2502TIE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X