Part Number Hot Search : 
P1553Z Z6015 P16NS25F AP2014 PG32024 2SC3199 BZT5245 8TXXX
Product Description
Full Text Search
 

To Download GC2520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GC2510 - GC2546
TM (R)
POWER GENERATION Step Recovery Diodes RoHS Compliant
DESCRIPTION
The GC2500 series step recovery diodes are epitaxial silicon varactors which provide high output power and efficiencies in harmonic generator applications. Strict material and process controls result in high reproducibility. A unique silicon dioxide passivation process assures greater reliability and low leakage currents at high temperatures. Diodes are available in various capacitance ranges for each of the 4 voltage ratings. These diodes represent the lowest transition time (snap time) available for each voltage rating. Unless otherwise specified, capacitance will be within the range shown below for each type. A capacitance tolerance of 10% is available at an additional charge. Diodes can be optimized for custom electrical or mechanical specifications. Custom parameters for capacitance, voltage, transition time, series resistance, etc. are available upon request. All specifications shown above are based on the style 30 package. Many packages options are available, including 150A, 35, 36, 42 and 56. Chip mounted on carriers with gold wire/ribbon leads are also available. Other package styles are available to meet specific requirements. Some limitations apply. Contact Microsemi for details.
KEY FEATURES
X2 Through X20 Harmonics Generation Excellent Efficiency High Output Power RoHS Compliant
1
www.MICROSEMI.com
APPLICATIONS The GC2500 series of step recovery varactors are used as harmonic generators for all orders of multiplication X2 through X20 for both narrow and wide bandwidths. Applications include local oscillators, voltage controlled oscillators, frequency synthesizers, and up converters. They are also used in comb generators to generate a broad frequency spectrum and in high speed pulse shaping circuits.
APPLICATIONS/BENEFITS
Harmonics Generation Local Oscillators Frequency Synthesizers Up Converters
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Rating Maximum Leakage Current @80% of Minimum Rated VB Storage Temperature Operating Temperature Symbol IR TSTG TOP Value 50 -65 to +150 -55 to +125 Unit nA
GC2510 - GC2546 GC2510 - GC2546
C C
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult the factory for further information. These devices are ESD sensitive and must be handled using ESD precautions.
1
The GC2500 Series of products are
supplied with a RoHS complaint Gold finish.
Copyright 2007 Rev.: 2009-02-03
Microsemi
Microwave Products
Page 1
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
GC2510 - GC2546
TM (R)
POWER GENERATION Step Recovery Diodes RoHS Compliant
CHIP ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Model Number GC2510 GC2511 GC2512 GC2513 GC2514 GC2515 GC2516 GC2520 GC2521 GC2522 GC2523 GC2524 GC2525 GC2526 GC2530 GC2531 GC2532 GC2533 GC2534 GC2535 GC2536 GC2540 GC2541 GC2542 GC2543 GC2544 GC2545 GC2546
1. 2. 3. 4.
IR=10A
Vb(V)
Cj(pF)1
@-6V
TL(ns)2 (Min)
TT(ps) (Typ) 60 60 60 60 60 60 60 70 70 70 70 70 70 70 100 100 100 100 100 100 100 150 150 150 150 150 150 150
@25 mA
Rs()3 (Max) 1.2 1.0 0.7 0.5 0.4 0.3 0.25 1.0 0.7 0.6 0.5 0.4 0.3 0.25 0.8 0.6 0.5 0.4 0.3 0.25 0.2 0.8 0.6 0.5 0.4 0.3 0.25 0.2
P (C/W)
1
4
www.MICROSEMI.com
(Min) 15 15 15 15 15 15 15 20 20 20 20 20 20 20 30 30 30 30 30 30 30 40 40 40 40 40 40 40
(Max) 125 100 100 75 75 60 60 100 75 75 75 75 60 60 75 60 60 60 60 50 50 60 50 50 50 50 40 40
0.2-0.4 0.4-0.6 0.6-0.8 0.8-1.0 1.0-1.4 1.4-2.0 2.0-3.0 0.2-0.4 0.4-0.6 0.6-0.8 0.8-1.0 1.0-1.4 1.4-2.0 2.0-3.0 0.2-0.4 0.4-0.6 0.6-0.8 0.8-1.0 1.0-1.4 1.4-2.0 2.0-3.0 0.2-0.4 0.4-0.6 0.6-0.8 0.8-1.0 1.0-1.4 1.4-2.0 2.0-3.0
8 8 8 8 8 8 8 11 11 11 11 11 11 11 17 17 17 17 17 17 17 21 21 21 21 21 21 21
Notes:
Junction capacitance is measure at 1 MHz. Carrier lifetime is measure at IF = 10mA, IR = 6mA . Series resistance is measure using a transmission loss technique @ 1 GHz. Thermal resistance is measure using pulsed conditions while measuring forward voltage drop across the diode mounted in an infinite heat sink.
Copyright 2007 Rev.: 2009-02-03
Microsemi
Microwave Products
Page 2
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
GC2510 - GC2546
TM (R)
POWER GENERATION Step Recovery Diodes RoHS Compliant
Typical Package Options
PACKAGE STYLE 00 PACKAGE STYLE 17
www.MICROSEMI.com
Notes: Dimensions vary by model number Consult factory for details Order as GC25xx - 00
PACKAGE STYLE 30
PACKAGE STYLE 42
OTHER PACKAGE STYLES AVAILABLE ON REQUEST CONSULT FACTORY
MECHANICAL MECHANICAL
Copyright 2007 Rev.: 2009-02-03
Microsemi
Microwave Products
Page 3
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748


▲Up To Search▲   

 
Price & Availability of GC2520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X