Part Number Hot Search : 
2SK27 DN8797SE FA13844P MPW2033 FA13844P T2955 D2058 MPW2033
Product Description
Full Text Search
 

To Download FSSD07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSSD07 -- 1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
April 2009
FSSD07 1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
Features
On Resistance: 5 Typical, VDDC=2.7V ftoggle: >75MHz Low On Capacitance: 6pF Typical Low Power Consumption: 2A Maximum Supports Secure Digital (SD), Secure Digital I/O (SDIO), and Multimedia Card (MMC) Specifications Supports 1-Bit / 4-Bit Host Controllers (VDDH1/H2=1.65V to 3.6V) Communicating with High-Voltage (2.7-3.6V) and Dual-Voltage Cards (1.65-1.95V, 2.7-3.6V)
Description
The FSSD07 is a 2:1 multiplexer that allows dual Secure Digital (SD), Secure Digital I/O (SDIO), and Multimedia Card (MMC) host controllers to share a common peripheral. The host controllers can be equal to, greater than, or less than peripheral card supply with minimal power consumption. This configuration enables dual host CMD, CLK, and D[3:0] signals to be multiplexed to a common peripheral. The architecture includes the necessary bi-directional data and command transfer capability for single highvoltage cards or dual-voltage supply cards. The clock path is a uni-directional buffer. Typical applications involve switching in portables and consumer applications: cell phones, digital cameras, home theater monitors, set-top boxes, and notebooks.
-
VDDC=1.65 to 3.6V, VDDH1/H2=1.65 to 3.6V
24-Lead MLP and UMLP Packages
Applications
Cell Phone, PDA, Digital Camera, Portable GPS, and Notebook Computer LCD Monitor, TV, and Set-Top Box
Analog Symbol
IMPORTANT NOTE:
For additional performance information, please contact analogswitch@fairchildsemi.com.
Figure 1. Analog Symbol Diagram
Ordering Information
Part Number Top Mark Operating Temperature Range
-40C to +85C -40C to +85C
Eco Status
Green Green
Package Description
24-Lead Molded Leadless Package (MLP), JEDEC MO-220, 3.5 x 4.5mm 24-Lead Ultra-thin Molded Leadless Package (UMLP), 0.4mm pitch
Packing Method
Tape & Reel Tape & Reel
FSSD07BQX FSSD07 FSSD07UMX JK
For Fairchild's definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
(c) 2007 Fairchild Semiconductor Corporation FSSD07 Rev. 1.0.0 www.fairchildsemi.com
FSSD07 -- 1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
(c) 2007 Fairchild Semiconductor Corporation FSSD07 Rev. 1.0.0
www.fairchildsemi.com 16


▲Up To Search▲   

 
Price & Availability of FSSD07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X