Part Number Hot Search : 
40101 L7805A 2SK322 2N2905 B0530WRH AP4501 CC4026 GIF2404
Product Description
Full Text Search
 

To Download FDSAS2062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
Application Specific Crystal Oscillator 5.0 x 3.2mm
2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
FDSAS2062
5.0 x 3.2mm Ceramic SMD
ASSP XOTM for Storage
Package:
Product Features
* Very low phase jitter - 0.5ps RMS * Thicker crystal for improved reliability * Low output current - 15mA max. * Low power stand by mode * Industrial Temperature Range * Pb-free & RoHS compliant
Recommended Land Pattern:
Product Description
This is an enhanced high-frequency 3.3V, 62.5MHz crystal clock oscillator with superb jitter and low operating current for Serial Attached SCSI (SAS-1 & SAS-2) applications. The output clock signal, generated internally with a patented oscillator design, is compatible with LVCMOS logic levels.
Pin Functions:
Pin Function
1 2 3 4
OE Function Ground Clock Output V DD
Applications
* SAS-2 Hard Disk Drive
*Extended high frequency power decoupling is recommended (see test circuit for minimum recommendation). To ensure optimal performance, do not route RF traces beneath the package.
Part Ordering Information:
FDSAS2062
SaRonix-eCeraTM is a Pericom(R) Semiconductor company
*
US: +1-408-435-0800 TW: +886-3-4518888
*
www.pericom.com 05/13/10 1
All specifications are subject to change without notice.
FDSAS2062
Rev C
2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO FDSAS2062
TM
Application Specific Crystal Oscillator 5.0 x 3.2mm
Electrical Performance
Parameter Min. Typ. Max. Units Notes
Output Frequency Supply Voltage Supply Current, Output Enabled Supply Current, Output Disabled Frequency Stability Operating Temperature Range Output Logic 0, VOL Output Logic 1, VOH Output Load Duty Cycle Rise and Fall Time Jitter, Phase RMS (1-) Jitter, pk-pk 45 90% V DD -20 2.375
62.5 2.5 2.625 15 10 50 +70 10% V DD 15 55 2 0.2 21 0.5 30
MHz V mA A ppm C V V pF % ns ps ps Measured 50% V DD Measured 20/80% of waveform 12kHz to 20 MHz frequency band 100.000 random periods See Note 1 below
Notes: 1. Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25C), aging (1 year at 25C average effective ambient temperature), shock and vibration. 2. For specifications othere than those listed, please contact sales.
Output Enable / Disable Function
Parameter Min. Typ. Max. Units Notes
Input Voltage (pin 1), Output Enable Input Voltage (pin 1), Output Disable (low power standby) Internal Pullup Resistance Output Disable Delay Output Enable Delay
0.7 V DD 0.3 V DD 30 200 2
V V k ns ms
or open Output is Hi-Z
Absolute Maximum Ratings
Parameter Min. Typ. Max. Units Notes
Storage Temperature
-55
+125
C
For the latest product information visit: http://www.pericom.com/products/timing/oscillators/FDSAS2062/ For test circuit go to: http://www.pericom.com/pdf/sre/tc_hcmos.pdf For soldering reflow profile and reliability test ratings go to: http://www.pericom.com/pdf/sre/reflow.pdf For typical phase noise go to: http://www.pericom.com/pdf/sre/pn_FDSAS2062.pdf For tape and reel information go to: http://www.pericom.com/pdf/sre/tr_5032.pdf
SaRonix-eCeraTM is a Pericom(R) Semiconductor company
*
US: +1-408-435-0800 TW: +886-3-4518888
*
www.pericom.com 05/13/10 2
All specifications are subject to change without notice.
FDSAS2062
Rev C


▲Up To Search▲   

 
Price & Availability of FDSAS2062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X