|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AC Power Line Choke ELECTRONICS INC. EPZ3032-X * Used in Power AC Line Filters, AC-AC Converters and Switching Power Supplies * Meets or exceeds CSA/IEC/VDE/UL Specifications for Creepage, Clearance and Dielectric Strength * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * In EE19 Standard Package Electrical Parameters @ 25 C Part Number EPZ3032-470 EPZ3032-560 EPZ3032-680 EPZ3032-820 EPZ3032-101 EPZ3032-121 EPZ3032-151 EPZ3032-181 EPZ3032-221 EPZ3032-271 EPZ3032-331 EPZ3033-471 EPZ3032-561 EPZ3032-681 EPZ3032-821 EPZ3032-102 EPZ3032-122 EPZ3032-152 EPZ3032-182 EPZ3032-222 Inductance (mH 25%) @ 1 KHz DCR ( Max.) Current Rating (Amperes Max.) Temperature Rise (C Max.) @ Max. Current 13 15 15 12 13 15 16 12 14 16 11 10 12 9 10 10 11 9 10 9 3.5 .047 .016 3.5 .056 .018 3.5 .068 .019 2.8 .082 .023 2.8 .100 .025 2.8 .120 .028 2.8 .150 .030 2.2 .180 .038 2.2 .220 .044 2.2 .270 .049 1.7 .330 .058 1.4 .470 .076 1.4 .560 .090 1.1 .680 .114 1.1 .820 .130 .88 1.00 .194 .88 1.20 .218 .70 1.50 .278 .70 1.80 .306 .55 2.20 .430 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 3750 Vrms * Package .840 (21.30) .740 (18.80) Schematic 2 L1 3 7 L2 6 .670 (17.00) .175 (4.40) .025 Sq. (.635) .200 (5.10) 7 2 .900 (22.90) 6 3 .515 (13.10) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSZ3032-Xa Rev. 2 2/28/05 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com AC Power Line Choke ELECTRONICS INC. EPZ3032-X * Used in Power AC Line Filters, AC-AC Converters and Switching Power Supplies * Meets or exceeds CSA/IEC/VDE/UL Specifications for Creepage, Clearance and Dielectric Strength * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * In EE19 Standard Package Electrical Parameters @ 25 C Part Number EPZ3032-272 EPZ3032-332 EPZ3032-392 EPZ3032-472 EPZ3032-562 EPZ3032-682 EPZ3032-822 EPZ3032-103 EPZ3032-123 EPZ3032-153 EPZ3032-183 EPZ3032-223 EPZ3032-273 EPZ3032-333 EPZ3032-393 EPZ3032-473 EPZ3032-563 EPZ3032-683 EPZ3032-104 EPZ3032-124 EPZ3032-222 Inductance (mH 25%) @ 1 KHz DCR ( Max.) Current Rating (Amperes Max.) Temperature Rise (C Max.) @ Max. Current 10 11 9 10 11 10 11 13 10 11 12 11 9 10 8 9 10 11 9 10 11 .55 2.7 .468 .55 3.3 .530 .44 3.9 .668 .44 4.7 .760 .44 5.6 .852 .35 6.8 1.24 .35 8.2 1.40 .35 10 1.60 .27 12 1.98 .27 15 2.24 .27 18 2.45 .22 22 3.49 .17 27 4.60 .17 33 5.20 .13 39 7.19 .13 47 7.80 .13 56 8.69 .13 68 9.69 .10 82 13.10 .10 100 14.60 .10 120 16.00 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 3750 Vrms * Package .840 (21.30) .740 (18.80) Schematic 2 L1 3 7 L2 6 .670 (17.00) .175 (4.40) .025 Sq. (.635) .200 (5.10) 7 2 .900 (22.90) 6 3 .515 (13.10) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSZ3032-Xb Rev. 2 2/28/05 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPZ3032-820 |