Part Number Hot Search : 
74LS27 930911 74ABT841 FPI4060W UT54A DG441DJZ RL204 BAS116
Product Description
Full Text Search
 

To Download ELM18810BA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30
8V Vgs =2V
20 Vgs=5V 15 Vgs =1.5V
20
Id(A)
Id(A)
10
10
5 Vgs =1V
125C 25C
0 0 1 2 3 4 5 Vds(Volts) Figure 1: On-Regions Characteristi cs
0 0.0 0.5 1.0 1.5 2.0 2.5 Vgs(Volts) Figure 2: Transfer Characteristics
50
1.6
Normalize ON-Resistance
Id=6.5A 1.4
Vgs=1.8V Vgs=2.5V Vgs=4.5V
Rds(on)(m:)
40 Vgs =1.8V Vgs =2.5V 20 Vgs =4.5V 10 0 5 10 15 20 Id(A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
30
1.2
1.0
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
60 Id=6.5A 50
1E+01 1E+00 1E-01 125C
Rds(on)(m:)
Is(A)
40 125C
1E-02 1E-03
30 20 25C 10 0 2
1E-04 1E-05 4 6 8 0.0 0.2
25C
0.4
0.6
0.8
1.0
Vgs(Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
Vsd(Volts) Figure 6: Body-Diode Characteristics
5 Vds=10V 4
2000
Id=7A
Capacitance (pF)
1600 Ciss 1200 800 Crss 400 0 Coss
Vgs(Volts)
3 2 1 0 0 5 10 15 20 Qg (nC) Figure 7: Gate-Charge Characteristics
0
5
10
15
20
Vds(Volts) Figure 8: Capacitance Characteristics
100.0
Tj(max)=150C Ta=25C Rds(on) limited 10Ps 100Ps 1ms 0.1s 10ms
40 Tj(max)=150C Ta=25C 30
Id (Amps)
Power (W)
10.0
20
1.0 1s 10s DC 0.1 0.1 1 Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
10
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=83C/W 1
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Pd 0.1 Ton T
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM18810BA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X