Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download DO5022P-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 172-1
SMT Power Inductors - DO5022P Series
* Excellent current handling - up to 28.8 Asat. * Low dc resistance keeps power losses to a minimum
Designer's Kit C311 contains 3 of each part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant gold over nickel over phos bronze. Other terminations available at additional cost. Weight 2.8 - 3.9 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 250 per 13 reel Plastic tape: 32 mm wide, 0.38 mm thick, 24 mm pocket spacing, 7.8 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1
Isat (A)4 DCR SRF L 20%2 max typ3 10% 20% Irms5 (H) (Ohms) (MHz) drop drop (A) 0.009 0.014 0.018 0.020 0.029 0.031 0.036 0.047 0.066 0.086 0.13 0.19 0.25 0.38 0.56 0.85 1.1 1.8 80 80 60 40 30 30 22 20 15 9 8 7 6 5 4 3 2.5 2.0 27.6 18.5 14.5 12.5 10.3 9.4 7.5 6.5 5.2 4.2 3.7 3.0 2.5 2.0 1.7 1.5 1.2 0.95 28.8 19.8 15.5 13.8 11.5 10.5 8.2 7.2 6.1 4.7 4.1 3.4 2.8 2.3 1.9 1.7 1.3 1.1 8.6 7.1 6.2 5.3 4.8 4.3 4.0 3.5 3.0 2.6 2.3 1.8 1.5 1.2 1.0 0.82 0.72 0.56
1. When ordering, please specify termination and packaging codes:
DO5022P-105MLD
DO5022P-102ML_ 1.0 DO5022P-222ML_ 2.2 DO5022P-332ML_ 3.3 DO5022P-562ML_ 5.6 DO5022P-822ML_ 8.2 DO5022P-103ML_ 10 DO5022P-153ML_ 15 DO5022P-223ML_ 22 DO5022P-333ML_ 33 DO5022P-473ML_ 47 DO5022P-683ML_ 68 DO5022P-104ML_ 100 DO5022P-154ML_ 150 DO5022P-224ML_ 220 DO5022P-334ML_ 330 DO5022P-474ML_ 470 DO5022P-684ML_ 680 DO5022P-105ML_ 1000
Termination: L = RoHS compliant gold over nickel over phos bronze. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR meter or equivalent. 3. SRF >13 MHz measured using Agilent/HP 8753D network analyzer; <13 MHz using Agilent/HP 4192A. 4. DC current at which inductance drops the specified amount from its value without current. 5. Current that causes a 40C temperature rise from 25C ambient. 6.Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 172-1
Revised 10/14/08
(c) Coilcraft, Inc. 2009
Document 172-2
SMT Power Inductors - DO5022P Series
Typical L vs Current
10000
1000 H
Typical L vs Frequency
10000
1000 H
1000
1000
Inductance (H)
100
100 H
Inductance (H)
100
100 H
10
10 H
10
10 H
1
1 H
1
1 H
0.1 0.1
1
10
100
0.1 0.01 0.1 1 10
Current (A)
Frequency (MHz)
additional 0.02/0,508 * Allow anand 0.01/0,254 in in width height for optional tin-lead and tin-silver-copper application.
Current Derating
120 110 100
0.710 0.020* 18,03 0,508
0.600 max 15,24
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
0.500 dia 12,70 0.280 max* 7,11
25C
0.100 2,54
0.100 2,54
0.605 15,37
0.110 2,79
0.115 2,92
Ambient temperature (C)
0.510 0.010 12,95 0,25 Internal code
Recommended Land Pattern
Dash number
XXX
Part Marking
Start
Finish
Part marking since Feb. 2005. Parts manufactured prior to that date may have color dots. Visit www.coilcraft.com/colrpowr.cfm for details.
X
Dimensions are in
inches mm
Specifications subject to change without notice. Please check our website for latest information.
Document 172-2
Revised 10/14/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of DO5022P-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X