Part Number Hot Search : 
P8544 2SC535 C2766G MRF100 DM700 50N03LT LBN10002 20LWG
Product Description
Full Text Search
 

To Download DMR76A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DMR76A
www.SunLED.com
76.2mm (3.0") SINGLE DIGIT DISPLAY
PRELIMINARY SPEC Features
3.0 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Per Segment or (Dp and Comma) Forward Current Per Segment or (Dp and Comma) Forward Current (Peak) Per Segment or (Dp and Comma) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment or (Dp and Comma) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF MR (GaAlAs) 30 (10) 30 (30) 155 (155) 450 (150) -40 ~ +85 -40 ~ +85 Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment or (Dp and Comma) (IF=10mA) Forward Voltage (Max.) Per Segment or (Dp and Comma) (IF=10mA) Reverse Current Per Segment or (Dp and Comma) (VR=30(10)V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF MR (GaAlAs) 10.8 (3.6) 15.0 (5.0) 10 (10) Unit
V
VF
V
IR
uA
iFS
mA
P
660
nm
PT TA Tstg
mW C
D
640
nm
260C For 3~5 Seconds
20
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 283990
Wavelength nm P
Description
DMR76A
Red
GaAlAs
44000
660 V3
Common Anode, Rt. Hand Decimal Checked : Shin Chi P.1/5
Published Date : MAR 18,2008
Drawing No :SDSA2181
Part Number:
DMR76A
www.SunLED.com
76.2mm (3.0") SINGLE DIGIT DISPLAY
MR
Published Date : MAR 18,2008
Drawing No :SDSA2181
V3
Checked : Shin Chi
P.2/5
Part Number:
DMR76A
www.SunLED.com
76.2mm (3.0") SINGLE DIGIT DISPLAY
Published Date : MAR 18,2008
Drawing No :SDSA2181
V3
Checked : Shin Chi
P.3/5
Part Number:
DMR76A
www.SunLED.com
76.2mm (3.0") SINGLE DIGIT DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 18,2008
Drawing No :SDSA2181
V3
Checked : Shin Chi
P.4/5
Part Number:
DMR76A
www.SunLED.com
76.2mm (3.0") SINGLE DIGIT DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR76A
Published Date : MAR 18,2008
Drawing No :SDSA2181
V3
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DMR76A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X