Part Number Hot Search : 
HS2262 75NF75 FMMT2369 CKKCAAAA 557R6 MA147 84C30 R2125Z
Product Description
Full Text Search
 

To Download CY8C21323-24LFXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY8C21123, CY8C21223, CY8C21323
PSoC(R) Mixed Signal Array
Features

Powerful Harvard Architecture Processor M8C Processor Speeds to 24 MHz Low power at High Speed 2.4V to 5.25V Operating Voltage Operating Voltages down to 1.0V using On-Chip Switch Mode Pump (SMP) Industrial Temperature Range: -40C to +85C Advanced Peripherals (PSoC Blocks) Four Analog Type "E" PSoC Blocks Provide: * Two Comparators with DAC Refs * Single or Dual 8-Bit 8:1 ADC Four Digital PSoC Blocks Provide: * 8 to 32-Bit Timers, Counters, and PWMs * CRC and PRS Modules Full Duplex UART, SPITM Master or Slave * Connectable to All GPIO Pins Complex Peripherals by Combining Blocks Flexible On-Chip Memory 4K Flash Program Storage 50,000 Erase/Write Cycles 256 Bytes SRAM Data Storage In-System Serial Programming (ISSP) Partial Flash Updates Flexible Protection Modes EEPROM Emulation in Flash Complete Development Tools TM Free Development Software (PSoC Designer ) Full Featured, In-Circuit Emulator and Programmer Full Speed Emulation Complex Breakpoint Structure 128 Bytes Trace Memory Precision, Programmable Clocking Internal 2.5% 24/48 MHz Oscillator Internal Oscillator for Watchdog and Sleep Programmable Pin Configurations 25 mA Drive on All GPIO Pull Up, Pull Down, High Z, Strong, or Open Drain Drive Modes on All GPIO Up to Eight Analog Inputs on GPIO Configurable Interrupt on all GPIO
Additional System Resources 2 I CTM Master, Slave and MultiMaster to 400 kHz Watchdog and Sleep Timers User Configurable Low Voltage Detection Integrated Supervisory Circuit On-Chip Precision Voltage Reference
Logic Block Diagram
Port 1 Port 0
PSoC CORE
SystemBus
Global Digital Interconnect
Global Analog Interconnect Flash Sleep and Watchdog
SRAM Interrupt Controller
SROM
CPU Core (M8C)
Clock Sources (Includes IMO and ILO)
DIGITAL SYSTEM
Digital PSoC Block Array
ANALOG SYSTEM
Analog PSoC Block Array
Analog Ref.
Digital Clocks
POR and LVD I2C System Resets
Sw itch Mode Pump
Internal Voltage Ref.
SYSTEM RESOURCES
Cypress Semiconductor Corporation Document Number: 38-12022 Rev. *H
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised October 22, 2008
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
PSoC(R) Functional Overview
The PSoC(R) family consists of many Mixed Signal Array with On-Chip Controller devices. These devices are designed to replace multiple traditional MCU-based system components with a low cost single-chip programmable component. A PSoC device includes configurable blocks of analog and digital logic, and programmable interconnect. This architecture allows the user to create customized peripheral configurations, to match the requirements of each individual application. Additionally, a fast CPU, Flash program memory, SRAM data memory, and configurable IO are included in a range of convenient pinouts. The PSoC architecture, as shown in Figure 1, consists of four main areas: the Core, the System Resources, the Digital System, and the Analog System. Configurable global bus resources allow the combining of all device resources into a complete custom system. Each PSoC device includes four digital blocks. Depending on the PSoC package, up to two analog comparators and up to 16 general purpose IO (GPIO) are also included. The GPIO provide access to the global digital and analog interconnects.
Digital System
The Digital System consists of four digital PSoC blocks. Each block is an 8-bit resource that can be used alone or combined with other blocks to form 8, 16, 24, and 32-bit peripherals, which are called user module references. Digital peripheral configurations include:

PWMs (8 to 32 bit) PWMs with Dead band (8 to 32 bit) Counters (8 to 32 bit) Timers (8 to 32 bit) UART 8 bit with selectable parity (up to four) SPI master and slave I2C slave, master, MultiMaster (one available as a System Resource) Cyclical Redundancy Checker/Generator (8 to 32 bit) IrDA (up to four) Pseudo Random Sequence Generators (8 to 32 bit)
PSoC Core
The PSoC Core is a powerful engine that supports a rich instruction set. It encompasses SRAM for data storage, an interrupt controller, sleep and watchdog timers, and IMO (internal main oscillator) and ILO (internal low speed oscillator). The CPU core, called the M8C, is a powerful processor with speeds up to 24 MHz. The M8C is a four MIPS 8-bit Harvard architecture microprocessor. System Resources provide additional capability, such as digital clocks to increase the flexibility of the PSoC mixed-signal arrays, I2C functionality for implementing an I2C master, slave, MultiMaster, an internal voltage reference that provides an absolute value of 1.3V to a number of PSoC subsystems, a switch mode pump (SMP) that generates normal operating voltages off a single battery cell, and various system resets supported by the M8C. The Digital System consists of an array of digital PSoC blocks, which can be configured into any number of digital peripherals. The digital blocks can be connected to the GPIO through a series of global bus that can route any signal to any pin. This frees designs from the constraints of a fixed peripheral controller. The Analog System consists of four analog PSoC blocks, supporting comparators and analog-to-digital conversion up to 8 bits in precision.
The digital blocks can be connected to any GPIO through a series of global bus that can route any signal to any pin. The busses also allow for signal multiplexing and performing logic operations. This configurability frees your designs from the constraints of a fixed peripheral controller. Digital blocks are provided in rows of four, where the number of blocks varies by PSoC device family. This provides an optimum choice of system resources for your application. Family resources are shown in Table 1 on page 3. Figure 1. Digital System Block Diagram
Port 1 Port 0
DigitalClocks FromCore
To System Bus
To Analog System
DIGITAL SYSTEM
Digital PSoC Block Array
Row Input Configuration
Row 0
DBB00 DBB01 DCB02
4 DCB03 4
Row Output Configuration
8 8
8 8
GIE[7:0] GIO[7:0]
Global Digital Interconnect
GOE[7:0] GOO[7:0]
Document Number: 38-12022 Rev. *H
Page 2 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Analog System
The Analog System consists of four configurable blocks to allow creation of complex analog signal flows. Analog peripherals are very flexible and may be customized to support specific application requirements. Some of the more common PSoC analog functions (most available as user modules) are:

Additional System Resources
System Resources, some of which listed in the previous sections, provide additional capability useful to complete systems. Additional resources include a switch mode pump, low voltage detection, and power on reset. Brief statements describing the merits of each system resource follow.
Analog-to-digital converters (single or dual, with 8-bit resolution) Pin-to-pin comparators (one) Single-ended comparators (up to 2) with absolute (1.3V) reference or 8-bit DAC reference 1.3V reference (as a System Resource)
Digital clock dividers provide three customizable clock frequencies for use in applications. The clocks can be routed to both the digital and analog systems. Additional clocks can be generated using digital PSoC blocks as clock dividers. The I2C module provides 100 and 400 kHz communication over two wires. Slave, master, and multi-master modes are all supported. Low Voltage Detection (LVD) interrupts can signal the application of falling voltage levels, while the advanced POR (Power On Reset) circuit eliminates the need for a system supervisor. An internal 1.3 voltage reference provides an absolute reference for the analog system, including ADCs and DACs. An integrated switch mode pump (SMP) generates normal operating voltages from a single 1.2V battery cell, providing a low cost boost converter.
In most PSoC devices, analog blocks are provided in columns of three, which includes one CT (Continuous Time) and two SC (Switched Capacitor) blocks. The CY8C21x23 devices provide limited functionality Type "E" analog blocks. Each column contains one CT block and one SC block. The number of blocks is on the device family which is detailed in Table 1. Figure 2. CY8C21x23 Analog System Block Diagram

PSoC Device Characteristics
Array Input Configuration
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks, and 12, 6, or 4 analog blocks. Table 1 lists the resources available for specific PSoC device groups. The PSoC device covered by this data sheet is highlighted. Table 1. PSoC Device Characteristics Digital IO
ACI0[1:0]
ACI1[1:0]
Digital Rows Digital Blocks Analog Inputs Analog Outputs Analog Columns Analog Blocks SRAM Size 16 8 4 4 4 4 0 12 12 48 12 28 8 28 4 4 2 2 0 0 0 4 4 2 2 2 2 0 12 12 6 6 4a 4a 3b 2K 1 1K 1
PSoC Part Number
ACOL1MUX
CY8C29x66 CY8C27x43 CY8C24x94
up to 4 64 up to 2 44 56
32K
Array
256 16K Bytes 16K 256 4K Bytes 512 8K Bytes 256 4K Bytes 512 8K Bytes
ACE00 ASE10
ACE01 ASE11
CY8C24x23A up to 1 24 CY8C21x34 CY8C21x23 CY8C20x34 up to 1 28 16
up to 0 28
a. Limited analog functionality.
b. Two analog blocks and one CapSense.
Document Number: 38-12022 Rev. *H
Page 3 of 37
Flash Size
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Getting Started
The quickest path to understanding PSoC silicon is by reading this data sheet and using the PSoC Designer Integrated Development Environment (IDE). This data sheet is an overview of the PSoC integrated circuit and presents specific pin, register, and electrical specifications. For in depth information, along with detailed programming information, refer the PSoC Mixed Signal Array Technical Reference Manual, which can be found on http://www.cypress.com/psoc. For up to date Ordering, Packaging, and Electrical Specification information, refer to the latest PSoC device data sheets on the web at http://www.cypress.com.
Development Tools
PSoC Designer is a Microsoft(R) Windows-based, integrated development environment for the Programmable System-on-Chip (PSoC) devices. The PSoC Designer IDE and application runs on Windows NT 4.0, Windows 2000, Windows Millennium (Me), or Windows XP. Refer the PSoC Designer Functional Flow diagram (Figure 3). PSoC Designer helps the customer to select an operating configuration for PSoC, write application code that uses the PSoC, and debug the application. This system provides design database management by project, an integrated debugger with In-Circuit Emulator, in-system programming support, and the CYASM macro assembler for the CPUs. PSoC Designer also supports a high-level C language compiler developed specifically for the devices in the family. Figure 3. PSoC Designer Subsystems
Development Kits
Development Kits are available from the following distributors: Digi-Key, Avnet, Arrow, and Future. The Cypress Online Store contains development kits, C compilers, and all accessories for PSoC development. Go to the Cypress Online Store web site at Order >> Buy Kits at http://www.cypress.com/shop, click the Online Store shopping cart icon at the bottom of the web page, and click PSoC (Programmable System-on-Chip) to view a current list of available items.
PSoC TM Designer
Graphical Designer Interface
Context Sensitive Help
Commands
Results
Technical Training Modules
Free On-Demand PSoC Training modules are available for new users to PSoC. Training modules cover designing, debugging, advanced analog, and CapSense. Go to http://www.cypress.com/techtrain.
Consultants
Certified PSoC Consultants offer everything from technical assistance to completed PSoC designs. To contact or become a PSoC Consultant go to http://www.cypress.com, click on Support located at the top of the web page, and select CYPros Consultants.
Importable Design Database Device Database Application Database Project Database User Modules Library PSoC Configuration Sheet
PSoC TM Designer Core Engine
Technical Support
PSoC application engineers take pride in fast and accurate response. They can be reached with a 4-hour guaranteed response at http://www.cypress.com/support.
Manufacturing Information File
Application Notes
A long list of application notes can assist you in every aspect of your design effort. To view the PSoC application notes, go to http://www.cypress.com and select Application Notes under Documentation located in the center of the web page. .
Emulation Pod
In-Circuit Emulator
Device Programmer
Document Number: 38-12022 Rev. *H
Page 4 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
PSoC Designer Software Subsystems
Device Editor The device editor subsystem allows the user to select different onboard analog and digital components called user modules using the PSoC blocks. Examples of user modules are ADCs, DACs, Amplifiers, and Filters. The device editor also supports easy development of multiple configurations and dynamic reconfiguration. Dynamic reconfiguration allows changing configurations at run time. PSoC Designer sets up power on initialization tables for selected PSoC block configurations and creates source code for an application framework. The framework contains software to operate the selected components and, if the project uses more than one operating configuration, contains routines to switch between different sets of PSoC block configurations at run time. PSoC Designer can print out a configuration sheet for a given project configuration for use during application programming in conjunction with the Device Data Sheet. After the framework is generated, the user can add application specific code to flesh out the framework. It is also possible to change the selected components and regenerate the framework. Design Browser The Design Browser allows users to select and import preconfigured designs into the user's project. Users can easily browse a catalog of preconfigured designs to facilitate time-to-design. Examples provided in the tools include a 300-baud modem, LIN Bus master and slave, fan controller, and magnetic card reader. Application Editor In the Application Editor you can edit C language and Assembly language source code. You can also assemble, compile, link, and build. Assembler. The macro assembler allows the seamless merging of the assembly code with C code. The link libraries automatically use absolute addressing or can be compiled in relative mode, and linked with other software modules to get absolute addressing. C Language Compiler. A C language compiler that supports PSoC family devices is available. Even if you have never worked in the C language before, the product helps you to quickly create complete C programs for the PSoC family devices. The embedded, optimizing C compiler provides all the features of C tailored to the PSoC architecture. It comes complete with embedded libraries providing port and bus operations, standard keypad and display support, and extended math functionality. Debugger The PSoC Designer Debugger subsystem provides hardware in-circuit emulation, which allows the designer to test the program in a physical system while providing an internal view of the PSoC device. Debugger commands allow the designer to read the program and read and write data memory, read and write IO registers, read and write CPU registers, set and clear breakpoints, and provide program run, halt, and step control. The debugger also allows the designer to create a trace buffer of registers and memory locations of interest.
Online Help System The online help system displays online context-sensitive help for the user. Designed for procedural and quick reference, each functional subsystem has its own context-sensitive help. This system also provides tutorials and links to FAQs and an Online Support Forum to aid the designer in getting started.
Hardware Tools
In-Circuit Emulator A low cost, high functionality ICE (In-Circuit Emulator) is available for development support. This hardware can program single devices. The emulator consists of a base unit that connects to the PC through the parallel or USB port. The base unit is universal and operates with all PSoC devices. Emulation pods for each device family are available separately. The emulation pod takes the place of the PSoC device in the target board and performs full speed (24 MHz) operation
Designing with User Modules
The development process for the PSoC device differs from that of a traditional fixed function microprocessor. The configurable analog and digital hardware blocks give the PSoC architecture a unique flexibility that pays dividends in managing specification changes during development and by lowering inventory costs. These configurable resources, called PSoC Blocks, can implement a wide variety of user-selectable functions. Each block has several registers that determine its function and connectivity to other blocks, multiplexers, bus, and to the IO pins. Iterative development cycles permit you to adapt the hardware and the software. This substantially lowers the risk of having to select a different part to meet the final design requirements. To speed the development process, the PSoC Designer Integrated Development Environment (IDE) provides a library of pre-built, pre-tested hardware peripheral functions, called "User Modules." User modules make selecting and implementing peripheral devices simple, and come in analog, digital, and mixed signal varieties. The standard User Module library contains over 50 common peripherals such as ADCs, DACs, Timers, Counters, UARTs, and other uncommon peripherals, such as DTMF Generators and Bi-Quad analog filter sections. Each user module establishes the basic register settings that implement the selected function. It also provides parameters that allow you to tailor its precise configuration to your particular application. For example, a Pulse Width Modulator User Module configures one or more digital PSoC blocks, one for each 8 bits of resolution. The user module parameters permit you to establish the pulse width and duty cycle. User modules also provide tested software to cut your development time. The user module application programming interface (API) provides high-level functions to control and respond to hardware events at run time. The API also provides optional interrupt service routines that you can adapt as required.
Document Number: 38-12022 Rev. *H
Page 5 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
The API functions are documented in user module data sheets that are viewed directly in the PSoC Designer IDE. These data sheets explain the internal operation of the user module and provide performance specifications. Each data sheet describes the use of each user module parameter and documents the setting of each register controlled by the user module. The development process starts when you open a new project and bring up the Device Editor, a graphical user interface (GUI) for configuring the hardware. Pick the user modules required for your project and map them onto the PSoC blocks with point-and-click simplicity. Next, build signal chains by interconnecting user modules to each other and the IO pins. At this stage, you can also configure the clock source connections and enter parameter values directly or by selecting values from drop-down menus. When you are ready to test the hardware configuration or move on to developing code for the project, perform the "Generate Application" step. This causes PSoC Designer to generate source code that automatically configures the device to your specification and provides high-level user module API functions. Figure 4. User Module and Source Code Development Flows
The next step is to write the main program, and any sub-routine using PSoC Designer's Application Editor subsystem. The Application Editor includes a Project Manager that allows you to open the project source code files (including all generated code files) from a hierarchal view. The source code editor provides syntax coloring and advanced edit features for both C and assembly language. File search capabilities include simple string searches and recursive "grep-style" patterns. A single mouse click invokes the Build Manager. It employs a professional-strength "makefile" system to automatically analyze all file dependencies and run the compiler and assembler as necessary. Project-level options control optimization strategies used by the compiler and linker. Syntax errors are displayed in a console window. Double clicking the error message takes you directly to the offending line of source code. When all is correct, the linker builds a HEX file image suitable for programming. The last step in the development process takes place inside the PSoC Designer's Debugger subsystem. The Debugger downloads the HEX image to the In-Circuit Emulator (ICE) where it runs at full speed. Debugger capabilities rival those of systems costing many times more. In addition to traditional single-step, run-to-breakpoint and watch-variable features, the Debugger provides a large trace buffer and allows you define complex breakpoint events that include monitoring address and data bus values, memory locations, and external signals.
Device Editor
User Module Selection Placement and Parameter -ization Source Code Generator
Generate Application
A pplication Editor
Project Manager Source Code Editor Build Manager
Build All
Debugger
Interface to ICE Storage Inspector Event & Breakpoint Manager
Document Number: 38-12022 Rev. *H
Page 6 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Document Conventions
Acronyms Used
The following table lists the acronyms used in this data sheet. Table 2. Acronyms Acronym AC ADC API CPU CT DAC DC EEPROM FSR GPIO IO IPOR LSb LVD MSb PC POR PPOR PSoC(R) PWM ROM SC SMP SRAM Description alternating current analog-to-digital converter application programming interface central processing unit continuous time digital-to-analog converter direct current electrically erasable programmable read-only memory full scale range general purpose IO input/output imprecise power on reset least-significant bit low voltage detect most-significant bit program counter power on reset precision power on reset Programmable System-on-Chip pulse width modulator read only memory switched capacitor switch mode pump static random access memory
Units of Measure
A units of measure table is located in the section Electrical Specifications on page 16. Table 11 on page 16 lists all the abbreviations used to measure the PSoC devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in uppercase with an appended lowercase `h' (for example, `14h' or `3Ah'). Hexadecimal numbers may also be represented by a `0x' prefix, the C coding convention. Binary numbers have an appended lowercase `b' (for example, 01010100b' or `01000011b'). Numbers not indicated by an `h', `b', or 0x are decimal.
Document Number: 38-12022 Rev. *H
Page 7 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Pin Information
This section describes, lists, and illustrates the CY8C21x23 PSoC device pins and pinout configurations. Every port pin (labeled with a "P") is capable of Digital IO. However, Vss, Vdd, SMP, and XRES are not capable of Digital IO.
8-Pin Part Pinout
Table 3. Pin Definitions - 8-Pin SOIC Pin No. 1 2 3 4 5 6 7 8 Type Digital IO IO IO Power IO IO IO Power I I I I Pin Analog Name P0[5] P0[3] P1[1] Vss P1[0] P0[2] P0[4] Vdd Description Analog Column Mux Input Analog Column Mux Input I2C Serial Clock (SCL), ISSP-SCLK* Ground Connection I2C Serial Data (SDA), ISSP-SDATA* Analog Column Mux Input Analog Column Mux Input Supply Voltage Figure 5. CY8C21123 8-Pin PSoC Device
A, I, P0[5] A, I, P0[3] I2C SCL, P1[1] Vss 1 8 2 7 SOIC6 3 5 4 Vdd P0[4], A, I P0[2], A, I P1[0], I2CSDA
LEGEND: A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
16-Pin Part Pinout
Table 4. Pin Definitions - 16-Pin SOIC Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Type Digital IO IO IO IO Power Power IO Power IO IO IO IO IO IO IO Power I I I I I I I I Analog Pin Name P0[7] P0[5] P0[3] P0[1] SMP Vss P1[1] Vss P1[0] P1[2] P1[4] P0[0] P0[2] P0[4] P0[6] Vdd Optional External Clock Input (EXTCLK) Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Supply Voltage Description Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Switch Mode Pump (SMP) Connection to required External Components Ground Connection I2C Serial Clock (SCL), ISSP-SCLK* Ground Connection I2C Serial Data (SDA), ISSP-SDATA* Figure 6. CY8C21223 16-Pin PSoC Device
A, I, P0[7] A, I, P0[5] A, I, P0[3] A, I, P0[1] SMP Vss I2CSCL, P1[1] Vss
1 2 3 4 5 6 7 8
SOIC
16 15 14 13 12 11 10 9
Vdd P0[6], A, I P0[4], A, I P0[2], A, I P0[0], A, I P1[4],EXTCLK P1[2] P1[0], I2CSDA
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
Document Number: 38-12022 Rev. *H
Page 8 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 5. Pin Definitions - 16-Pin QFNa Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Type Digital IO IO IO IO IO IO Power IO IO Input IO IO IO Power IO IO I I I I I I I Analog Pin Name P0[3] P0[1] P0[7] P1[5] P1[3] P1[1] Vss P1[0] P1[4] XRES P0[0] P0[4] P0[6] Vdd P0[7] P0[5] I2C Serial Clock (SCL), ISSP-SCLK* Ground Connection I2C Serial Data (SDA), ISSP-SDATA* Optional External Clock Input (EXCLK) Active High External Reset with Internal Pull Down Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Supply Voltage Analog Column Mux Input Analog Column Mux Input Description Analog Column Mux Input Analog Column Mux Input I2C Serial Clock (SCL) I2C Serial Data (SDA)
P0[3], AI P0[1], AI I2C SCL, P1[7] I2C SDA, P1[5]
Figure 7. CY8C21223 16-Pin PSoC Device
P0[5], AI P0[7], AI PWR P0[6], AI 1 12 2 QFN 11 3 (Top View) 10 4 9 P1[3] I2C SCL, P1[1] GND I2C SDA, P1[0] 5 6 7 8 16 15 14 13 P0[4], AI P0[0], AI XRES P1[4], EXTCLK
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
a. The center pad on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it must be electrically floated and not connected to any other signal.
Document Number: 38-12022 Rev. *H
Page 9 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
20-Pin Part Pinout
Table 6. Pin Definitions - 20-Pin SSOP Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Type Digital Analog IO I IO I IO I IO I Power IO IO IO IO Power IO IO IO IO Input IO IO IO IO Power I I I I Pin Name P0[7] P0[5] P0[3] P0[1] Vss P1[7] P1[5] P1[3] P1[1] Vss P1[0] P1[2] P1[4] P1[6] XRES P0[0] P0[2] P0[4] P0[6] Vdd Description Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Ground Connection I2C Serial Clock (SCL) I2C Serial Data (SDA) I2C Serial Clock (SCL), ISSP-SCLK* Ground connection I2C Serial Data (SDA), ISSP-SDATA* Optional External Clock Input (EXTCLK) Active High External Reset with Internal Pull Down Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Supply Voltage Figure 8. CY8C21323 20-Pin PSoC Device
A, I, P0[7] A, I, P0[5] A, I, P0[3] A, I, P0[1] Vss I2C SCL, P1[7] I2C SDA, P1[5] P1[3] I2C SCL, P1[1] Vss
1 2 3 4 5 6 7 8 9 10
SSOP
20 19 18 17 16 15 14 13 12 11
Vdd P0[6], A, I P0[4], A, I P0[2], A, I P0[0], A, I XRES P1[6] P1[4],EXTCLK P1[2] P1[0],I2C SDA
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
Document Number: 38-12022 Rev. *H
Page 10 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
24-Pin Part Pinout
Table 7. Pin Definitions - 24-Pin QFN*a Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Type Pin Digital Analog Name IO I P0[1] Power SMP Power IO IO IO IO Power IO IO IO IO Input Vss P1[7] P1[5] P1[3] P1[1] NC Vss P1[0] P1[2] P1[4] P1[6] XRES NC P0[0] P0[2] P0[4] P0[6] Vdd Vss P0[7] P0[5] P0[3] Description Analog Column Mux Input Switch Mode Pump (SMP) Connection to required External Components Ground connection I2C Serial Clock (SCL) I2C Serial Data (SDA) I2C Serial Clock (SCL), ISSP-SCLK* No Connection Ground Connection I2C Serial Data (SDA), ISSP-SDATA* Optional External Clock Input (EXTCLK) Active High External Reset with Internal Pull Down No Connection Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Supply Voltage Ground Connection Analog Column Mux Input Analog Column Mux Input Analog Column Mux Input Figure 9. CY8C21323 24-Pin PSoC Device
P0[3], A, I P0[5], A, I P0[7], A, I Vss Vdd P0[6], A, I P0[4], A, I P0[2], A, I P0[0], A, I NC XRES P1[6]
A, I, P0[1] SMP Vss I2C SCL, P1[7] I2C SDA, P1[5] P1[3]
IO IO IO IO Power Power IO IO IO
I I I I
I I I
LEGEND A = Analog, I = Input, and O = Output. * These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
a. The center pad on the QFN package must be connected to ground (Vss) for best mechanical, thermal, and electrical performance. If not connected to ground, it must be electrically floated and not connected to any other signal.
Document Number: 38-12022 Rev. *H
Vss I2C SDA, P1[0] P1[2] EXTCLK, P1[4]
I2C SCL, P1[1] NC
7 8 9 10 11 12
1 2 3 4 5 6
24 23 22 21 20 19 18 17 16 MLF (Top View ) 15 14 13
Page 11 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Register Reference
This section lists the registers of the CY8C21x23 PSoC device. For detailed register information, refer the PSoCTM Mixed-Signal Array Technical Reference Manual.
Register Mapping Tables
The PSoC device has a total register address space of 512 bytes. The register space is referred to as IO space and is divided into two banks. The XOI bit in the Flag register (CPU_F) determines which bank the user is currently in. When the XOI bit is set the user is in Bank 1. Note In the following register mapping tables, blank fields are Reserved and must not be accessed.
Register Conventions
The register conventions specific to this section are listed in the following table. Table 8. Register Conventions Convention R W L C # Description Read register or bit(s) Write register or bit(s) Logical register or bit(s) Clearable register or bit(s) Access is bit specific
Document Number: 38-12022 Rev. *H
Page 12 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 9. Register Map Bank 0 Table: User Space
Name PRT0DR PRT0IE PRT0GS PRT0DM2 PRT1DR PRT1IE PRT1GS PRT1DM2 Addr (0,Hex) 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F DBB00DR0 DBB00DR1 DBB00DR2 DBB00CR0 DBB01DR0 DBB01DR1 DBB01DR2 DBB01CR0 DCB02DR0 DCB02DR1 DCB02DR2 DCB02CR0 DCB03DR0 DCB03DR1 DCB03DR2 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E # W RW # # W RW # # W RW # # W RW TMP_DR0 TMP_DR1 TMP_DR2 ADC0_CR ADC1_CR CMP_CR1 CMP_CR0 PWM_CR AMX_IN Access RW RW RW RW RW RW RW RW Name Addr (0,Hex) 40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53 54 55 56 57 58 59 5A 5B 5C 5D 5E 5F 60 61 62 63 64 65 66 67 68 69 6A 6B 6C 6D 6E RW RW RW # # RW # RW RW ASE11CR0 Access Name ASE10CR0 Addr (0,Hex) 80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F 90 91 92 93 94 95 96 97 98 99 9A 9B 9C 9D 9E 9F A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 AA AB AC AD AE # Access is bit specific. DEC_CR0 DEC_CR1 INT_MSK0 INT_MSK1 INT_VC RES_WDT INT_CLR3 INT_MSK3 I2C_CFG I2C_SCR I2C_DR I2C_MSCR INT_CLR0 INT_CLR1 RW Access RW Name Addr (0,Hex) C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 DA DB DC DD DE DF E0 E1 E2 E3 E4 E5 E6 E7 E8 E9 EA EB EC ED EE RW RW RW RW RC W RW RW RW # RW # RW RW Access
Blank fields are Reserved and must not be accessed.
Document Number: 38-12022 Rev. *H
Page 13 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 9. Register Map Bank 0 Table: User Space (continued)
Name DCB03CR0 Addr (0,Hex) 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F Blank fields are Reserved and must not be accessed. ACE01CR1 ACE01CR2 ACE00CR1 ACE00CR2 Access # Name TMP_DR3 Addr (0,Hex) 6F 70 71 72 73 74 75 76 77 78 79 7A 7B 7C 7D 7E 7F RW RW RW RW Access RW RDI0RI RDI0SYN RDI0IS RDI0LT0 RDI0LT1 RDI0RO0 RDI0RO1 Name Addr (0,Hex) AF B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 BA BB BC BD BE BF # Access is bit specific. CPU_SCR1 CPU_SCR0 RW RW RW RW RW RW RW CPU_F Access Name Addr (0,Hex) EF F0 F1 F2 F3 F4 F5 F6 F7 F8 F9 FA FB FC FD FE FF # # RL Access
Table 10. Register Map Bank 1 Table: Configuration Space
Name PRT0DM0 PRT0DM1 PRT0IC0 PRT0IC1 PRT1DM0 PRT1DM1 PRT1IC0 PRT1IC1 Addr (1,Hex) 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 19 Blank fields are Reserved and must not be accessed. Access RW RW RW RW RW RW RW RW Name Addr (1,Hex) 40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53 54 55 56 57 58 59 ASE11CR0 Access Name ASE10CR0 Addr (1,Hex) 80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F 90 91 92 93 94 95 96 97 98 99 # Access is bit specific. GDI_O_IN GDI_E_IN GDI_O_OU GDI_E_OU RW Access RW Name Addr (1,Hex) C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 RW RW RW RW Access
Document Number: 38-12022 Rev. *H
Page 14 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 10. Register Map Bank 1 Table: Configuration Space (continued)
Name Addr (1,Hex) 1A 1B 1C 1D 1E 1F DBB00FN DBB00IN DBB00OU 20 21 22 23 DBB01FN DBB01IN DBB01OU 24 25 26 27 DCB02FN DCB02IN DCB02OU 28 29 2A 2B DCB03FN DCB03IN DCB03OU 2C 2D 2E 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F Blank fields are Reserved and must not be accessed. ACE01CR1 ACE01CR2 ACE00CR1 ACE00CR2 RW RW RW RW RW RW CLK_CR3 TMP_DR0 TMP_DR1 TMP_DR2 TMP_DR3 RW RW RW AMD_CR1 ALT_CR0 RW RW RW CLK_CR0 CLK_CR1 ABF_CR0 AMD_CR0 CMP_GO_EN Access Name Addr (1,Hex) 5A 5B 5C 5D 5E 5F 60 61 62 63 64 65 66 67 68 69 6A 6B 6C 6D 6E 6F 70 71 72 73 74 75 76 77 78 79 7A 7B 7C 7D 7E 7F RW RW RW RW RW RW RW RW RW RDI0RI RDI0SYN RDI0IS RDI0LT0 RDI0LT1 RDI0RO0 RDI0RO1 RW RW RW RW RW RW RW Access Name Addr (1,Hex) 9A 9B 9C 9D 9E 9F A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 AA AB AC AD AE AF B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 BA BB BC BD BE BF # Access is bit specific. CPU_SCR1 CPU_SCR0 FLS_PR1 RW RW RW RW RW RW RW CPU_F IMO_TR ILO_TR BDG_TR ECO_TR OSC_GO_EN OSC_CR4 OSC_CR3 OSC_CR0 OSC_CR1 OSC_CR2 VLT_CR VLT_CMP ADC0_TR ADC1_TR Access Name Addr (1,Hex) DA DB DC DD DE DF E0 E1 E2 E3 E4 E5 E6 E7 E8 E9 EA EB EC ED EE EF F0 F1 F2 F3 F4 F5 F6 F7 F8 F9 FA FB FC FD FE FF # # RW RL W W RW W RW RW RW RW RW RW RW R RW RW Access
Document Number: 38-12022 Rev. *H
Page 15 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Electrical Specifications
This section presents the DC and AC electrical specifications of the CY8C21x23 PSoC device. For up to date electrical specifications, check if you have the latest data sheet by visiting the web at http://www.cypress.com/psoc. Specifications are valid for -40oC TA 85oC and TJ 100oC, except where noted. Refer to Table 25 on page 26 for the electrical specifications on the internal main oscillator (IMO) using SLIMO mode. Figure 10. Voltage versus CPU Frequency
5.25 5.25
Figure 11. Voltage versus IMO Frequency
SLIMO Mode=1
4.75 Vdd Voltage 4.75 Vdd Voltage
SLIMO Mode = 0
SLIMO Mode=0
lid ng Va rati n e io Op Reg
3.60
3.00 2.40 93 kHz 3 MHz 12 MHz CPU Frequency 24 MHz
3.00
2.40 93 kHz
SLIMO SLIMO Mode=1 Mode=0 SLIMO SLIMO Mode=1 Mode=1
6 MHz 12 MHz 24 MHz
IMO Frequency
The following table lists the units of measure that are used in this section. Table 11. Units of Measure Symbol
oC
dB fF Hz KB Kbit kHz k MHz M A F H s V Vrms
Unit of Measure degree Celsius decibels femto farad hertz 1024 bytes 1024 bits kilohertz kilohm megahertz megaohm microampere microfarad microhenry microsecond microvolts microvolts root-mean-square
Symbol W mA ms mV nA ns nV W pA pF pp ppm ps sps s V
Unit of Measure microwatts milli-ampere milli-second milli-volts nanoampere nanosecond nanovolts ohm picoampere picofarad peak-to-peak parts per million picosecond samples per second sigma: one standard deviation volts
Document Number: 38-12022 Rev. *H
Page 16 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Absolute Maximum Ratings
Table 12. Absolute Maximum Ratings Symbol Description TSTG Storage Temperature Min -55 Typ - Units Notes o C Higher storage temperatures reduce data retention time. Recommended storage temperature is +25C 25C. Extended duration storage temperatures above 65C degrade reliability. o +85 C +6.0 V Vdd + 0.5 V Vdd + 0.5 V +50 mA - V Human Body Model ESD 200 mA Max +100
TA Vdd VIO VIOZ IMIO ESD LU
Ambient Temperature with Power Applied Supply Voltage on Vdd Relative to Vss DC Input Voltage DC Voltage Applied to Tri-state Maximum Current into any Port Pin Electro Static Discharge Voltage Latch-up Current
-40 -0.5 Vss - 0.5 Vss - 0.5 -25 2000 -
- - - - - - -
Operating Temperature
Table 13. Operating Temperature Symbol Description TA Ambient Temperature TJ Junction Temperature Min -40 -40 Typ - - Max +85 +100 Units Notes oC oC The temperature rise from ambient to junction is package specific. SeeTable 37 on page 35. The user must limit the power consumption to comply with this requirement.
Document Number: 38-12022 Rev. *H
Page 17 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
DC Electrical Characteristics
DC Chip-Level Specifications Table 14 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 14. DC Chip-Level Specifications Symbol Description Vdd Supply Voltage IDD Supply Current, IMO = 24 MHz Min 2.40 - Typ - 3 Max 5.25 4 Units Notes V See DC POR and LVD specifications, Table 21 on page 22. mA Conditions are Vdd = 5.0V, 25oC, CPU = 3 MHz, SYSCLK doubler disabled. VC1 = 1.5 MHz VC2 = 93.75 kHz VC3 = 0.366 kHz. mA Conditions are Vdd = 3.3V, 25oC, CPU = 3 MHz, clock doubler disabled. VC1 = 375 kHz VC2 = 23.4 kHz VC3 = 0.091 kHz mA Conditions are Vdd = 2.55V, 25oC, CPU = 3 MHz, clock doubler disabled. VC1 = 375 kHz VC2 = 23.4 kHz VC3 = 0.091 kHz A Vdd = 2.55V, 0oC to 40oC A Vdd = 3.3V, -40oC TA 85oC
IDD3
Supply Current, IMO = 6 MHz
-
1.2
2
IDD27
Supply Current, IMO = 6 MHz
-
1.1
1.5
ISB27
ISB
VREF VREF27 AGND
Sleep (Mode) Current with POR, LVD, Sleep Timer, WDT, and internal slow oscillator active. Mid temperature range. Sleep (Mode) Current with POR, LVD, Sleep Timer, WDT, and internal slow oscillator active. Reference Voltage (Bandgap) Reference Voltage (Bandgap) Analog Ground
-
2.6
4
-
2.8
5
1.28 1.16 VREF - 0.003
1.30 1.30 VREF
1.32 1.330 VREF+ 0.003
V V V
Trimmed for appropriate Vdd. Vdd = 3.0V to 5.25V Trimmed for appropriate Vdd. Vdd = 2.4V to 3.0V
Document Number: 38-12022 Rev. *H
Page 18 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
DC General Purpose IO Specifications Table 15 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 15. 5V and 3.3V DC GPIO Specifications Symbol RPU RPD VOH Pull up Resistor Pull down Resistor High Output Level Description Min 4 4 Vdd 1.0 Typ 5.6 5.6 - Max 8 8 - Units k k V IOH = 10 mA, Vdd = 4.75 to 5.25V (8 total loads, 4 on even port pins (for example, P0[2], P1[4]), 4 on odd port pins (for example, P0[3], P1[5])). 80 mA maximum combined IOH budget. IOL = 25 mA, Vdd = 4.75 to 5.25V (8 total loads, 4 on even port pins (for example, P0[2], P1[4]), 4 on odd port pins (for example, P0[3], P1[5])). 150 mA maximum combined IOL budget. Vdd = 3.0 to 5.25 Vdd = 3.0 to 5.25 Gross tested to 1 A Package and pin dependent. Temp = 25oC Package and pin dependent. Temp = 25oC Notes
VOL
Low Output Level
-
-
0.75
V
VIL VIH VH IIL CIN COUT
Input Low Level Input High Level Input Hysteresis Input Leakage (Absolute Value) Capacitive Load on Pins as Input Capacitive Load on Pins as Output
- 2.1 - - - -
- - 60 1 3.5 3.5
0.8 - - 10 10
V V mV nA pF pF
Table 16 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 2.4V to 3.0V and -40C TA 85C. Typical parameters apply to 2.7V at 25C and are for design guidance only. Table 16. 2.7V DC GPIO Specifications Symbol Description Pull up Resistor RPU Pull down Resistor RPD High Output Level VOH Min 4 4 Vdd 0.4 - - 2.0 - - - - Typ 5.6 5.6 - Max 8 8 - Units Notes k k V IOH = 2.5 mA (6.25 Typ), Vdd = 2.4 to 3.0V (16 mA maximum, 50 mA Typ combined IOH budget). V IOL = 10 mA, Vdd = 2.4 to 3.0V (90 mA maximum combined IOL budget). V Vdd = 2.4 to 3.0 V Vdd = 2.4 to 3.0 mV nA Gross tested to 1 A pF Package and pin dependent. Temp = 25oC pF Package and pin dependent. Temp = 25oC
VOL VIL VIH VH IIL CIN COUT
Low Output Level Input Low Level Input High Level Input Hysteresis Input Leakage (Absolute Value) Capacitive Load on Pins as Input Capacitive Load on Pins as Output
- - - 60 1 3.5 3.5
0.75 0.75 - - - 10 10
Document Number: 38-12022 Rev. *H
Page 19 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
DC Amplifier Specifications The following tables list the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 17. 5V DC Amplifier Specifications Symbol VOSOA IEBOA CINOA VCMOA GOLOA ISOA Description Input Offset Voltage (absolute value) Input Leakage Current (Port 0 Analog Pins) Input Capacitance (Port 0 Analog Pins) Common Mode Voltage Range Open Loop Gain Amplifier Supply Current Min - - - - 0.0 80 - Typ 2.5 10 200 4.5 - - 10 Max 15 - - 9.5 Vdd - 1 - 30 Units mV V/oC pA pF V dB A Gross tested to 1 A Package and pin dependent. Temp = 25oC Notes
TCVOSOA Average Input Offset Voltage Drift
Table 18. 3.3V DC Amplifier Specifications Symbol VOSOA IEBOA CINOA VCMOA GOLOA ISOA Description Input Offset Voltage (absolute value) Input Leakage Current (Port 0 Analog Pins) Input Capacitance (Port 0 Analog Pins) Common Mode Voltage Range Open Loop Gain Amplifier Supply Current Min - - - - 0 80 - Typ 2.5 10 200 4.5 - - 10 Max 15 - - 9.5 Vdd - 1 - 30 Units mV V/oC pA pF V dB A Gross tested to 1 A Package and pin dependent. Temp = 25oC Notes
TCVOSOA Average Input Offset Voltage Drift
Table 19. 2.7V DC Amplifier Specifications Symbol VOSOA IEBOA CINOA VCMOA GOLOA ISOA Description Input Offset Voltage (absolute value) Input Leakage Current (Port 0 Analog Pins) Input Capacitance (Port 0 Analog Pins) Common Mode Voltage Range Open Loop Gain Amplifier Supply Current Min - - - - 0 80 - Typ 2.5 10 200 4.5 - - 10 Max 15 - - 9.5 Vdd - 1 - 30 Units mV V/oC pA pF V dB A Gross tested to 1 A Package and pin dependent. Temp = 25oC Notes
TCVOSOA Average Input Offset Voltage Drift
Document Number: 38-12022 Rev. *H
Page 20 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
DC Switch Mode Pump Specifications Table 20 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 20. DC Switch Mode Pump (SMP) Specifications Symbol VPUMP5V Description 5V Output Voltage from Pump Min 4.75 Typ 5.0 Max 5.25 Units V Notes Configuration of footnote.a Average, neglecting ripple. SMP trip voltage is set to 5.0V. Configuration of footnote.a Average, neglecting ripple. SMP trip voltage is set to 3.25V. Configuration of footnote.a Average, neglecting ripple. SMP trip voltage is set to 2.55V. Configuration of footnote.a SMP trip voltage is set to 5.0V. SMP trip voltage is set to 3.25V. SMP trip voltage is set to 2.55V. Configuration of footnote.a SMP trip voltage is set to 5.0V. Configuration of footnote.a SMP trip voltage is set to 3.25V. Configuration of footnote.a SMP trip voltage is set to 2.55V. Configuration of footnote.a 0oC TA 100. 1.25V at TA = -40oC.
VPUMP3V
3.3V Output Voltage from Pump
3.00
3.25
3.60
V
VPUMP2V
2.6V Output Voltage from Pump
2.45
2.55
2.80
V
IPUMP
Available Output Current VBAT = 1.8V, VPUMP = 5.0V VBAT = 1.5V, VPUMP = 3.25V VBAT = 1.3V, VPUMP = 2.55V Input Voltage Range from Battery Input Voltage Range from Battery Input Voltage Range from Battery Minimum Input Voltage from Battery to Start Pump Line Regulation (over Vi range)
5 8 8 1.8 1.0 1.0 1.2 -
- - - - - - - 5
- - - 5.0 3.3 2.8 - -
mA mA mA V V V V
VBAT5V VBAT3V VBAT2V VBATSTART VPUMP_Line
%VO Configuration of footnote.a VO is the "Vdd Value for PUMP Trip" specified by the VM[2:0] setting in the DC POR and LVD Specification, Table 21 on page 22. %VO Configuration of footnote.a VO is the "Vdd Value for PUMP Trip" specified by the VM[2:0] setting in the DC POR and LVD Specification, Table 21 on page 22. mVpp Configuration of footnote.a Load is 5 mA. % % Configuration of footnote.a Load is 5 mA. SMP trip voltage is set to 3.25V. For I load = 1mA, VPUMP = 2.55V, VBAT = 1.3V, 10 uH inductor, 1 uF capacitor, and Schottky diode.
VPUMP_Load
Load Regulation
-
5
-
VPUMP_Ripple Output Voltage Ripple (depends on cap/load) E3 E2 Efficiency Efficiency
- 35 35
100 50 80
- - -
FPUMP DCPUMP
Switching Frequency Switching Duty Cycle
- -
1.3 50
- -
MHz %
a. L1 = 2 mH inductor, C1 = 10 mF capacitor, D1 = Schottky diode. See Figure 12 on page 22.
Document Number: 38-12022 Rev. *H
Page 21 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Figure 12. Basic Switch Mode Pump Circuit
D1
Vdd
VPUMP
L1 V BAT
C1 SMP
+
Battery
PSoCTM
V ss
DC POR and LVD Specifications Table 21 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 21. DC POR and LVD Specifications Symbol VPPOR0 VPPOR1 VPPOR2 VLVD0 VLVD1 VLVD2 VLVD3 VLVD4 VLVD5 VLVD6 VLVD7 VPUMP0 VPUMP1 VPUMP2 VPUMP3 VPUMP4 VPUMP5 VPUMP6 VPUMP7
a. b. c. d.
Description Vdd Value for PPOR Trip PORLEV[1:0] = 00b PORLEV[1:0] = 01b PORLEV[1:0] = 10b Vdd Value for LVD Trip VM[2:0] = 000b VM[2:0] = 001b VM[2:0] = 010b VM[2:0] = 011b VM[2:0] = 100b VM[2:0] = 101b VM[2:0] = 110b VM[2:0] = 111b Vdd Value for PUMP Trip VM[2:0] = 000b VM[2:0] = 001b VM[2:0] = 010b VM[2:0] = 011b VM[2:0] = 100b VM[2:0] = 101b VM[2:0] = 110b VM[2:0] = 111b
Min
Typ 2.36 2.82 4.55 2.45 2.92 3.02 3.13 4.48 4.64 4.73 4.81 2.55 3.02 3.10 3.25 4.64 4.73 4.82 5.00
Max 2.40 2.95 4.70 2.51a 2.99b 3.09 3.20 4.55 4.75 4.83 4.95 2.62c 3.09 3.16 3.32d 4.74 4.83 4.92 5.12
Units V V V V V V V V V V V V V V V V V V V
Notes Vdd must be greater than or equal to 2.5V during startup, reset from the XRES pin, or reset from Watchdog.
-
2.40 2.85 2.95 3.06 4.37 4.50 4.62 4.71 2.45 2.96 3.03 3.18 4.54 4.62 4.71 4.89
Always greater than 50 mV above VPPOR (PORLEV = 00) for falling supply. Always greater than 50 mV above VPPOR (PORLEV = 01) for falling supply. Always greater than 50 mV above VLVD0. Always greater than 50 mV above VLVD3.
Document Number: 38-12022 Rev. *H
Page 22 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
DC Programming Specifications Table 22 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 22. DC Programming Specifications Symbol VddIWRITE IDDP VILP VIHP IILP IIHP VOLV VOHV FlashENPB FlashENT FlashDR Description Supply Voltage for Flash Write Operations Supply Current During Programming or Verify Input Low Voltage During Programming or Verify Input High Voltage During Programming or Verify Input Current when Applying Vilp to P1[0] or P1[1] During Programming or Verify Input Current when Applying Vihp to P1[0] or P1[1] During Programming or Verify Output Low Voltage During Programming or Verify Output High Voltage During Programming or Verify Flash Endurance (per block) Flash Endurance (total)a Flash Data Retention Min 2.70 - - 2.2 - - - Vdd - 1.0 50,000 1,800,000
0
Typ - 5 - - - - - - - -0 -
Max - 25 0.8 - 0.2 1.5 Vss + 0.75 Vdd - -0 -
Units V mA V V mA mA V V - -0 Years
Notes
Driving internal pull down resistor Driving internal pull down resistor
Erase/write cycles per block. Erase/write cycles.0
10
a. A maximum of 36 x 50,000 block endurance cycles is allowed. This may be balanced between operations on 36x1 blocks of 50,000 maximum cycles each, 36x2 blocks of 25,000 maximum cycles each, or 36x4 blocks of 12,500 maximum cycles each (and so forth to limit the total number of cycles to 36x50,000 and that no single block ever sees more than 50,000 cycles). For the full industrial range, the user must employ a temperature sensor user module (FlashTemp) and feed the result to the temperature argument before writing. Refer to the Flash APIs Application Note AN2015 at http://www.cypress.com under Application Notes for more information.
Document Number: 38-12022 Rev. *H
Page 23 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
AC Electrical Characteristics
AC Chip-Level Specifications Table 23 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 23. 5V and 3.3V AC Chip-Level Specifications Symbol FIMO24 Description Internal Main Oscillator Frequency for 24 MHz Min 23.4 Typ 24 Max 24.6
a,b,c
Units MHz
Notes Trimmed for 5V or 3.3V operation using factory trim values. See Figure 11 on page 16. SLIMO mode = 0. Trimmed for 3.3V operation using factory trim values. See Figure 11 on page 16. SLIMO mode = 1. 24 MHz only for SLIMO mode = 0.
FIMO6
Internal Main Oscillator Frequency for 6 MHz
5.75
6
6.35a,b,c
MHz
FCPU1 FCPU2 FBLK5 FBLK33 F32K1 Jitter32k Jitter32k TXRST DC24M Step24M Fout48M Jitter24M1 FMAX TRAMP
CPU Frequency (5V Nominal) CPU Frequency (3.3V Nominal) Digital PSoC Block Frequency0(5V Nominal)
0.93 0.93 0 0 15 - - 10 40 - 46.8 - - 0
24 12 48 24 32 100 1400 - 50 50 48.0 300 - -
24.6a,b 12.3b,c 49.2a,b,d 24.6b,d 64 200 - - 60 - 49.2a,c
MHz MHz MHz MHz kHz ns ns s % kHz MHz ps
Refer to the AC Digital Block Specifications.
Digital PSoC Block Frequency (3.3V Nominal) Internal Low Speed Oscillator Frequency 32 kHz RMS Period Jitter 32 kHz Peak-to-Peak Period Jitter External Reset Pulse Width 24 MHz Duty Cycle 24 MHz Trim Step Size 48 MHz Output Frequency 24 MHz Peak-to-Peak Period Jitter (IMO) Maximum frequency of signal on row input or row output. Supply Ramp Time
Trimmed. Using factory trim values.
12.3 -
MHz s
a. 4.75V < Vdd < 5.25V. b. Accuracy derived from Internal Main Oscillator with appropriate trim for Vdd range. c. 3.0V < Vdd < 3.6V. See application note AN2012 "Adjusting PSoC Microcontroller Trims for Dual Voltage-Range Operation" for information on trimming for operation at 3.3V. d. See the individual user module data sheets for information on maximum frequencies for user modules.
Document Number: 38-12022 Rev. *H
Page 24 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 24. 2.7V AC Chip-Level Specifications Symbol FIMO12 Description Internal Main Oscillator Frequency for 12 MHz Min 11.5 Typ 12
0
Max 12.7
a,b,c
Units
Notes
MHz Trimmed for 2.7V operation using factory trim values. See Figure 11 on page 16. SLIMO mode = 1. MHz Trimmed for 2.7V operation using factory trim values. See Figure 11 on page 16. SLIMO mode = 1. MHz 24 MHz only for SLIMO mode = 0. MHz Refer to the AC Digital Block Specifications. kHz ns ns s MHz s
FIMO6
Internal Main Oscillator Frequency for 6 MHz
5.5
6
6.35a,b,c
FCPU1 FBLK27 F32K1 Jitter32k Jitter32k TXRST FMAX TRAMP
CPU Frequency (2.7V Nominal) Digital PSoC Block Frequency (2.7V Nominal) Internal Low Speed Oscillator Frequency 32 kHz RMS Period Jitter 32 kHz Peak-to-Peak Period Jitter External Reset Pulse Width Maximum frequency of signal on row input or row output. Supply Ramp Time
0.093 0 8 - - 10 - 0
3 12 32 150 1400 - - -
3.15a,b 12.5
a,b,c
96 200 - - 12.3 -
a. 2.4V < Vdd < 3.0V. b. Accuracy derived from Internal Main Oscillator with appropriate trim for Vdd range. c. See application note AN2012 "Adjusting PSoC Microcontroller Trims for Dual Voltage-Range Operation" for information on maximum frequency for user modules.
Figure 13. 24 MHz Period Jitter (IMO) Timing Diagram
Jitter24M1
F 24M
Figure 14. 32 kHz Period Jitter (ILO) Timing Diagram
Jitter32k
F32K1
Document Number: 38-12022 Rev. *H
Page 25 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
AC General Purpose IO Specifications Table 25 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 25. 5V and 3.3V AC GPIO Specifications Symbol FGPIO TRiseF TFallF TRiseS TFallS Description GPIO Operating Frequency Rise Time, Normal Strong Mode, Cload = 50 pF Fall Time, Normal Strong Mode, Cload = 50 pF Rise Time, Slow Strong Mode, Cload = 50 pF Fall Time, Slow Strong Mode, Cload = 50 pF Min 0 3 2 10 10 Typ - - - 27 22 Max 12 18 18 - - Units MHz ns ns ns ns Notes Normal Strong Mode Vdd = 4.5 to 5.25V, 10% - 90% Vdd = 4.5 to 5.25V, 10% - 90% Vdd = 3 to 5.25V, 10% - 90% Vdd = 3 to 5.25V, 10% - 90%
Table 26. 2.7V AC GPIO Specifications Symbol FGPIO TRiseF TFallF TRiseS TFallS Description GPIO Operating Frequency Rise Time, Normal Strong Mode, Cload = 50 pF Fall Time, Normal Strong Mode, Cload = 50 pF Rise Time, Slow Strong Mode, Cload = 50 pF Fall Time, Slow Strong Mode, Cload = 50 pF Min 0 6 6 18 18 Typ - - - 40 40 Max 3 50 50 120 120 Units MHz ns ns ns ns Notes Normal Strong Mode Vdd = 2.4 to 3.0V, 10% - 90% Vdd = 2.4 to 3.0V, 10% - 90% Vdd = 2.4 to 3.0V, 10% - 90% Vdd = 2.4 to 3.0V, 10% - 90%
Figure 15. GPIO Timing Diagram
90%
GPIO Pin
10%
TRiseF TRiseS
TFallF TFallS
AC Amplifier Specifications The following tables list the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Settling times, slew rates, and gain bandwidth are based on the Analog Continuous Time PSoC block. Table 27. 5V and 3.3V AC Amplifier Specifications Symbol TCOMP1 TCOMP2 Description Comparator Mode Response Time, 50 mVpp Signal Centered on Ref Comparator Mode Response Time, 2.5V Input, 0.5V Overdrive Min Typ Max 100 300 Units ns ns
Table 28. 2.7V AC Amplifier Specifications Symbol TCOMP1 TCOMP2 Description Comparator Mode Response Time, 50 mVpp Signal Centered on Ref Comparator Mode Response Time, 1.5V Input, 0.5V Overdrive Min Typ Max 600 300 Units ns ns
Document Number: 38-12022 Rev. *H
Page 26 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
AC Digital Block Specifications Table 29 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 29. 5V and 3.3V AC Digital Block Specifications Function All Functions Timer Description Maximum Block Clocking Frequency (> 4.75V) Maximum Block Clocking Frequency (< 4.75V) Capture Pulse Width Maximum Frequency, No Capture Maximum Frequency, With or Without Capture Counter Enable Pulse Width Maximum Frequency, No Enable Input Maximum Frequency, Enable Input Dead Band Kill Pulse Width: Asynchronous Restart Mode Synchronous Restart Mode Disable Mode Maximum Frequency CRCPRS (PRS Mode) Maximum Input Clock Frequency 20 50 50 - - - - - 50 - - - - - - - - - - - - - - - - 49.2 49.2 24.6 8.2 4.1 - 24.6 24.6 ns ns ns MHz MHz MHz MHz MHz ns MHz MHz Maximum data rate at 3.08 MHz due to 8 x over clocking. Maximum data rate at 3.08 MHz due to 8 x over clocking. Maximum data rate at 4.1 MHz due to 2 x over clocking. 4.75V < Vdd < 5.25V. 4.75V < Vdd < 5.25V. 50 - - 50 - -
a
Min
Typ
Max 49.2 24.6
Units MHz MHz ns MHz MHz ns MHz MHz
Notes 4.75V < Vdd < 5.25V. 3.0V < Vdd < 4.75V. 4.75V < Vdd < 5.25V.
- - - - - -
- 49.2 24.6 - 49.2 24.6
4.75V < Vdd < 5.25V.
CRCPRS Maximum Input Clock Frequency (CRC Mode) SPIM SPIS Transmitter Receiver Maximum Input Clock Frequency Maximum Input Clock Frequency Width of SS_ Negated Between Transmissions Maximum Input Clock Frequency Maximum Input Clock Frequency
a. 50 ns minimum input pulse width is based on the input synchronizers running at 12 MHz (84 ns nominal period).
Document Number: 38-12022 Rev. *H
Page 27 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 30. 2.7V AC Digital Block Specifications Function All Functions Timer Counter Description Maximum Block Clocking Frequency Capture Pulse Width Maximum Frequency, With or Without Capture Enable Pulse Width Maximum Frequency, No Enable Input Maximum Frequency, Enable Input Dead Band Kill Pulse Width: Asynchronous Restart Mode Synchronous Restart Mode Disable Mode Maximum Frequency CRCPRS (PRS Mode) CRCPRS (CRC Mode) SPIM SPIS Maximum Input Clock Frequency Maximum Input Clock Frequency Maximum Input Clock Frequency Maximum Input Clock Frequency Width of SS_ Negated Between Transmissions Transmitter Receiver Maximum Input Clock Frequency Maximum Input Clock Frequency 20 100 100 - - - - - 100 - - - - - - - - - - - - - - - - 12.7 12.7 12.7 6.35 4.1 - 12.7 12.7 ns ns ns MHz MHz MHz MHz MHz ns MHz MHz Maximum data rate at 1.59 MHz due to 8 x over clocking. Maximum data rate at 1.59 MHz due to 8 x over clocking. Maximum data rate at 3.17 MHz due to 2 x over clocking. 100a - 100 - - - - - - - Min Typ Max 12.7 - 12.7 - 12.7 12.7 Units MHz ns MHz ns MHz MHz Notes 2.4V < Vdd < 3.0V.
a. 100 ns minimum input pulse width is based on the input synchronizers running at 12 MHz (84 ns nominal period).
Document Number: 38-12022 Rev. *H
Page 28 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
AC External Clock Specifications The following tables list the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, or 3.0V to 3.6V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 31. 5V AC External Clock Specifications Symbol FOSCEXT - - - Frequency High Period Low Period Power Up IMO to Switch Description Min 0.093 20.6 20.6 150 Typ - - - - Max 24.6 5300 - - Units MHz ns ns s Notes
Table 32. 3.3V AC External Clock Specifications Symbol FOSCEXT Description Frequency with CPU Clock divide by 1 Min 0.093 Typ - Max 12.3 Units MHz Notes Maximum CPU frequency is 12 MHz at 3.3V. With the CPU clock divider set to 1, the external clock must adhere to the maximum frequency and duty cycle requirements. If the frequency of the external clock is greater than 12 MHz, the CPU clock divider must be set to 2 or greater. In this case, the CPU clock divider ensures that the fifty percent duty cycle requirement is met.
FOSCEXT
Frequency with CPU Clock divide by 2 or greater
0.186
-
24.6
MHz
- - -
High Period with CPU Clock divide by 1 Low Period with CPU Clock divide by 1 Power Up IMO to Switch
41.7 41.7 150
- - -
5300 - -
ns ns s
Table 33. 2.7V AC External Clock Specifications Symbol FOSCEXT Description Frequency with CPU Clock divide by 1 Min 0.093 Typ - Max 6.060 Units MHz Notes Maximum CPU frequency is 3 MHz at 2.7V. With the CPU clock divider set to 1, the external clock must adhere to the maximum frequency and duty cycle requirements. If the frequency of the external clock is greater than 3 MHz, the CPU clock divider must be set to 2 or greater. In this case, the CPU clock divider ensures that the fifty percent duty cycle requirement is met.
FOSCEXT
Frequency with CPU Clock divide by 2 or greater
0.186
-
12.12
MHz
- - -
High Period with CPU Clock divide by 1 Low Period with CPU Clock divide by 1 Power Up IMO to Switch
83.4 83.4 150
- - -
5300 - -
ns ns s
Document Number: 38-12022 Rev. *H
Page 29 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
AC Programming Specifications Table 34 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, or 3.0V to 3.6V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 34. AC Programming Specifications Symbol TRSCLK TFSCLK TSSCLK THSCLK FSCLK TERASEB TWRITE TDSCLK3 TDSCLK2 Description Rise Time of SCLK Fall Time of SCLK Data Set up Time to Falling Edge of SCLK Data Hold Time from Falling Edge of SCLK Frequency of SCLK Flash Erase Time (Block) Flash Block Write Time Data Out Delay from Falling Edge of SCLK Data Out Delay from Falling Edge of SCLK Min 1 1 40 40 0 - - - - Typ - - - - - 15 30 - - Max 20 20 - - 8 - - 50 70 Units ns ns ns ns MHz ms ms ns ns Notes
3.0 Vdd 3.6 2.4 Vdd 3.0
AC I2C Specifications Table 35 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40C TA 85C, 3.0V to 3.6V and -40C TA 85C, or 2.4V to 3.0V and -40C TA 85C, respectively. Typical parameters apply to 5V, 3.3V, or 2.7V at 25C and are for design guidance only. Table 35. AC Characteristics of the I2C SDA and SCL Pins for Vcc 3.0V Symbol FSCLI2C SCL Clock Frequency Description Standard Mode Min Max 0 100 4.0 4.7 4.0 4.7 0 2500 4.0 4.7 - - - - - - -0 - - - Fast Mode Min Max 0 400 0.6 1.3 0.6 0.6 0 100a 0.6 1.3 0 - - - - - -0 - - 50 Units kHz s s s s s ns0 s s ns
THDSTAI2C Hold Time (repeated) START Condition. After this period, the first clock pulse is generated. TLOWI2C LOW Period of the SCL Clock THIGHI2C TSUSTAI2C HIGH Period of the SCL Clock Setup Time for a Repeated START Condition
THDDATI2C Data Hold Time TSUDATI2C Data Setup Time0 TSUSTOI2C Setup Time for STOP Condition TBUFI2C TSPI2C
a.
Bus Free Time Between a STOP and START Condition Pulse Width of spikes are suppressed by the input filter.
A Fast-Mode I2C-bus device can be used in a Standard-Mode I2C-bus system, but the requirement tSU;DAT 250 ns must then be met. This automatically becomes the case if the device does not stretch the LOW period of the SCL signal. If such device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line trmax + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-Mode I2C-bus specification) before the SCL line is released.
Document Number: 38-12022 Rev. *H
Page 30 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Table 36. 2.7V AC Characteristics of the I2C SDA and SCL Pins (Fast Mode Not Supported) Symbol FSCLI2C SCL Clock Frequency Description Standard Mode Min Max 0 100 4.0 4.7 4.0 4.7 0 250 4.0 4.7 - - - - - - - - - - Fast Mode Min Max - - - - - - - - - - - - - - - - - - - - Units kHz s s s s s ns s s ns
THDSTAI2C Hold Time (repeated) START Condition. After this period, the first clock pulse is generated. TLOWI2C LOW Period of the SCL Clock THIGHI2C TSUSTAI2C HIGH Period of the SCL Clock Setup Time for a Repeated START Condition
THDDATI2C Data Hold Time TSUDATI2C Data Setup Time TSUSTOI2C Setup Time for STOP Condition TBUFI2C TSPI2C Bus Free Time Between a STOP and START Condition Pulse Width of spikes are suppressed by the input filter.
Figure 16. Definition for Timing for Fast/Standard Mode on the I2C Bus
SDA TLOWI2C TSUDATI2C THDSTAI2C
TSPI2C TBUFI2C
SCL S THDSTAI2C THDDATI2C THIGHI2C TSUSTAI2C TSUSTOI2C
Sr
P
S
Document Number: 38-12022 Rev. *H
Page 31 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Packaging Information
This section illustrates the packaging specifications for the CY8C21x23 PSoC device, along with the thermal impedances for each package and minimum solder reflow peak temperature. Important Note Emulation tools may require a larger area on the target PCB than the chip's footprint. For a detailed description of the emulation tools' dimensions, refer to the document titled PSoC Emulator Pod Dimensions at http://www.cypress.com/design/MR10161.
Packaging Dimensions
Figure 17. 8-Pin (150-Mil) SOIC
PIN 1 ID
4
1
1. DIMENSIONS IN INCHES[MM] MIN. MAX. 2. PIN 1 ID IS OPTIONAL, ROUND ON SINGLE LEADFRAME RECTANGULAR ON MATRIX LEADFRAME 3. REFERENCE JEDEC MS-012
0.230[5.842] 0.244[6.197]
0.150[3.810] 0.157[3.987]
4. PACKAGE WEIGHT 0.07gms
PART # S08.15 STANDARD PKG. 5 8 SZ08.15 LEAD FREE PKG.
0.189[4.800] 0.196[4.978]
SEATING PLANE
0.010[0.254] 0.016[0.406]
X 45
0.061[1.549] 0.068[1.727] 0.004[0.102] 0.050[1.270] BSC 0.004[0.102] 0.0098[0.249] 0~8 0.016[0.406] 0.035[0.889] 0.0075[0.190] 0.0098[0.249]
0.0138[0.350] 0.0192[0.487]
51-85066 *C
Document Number: 38-12022 Rev. *H
Page 32 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Figure 18. 16-Pin (150-Mil) SOIC
51-85022 *B
Figure 19. 16-Pin COL
001-09116 *D
Document Number: 38-12022 Rev. *H
Page 33 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Figure 20. 20-Pin (210-MIL) SSOP
51-85077 *C
Figure 21. 24-Pin (4x4) QFN
SIDE VIEW TOP VIEW
0.05 3.90 4.10 O0.50 N 1 2 2.45 2.55 3.70 3.80 3.90 4.10 2.49
SOLDERABLE EXPOSED PAD
BOTTOM VIEW
C 0.230.05 2.49 N 1 2 0.45 PIN1 ID 0.20 R. 1.00 MAX. 0.05 MAX. 0.80 MAX. 0.20 REF.
3.70 3.80
0.30-0.50 0-12 C SEATING PLANE 0.420.18 (4X) 2.45 2.55
0.50
NOTES: 1. HATCH IS SOLDERABLE EXPOSED METAL.
2. REFERENCE JEDEC#: MO-220 3. PACKAGE WEIGHT: 0.042g 4. ALL DIMENSIONS ARE IN MM [MIN/MAX] 5. PACKAGE CODE PART # LF24A LY24A DESCRIPTION STANDARD LEAD FREE
51-85203 *A
Important Note For information on the preferred dimensions for mounting QFN packages, see the following Application Note at http://www.amkor.com/products/notes_papers/MLFAppNote.pdf. It is important to note that pinned vias for thermal conduction are not required for the low power 24, 32, and 48-pin QFN PSoC devices. Document Number: 38-12022 Rev. *H Page 34 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Thermal Impedances
Table 37. Thermal Impedances per Package Package 8 SOIC 16 SOIC 16 QFN 20 SSOP 24 MLF**
* TJ = TA + POWER x JA **To achieve the thermal impedance specified for the QFN package, the center thermal pad must be soldered to the PCB ground plane.
Typical JA * 186 C/W 125 oC/W 46 C/W 117 oC/W 40 oC/W
o
Solder Reflow Peak Temperature
Table 38 lists the minimum solder reflow peak temperature to achieve good solderability. Table 38. Solder Reflow Peak Temperature Package 8 SOIC 16 SOIC 16 QFN 20 SSOP 24 MLF Minimum Peak Temperature* 240oC 240oC 240oC 240oC 240oC Maximum Peak Temperature 260oC 260oC 260oC 260oC 260oC
*Higher temperatures may be required based on the solder melting point. Typical temperatures for solder are 220+/-5oC with Sn-Pb or 245+/-5oC with Sn-Ag-Cu paste. Refer to the solder manufacturer specifications.
Document Number: 38-12022 Rev. *H
Page 35 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Ordering Information
The following table lists the CY8C21x23 PSoC device's key package features and ordering codes. Table 39. CY8C21x23 PSoC Device Key Features and Ordering Information
Package 8-Pin (150-Mil) SOIC 8-Pin (150-Mil) SOIC (Tape and Reel) 16-Pin (150-Mil) SOIC 16-Pin (150-Mil) SOIC (Tape and Reel) 16-Pin (3x3) QFN 20-Pin (210-Mil) SSOP 20-Pin (210-Mil) SSOP (Tape and Reel) 24-Pin (4x4) QFN 24-Pin (4x4) QFN (Tape and Reel) Ordering Code CY8C21123-24SXI CY8C21123-24SXIT CY8C21223-24SXI CY8C21223-24SXIT CY8C21223-LGXI CY8C21323-24PVXI CY8C21323-24PVXIT CY8C21323-24LFXI CY8C21323-24LFXIT Flash (Bytes) 4K 4K 4K 4K 4K 4K 4K 4K 4K RAM (Bytes) 256 256 256 256 256 256 256 256 256 Switch Mode Pump No No Yes Yes Yes No No Yes Yes Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C Digital PSoC Blocks 4 4 4 4 4 4 4 4 4 Analog Blocks 4 4 4 4 4 4 4 4 4 Digital IO Pins 6 6 12 12 12 16 16 16 16 Analog Inputs 4 4 8 8 8 8 8 8 8 Analog Outputs 0 0 0 0 0 0 0 0 0 XRES Pin No No No No No Yes Yes Yes Yes
Ordering Code Definitions
CY 8 C 21 xxx-24xx
Package Type: PX = PDIP Pb-Free SX = SOIC Pb-Free PVX = SSOP Pb-Free LFX = QFN Pb-Free AX = TQFP Pb-Free Speed: 24 MHz Part Number Family Code Technology Code: C = CMOS Marketing Code: 8 = Cypress Semiconductor Company ID: CY = Cypress Thermal Rating: C = Commercial I = Industrial E = Extended
Document Number: 38-12022 Rev. *H
Page 36 of 37
[+] Feedback
CY8C21123, CY8C21223, CY8C21323
Document History Page
Document Title: CY8C21123/CY8C21223/CY8C21323 PSoC(R) Mixed Signal Array Document Number:38-12022 Revision ** *A *B *C *D *E ECN 133248 208900 212081 227321 235973 290991 Orig. of Change NWJ NWJ NWJ SFV HMT Submission Date See ECN See ECN See ECN See ECN See ECN Description of Change New silicon and document (Revision **). Add new part, new package and update all ordering codes to Pb-free. Expand and prepare Preliminary version. Update specs., data, format. Updated Overview and Electrical Spec. chapters, along with 24-pin pinout. Added CMP_GO_EN register (1,64h) to mapping table. Update data sheet standards per SFV memo. Fix device table. Add part numbers to pinouts and fine tune. Change 20-pin SSOP to CY8C21323. Add Reflow Temp. table. Update diagrams and specs. DC Chip-Level Specification changes. Update links to new CY.com Portal. Obtained clearer 16 SOIC package. Update Thermal Impedances and Solder Reflow tables. Re-add pinout ISSP notation. Fix ADC type-o. Fix TMP register names. Update Electrical Specifications. Add CY logo. Update CY copyright. Make data sheet Final. New package information on page 9. Converted data sheet to new template. Added 16-Pin OFN package diagram.
CMS Team See ECN
*F *G
301636 324073
HMT HMT
See ECN See ECN
*H
2588457
KET/HMI/ AESA
10/22/2008
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. To find the office closest to you, visit us at cypress.com/sales.
Products
PSoC Clocks & Buffers Wireless Memories Image Sensors psoc.cypress.com clocks.cypress.com wireless.cypress.com memory.cypress.com image.cypress.com
PSoC Solutions
General Low Power/Low Voltage Precision Analog LCD Drive CAN 2.0b USB psoc.cypress.com/solutions psoc.cypress.com/low-power psoc.cypress.com/precision-analog psoc.cypress.com/lcd-drive psoc.cypress.com/can psoc.cypress.com/usb
(c) Cypress Semiconductor Corporation, 2004-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 38-12022 Rev. *H
Revised October 22, 2008
Page 37 of 37
PSoC DesignerTM, Programmable System-on-ChipTM, and PSoC ExpressTM are trademarks and PSoC(R) is a registered trademark of Cypress Semiconductor Corp. All other trademarks or registered trademarks referenced herein are property of the respective corporations. Purchase of I2C components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY8C21323-24LFXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X