Part Number Hot Search : 
15NM60N 50N60 01111 KA2154 29LV04 U2400 BTB08B 92315
Product Description
Full Text Search
 

To Download CY62168EV30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62168EV30 MoBL(R)
16-Mbit (2M x 8) Static RAM
Features
* Very high speed: 45 ns * Wide voltage range: 2.20V - 3.60V * Ultra low standby power -- Typical standby current: 1.5 A -- Maximum standby current: 12 A * Ultra low active power * * * * -- Typical active current: 2.2 mA @ f = 1 MHz Easy memory expansion with CE1, CE2 and OE features Automatic power down when deselected CMOS for optimum speed/power Offered in Pb-free 48-ball FBGA package. For Pb-free 48-pin TSOP I package, refer to CY62167EV30 data sheet. toggling. Placing the device into standby mode reduces power consumption by more than 99% when deselected (Chip Enable 1 (CE1) HIGH or Chip Enable 2 (CE2) LOW). The input and output pins (IO0 through IO7) are placed in a high impedance state when: the device is deselected (Chip Enable 1 (CE1) HIGH or Chip Enable 2 (CE2) LOW), outputs are disabled (OE HIGH), or a write operation is in progress (Chip Enable 1 (CE1) LOW and Chip Enable 2 (CE2) HIGH and WE LOW). Write to the device by taking Chip Enable 1 (CE1) LOW and Chip Enable 2 (CE2) HIGH and the Write Enable (WE) input LOW. Data on the eight IO pins (IO0 through IO7) is then written into the location specified on the address pins (A0 through A20). Read from the device by taking Chip Enable 1 (CE1) and Output Enable (OE) LOW and Chip Enable 2 (CE2) HIGH while forcing Write Enable (WE) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the IO pins. The eight input and output pins (IO0 through IO7) are placed in a high impedance state when the device is deselected (CE1 LOW and CE2 HIGH), the outputs are disabled (OE HIGH), or a write operation is in progress (CE1 LOW and CE2 HIGH and WE LOW). See the "Truth Table" on page 8 for a complete description of read and write modes.
Functional Description[1]
The CY62168EV30 is a high performance CMOS static RAM organized as 2M words by 8 bits. This device features advanced circuit design to provide an ultra low active current. This is ideal for providing More Battery LifeTM (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power down feature that significantly reduces power consumption by 90% when addresses are not
Logic Block Diagram
CE1 CE2
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 WE OE
DATA IN DRIVERS ROW DECODER
IO0 IO1 SENSE AMPS IO2 IO3 IO4 IO5 IO6
2M x 8 ARRAY
COLUMN DECODER
POWER DOWN
IO7
Note 1. For best practice recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines.
Cypress Semiconductor Corporation Document #: 001-07721 Rev. *B
*
198 Champion Court
A13 A14 A15 A16 A17
A18 A19 A20
*
San Jose, CA 95134-1709 * 408-943-2600 Revised June 07, 2007
[+] Feedback
CY62168EV30 MoBL(R)
Pin Configuration [2]
48-Ball FBGA Top View
1 NC NC IO0 VSS VCC IO3 NC A18 2 OE NC NC IO1 IO2 NC A20 A8 3 A0 A3 A5 A17 NC A14 A12 A9 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE1 NC IO5 IO6 NC WE A11 6 CE2 NC IO4 VCC VSS IO7 NC A19 A B C D E F G H
Product Portfolio
Power Dissipation Product Min CY62168EV30LL 2.2 VCC Range (V) Typ[3] 3.0 Max 3.6 45 Speed (ns) Operating ICC (mA) f = 1 MHz Typ[3] 2.2 Max 4.0 f = fmax Typ[3] 25 Max 30 Standby ISB2 (A) Typ[3] 1.5 Max 12
Notes 2. NC pins are not connected on the die. 3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C.
Document #: 001-07721 Rev. *B
Page 2 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the device. These user guidelines are not tested. Storage Temperature .................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential ....................................... -0.3V to VCC(max) + 0.3V DC Voltage Applied to Outputs in High-Z State[4, 5] ....................... -0.3V to VCC(max) + 0.3V DC Input Voltage[4, 5] .................... -0.3V to VCC(max) + 0.3V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage........................................... > 2001V (MIL-STD-883, Method 3015) Latch up Current..................................................... > 200 mA
Operating Range
Range Industrial Ambient Temperature (TA)[6] -40C to +85C VCC[7] 2.2V - 3.6V
DC Electrical Characteristics
Over the Operating Range Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current VCC Operating Supply Current Test Conditions 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 2.2 < VCC < 2.7 2.7 < VCC < 3.6 GND < VI < VCC GND < VO < VCC, Output disabled f = fMAX = 1/tRC f = 1 MHz VCC = 3.6V, IOUT = 0 mA, CMOS level IOH = -0.1 mA IOH = -1.0 mA IOL = 0.1 mA IOH = 2.1 mA 1.8 2.2 -0.3 -0.3 -1 -1 25 2.2 1.5 CY62168EV30-45 Min 2.0 2.4 0.4 0.4 VCC + 0.3 VCC + 0.3 0.6 0.8 +1 +1 30 4.0 12 A V V V A A mA Typ[3] Max Unit V
ISB1
Automatic CE Power Down CE1 > VCC - 0.2V, CE2 < 0.2V, Current -- CMOS Inputs VIN > VCC - 0.2V, VIN < 0.2V, f = fMAX (Address and Data Only), f = 0 (OE, WE) Automatic CE Power Down CE1 > VCC - 0.2V, CE2 < 0.2V, Current-- CMOS Inputs VIN > VCC - 0.2V or VIN < 0.2V, f = 0, VCC = 3.6V
ISB2[8]
1.5
12
A
Capacitance[9]
Parameter CIN COUT Description Input Capacitance Output Capacitance TA = 25C, f = 1 MHz, VCC = VCC(typ) Test Conditions Max 8 10 Unit pF pF
Notes 4. VIL(min) = -0.2V for pulse durations less than 20 ns. 5. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns. 6. TA is the "Instant-On" case temperature. 7. Full device AC operation assumes a 100 s ramp time from 0 to VCC(min) and 100 s wait time after VCC stabilization. 8. Only chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating. 9. Tested initially and after any design or process changes that may affect these parameters.
Document #: 001-07721 Rev. *B
Page 3 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Thermal Resistance[9]
Parameter JA JC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Still Air, soldered on a 3 x 4.5 inch, two-layer printed circuit board BGA 55 16 Unit C/W C/W
AC Test Loads and Waveforms
R1 VCC OUTPUT 30 pF INCLUDING JIG AND SCOPE R2 ALL INPUT PULSES VCC GND 10% 90% 90% 10%
Fall time: 1 V/ns
Rise Time: 1 V/ns
Equivalent to:
THEVENIN EQUIVALENT RTH VTH
OUTPUT
Parameters R1 R2 RTH VTH
2.5V (2.2V to 2.7V) 16600 15400 8000 1.2
3.0V (2.7V to 3.6V) 1103 1554 645 1.75
Unit V
Data Retention Characteristics
Over the Operating Range Parameter VDR ICCDR[8] Description VCC for Data Retention Data Retention Current VCC = 1.5V CE1 > VCC - 0.2V or CE2 < 0.2V VIN > VCC - 0.2V or VIN < 0.2V 0 tRC Conditions Min 1.5 Typ[3] Max 3.6 10 Unit V A
tCDR[9] tR[10]
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform
DATA RETENTION MODE VCC CE1 VCC(min) tCDR VDR > 1.5 V VCC(min) tR
or
CE2
Note 10. Full Device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
Document #: 001-07721 Rev. *B
Page 4 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Switching Characteristics
Over the Operating Range [11] Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD Write Cycle tWC tSCE tAW tHA tSA tPWE tSD tHD tHZWE tLZWE
[14]
Description
45 ns Min 45 45 10 45 22 5 18 Max
Unit
Read Cycle Time Address to Data Valid Data Hold from Address Change CE1 LOW and CE2 HIGH to Data Valid OE LOW to Data Valid OE LOW to Low Z[12] OE HIGH to High Z
[12, 13]
ns ns ns ns ns ns ns ns 18 ns ns 45 ns ns ns ns ns ns ns ns ns 18 ns ns
CE1 LOW and CE2 HIGH to Low
Z[12]
10 0
CE1 HIGH or CE2 LOW to High Z[12, 13] CE1 LOW and CE2 HIGH to Power Up CE1 HIGH or CE2 LOW to Power Down Write Cycle Time CE1 LOW and CE2 HIGH to Write End Address Setup to Write End Address Hold from Write End Address Setup to Write Start WE Pulse Width Data Setup to Write End Data Hold from Write End WE LOW to High Z[12, 13] WE HIGH to Low Z
[12]
45 35 35 0 0 35 25 0 10
Notes 11. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns or less (1V/ns), timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in "AC Test Loads and Waveforms" on page 4. 12. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 13. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state. 14. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write.
Document #: 001-07721 Rev. *B
Page 5 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Switching Waveforms
Figure 1 shows address transition controlled read cycle waveforms.[15, 16] Figure 1. Read Cycle No. 1
tRC RC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
Figure 2 shows OE controlled read cycle waveforms.[16, 17] Figure 2. Read Cycle No. 2
ADDRESS tRC CE1 CE2 tACE OE tDOE DATA VALID tHZOE HIGH IMPEDANCE tPD tHZCE
DATA OUT
tLZOE HIGH IMPEDANCE tLZCE
VCC SUPPLY CURRENT
tPU
50%
50%
ICC ISB
Notes 15. The device is continuously selected. OE, CE1 = VIL, and CE2 = VIH. 16. WE is HIGH for read cycle. 17. Address valid before or similar to CE1 transition LOW and CE2 transition HIGH.
Document #: 001-07721 Rev. *B
Page 6 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Switching Waveforms (continued)
Figure 3 shows WE controlled write cycle waveforms.[14, 18, 19] Figure 3. Write Cycle No. 1
tWC ADDRESS tSCE CE1 CE2 tAW WE tSA tPWE tHA
OE tSD DATA IO NOTE 20 tHZOE VALID DATA
tHD
Figure 4 shows CE1 or CE2 controlled write cycle waveforms.[14, 18, 19] Figure 4. Write Cycle No. 2
tWC ADDRESS tSCE CE1 CE2 tSA tAW tPWE tHA
WE
OE DATA IO NOTE 20 tHZOE
tSD VALID DATA
tHD
Notes 18. Data IO is high impedance if OE = VIH. 19. If CE1 goes HIGH and CE2 goes LOW simultaneously with WE = VIH, the output remains in a high impedance state. 20. During this period the IOs are in output state. Do not apply input signals.
Document #: 001-07721 Rev. *B
Page 7 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Switching Waveforms (continued)
Figure 5 shows WE controlled, OE LOW write cycle waveforms.[19] Figure 5. Write Cycle No. 3
tWC ADDRESS tSCE CE1 CE2 tAW tSA WE tPWE tHA
tSD DATA IO NOTE 20 VALID DATA
tHD
tHZWE
tLZWE
Truth Table
CE1 H X L L L CE2 X L H H H WE X X H H L OE X X L H X Inputs/Outputs High Z High Z Data Out (IO0-IO7) High Z Data in (IO0-IO7) Mode Deselect/Power Down Deselect/Power Down Read Output Disabled Write Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC)
Ordering Information
Speed (ns) 45 Ordering Code CY62168EV30LL-45BVXI Package Diagram Package Type Operating Range Industrial
51-85150 48-ball Fine Pitch BGA (Pb-free)
Contact your local Cypress sales representative for availability of these parts.
Document #: 001-07721 Rev. *B
Page 8 of 10
[+] Feedback
CY62168EV30 MoBL(R)
Package Diagrams
Figure 6. 48-Ball VFBGA (6 x 8 x 1 mm), 51-85150
TOP VIEW BOTTOM VIEW A1 CORNER O0.05 M C O0.25 M C A B A1 CORNER O0.300.05(48X) 1 2 3 4 5 6 6 5 4 3 2 1
A B C 8.000.10 8.000.10 0.75 5.25 D E F G H
A B C D E 2.625 F G H
A B 6.000.10
A
1.875 0.75 3.75 B 6.000.10
0.55 MAX.
0.25 C
0.15(4X) 0.210.05 0.10 C 1.00 MAX
SEATING PLANE 0.26 MAX. C
51-85150-*D
Document #: 001-07721 Rev. *B
Page 9 of 10
(c) Cypress Semiconductor Corporation, 2006-2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. MoBL is a registered trademark and More Battery Life is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
[+] Feedback
CY62168EV30 MoBL(R)
Document History Page
Document Title: CY62168EV30 MoBL(R) 16-Mbit (2M x 8) Static RAM Document Number: 001-07721 REV. ** *A ECN NO. 457686 464509 Issue Date See ECN See ECN Orig. of Change NXR NXR New Data Sheet Removed TSOP I package; Added reference to CY62167EV30 TSOP I package which can be used as a 2M x 8 SRAM Changed the ISB2(Typ) value from 1.3 A to 1.5 A Changed the ICC(Typ) value from 2 mA to 2.2 mA for f=1MHz Test condition Changed the ICC(Typ) value from 15 mA to 22 mA and ICC(Max) value from 40 mA to 25 mA for f=1MHz Test condition Changed the ICCDR(Max) value from 8.5 A to 8 A Converted from preliminary to final Changed ICC(max) spec from 2.8 mA to 4.0 mA for f=1MHz Changed ICC(typ) spec from 22 mA to 25 mA for f=fmax Changed ICC(max) spec from 25 mA to 30 mA for f=fmax Added footnote# 8 related to ISB2 and ICCDR Changed ISB1 and ISB2 spec from 8.5 A to 12 A Changed ICCDR spec from 8 A to 10 A Description of Change
*B
1138883
See ECN
VKN
Document #: 001-07721 Rev. *B
Page 10 of 10
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY62168EV30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X