Part Number Hot Search : 
S05A50PT 1N4732 0F88M 00059 EL7243CM 8F800 TC427 B4126
Product Description
Full Text Search
 

To Download CTC4F-103J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conformal Coated Inductors - Axial
ctparts.com
CTC4F Series
From .10 H to 10,000 H
Part Number CTC4F-R10_ CTC4F-R12_ CTC4F-R15_ CTC4F-R18_ CTC4F-R22_ CTC4F-R27_ CTC4F-R33_ CTC4F-R39_ CTC4F-R47_ CTC4F-R56_ CTC4F-R68_ CTC4F-R82_ CTC4F-1R0_ CTC4F-1R2_ CTC4F-1R5_ CTC4F-1R8_ CTC4F-2R2_ CTC4F-2R7_ CTC4F-3R3_ CTC4F-3R9_ CTC4F-4R7_ CTC4F-5R6_ CTC4F-6R8_ CTC4F-8R2_ CTC4F-100_ CTC4F-120_ CTC4F-150_ CTC4F-180_ CTC4F-220_ CTC4F-270_ CTC4F-330_ CTC4F-390_ CTC4F-470_ CTC4F-560_ CTC4F-680_ CTC4F-820_ CTC4F-101_ CTC4F-121_ CTC4F-151_ CTC4F-181_ CTC4F-221_ CTC4F-271_ CTC4F-331_ CTC4F-391_ CTC4F-471_ CTC4F-561_ CTC4F-681_ CTC4F-821_ CTC4F-102_ CTC4F-122_ CTC4F-152_ CTC4F-182_ CTC4F-222_ CTC4F-272_ CTC4F-332_ CTC4F-392_ CTC4F-472_ CTC4F-562_ CTC4F-682_ CTC4F-822_ CTC4F-103_ Not shown at actual size.
SPECIFICATIONS
Please specify tolerance code when ordering. CTC4F-R10_ J = 5%, K = 10%, M = 20% L Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 Q Factor Min. 45 45 45 45 45 45 45 45 45 45 45 45 45 50 50 55 55 60 60 60 60 60 65 65 65 50 50 50 50 55 55 55 40 40 40 35 30 50 50 50 50 65 65 65 55 55 55 55 50 50 40 40 40 40 40 40 40 30 30 30 20 Q Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 .252 SRF Min. (MHz) 380 360 340 320 300 270 250 230 220 210 200 190 205 185 165 155 140 125 115 105 95 85 75 50 35 30 20 17 13 10 9.0 8.0 7.5 7.0 6.5 6.0 5.0 4.5 4.2 3.9 3.7 2.8 2.7 2.4 2.2 2.0 1.9 1.6 1.6 1.3 1.25 1.2 1.1 1.0 .90 .80 .70 .55 .50 .40 .35 DCR Max. () .08 .10 .10 .10 .10 .11 .12 .13 .14 .15 .16 .17 .16 .18 .20 .22 .25 .26 .29 .31 .34 .38 .51 .48 .49 .55 .60 .67 .74 .83 .92 1.0 1.1 1.2 1.3 1.5 1.7 2.4 2.8 3.0 3.3 5.7 6.4 7.0 7.9 8.8 10.0 12.0 14.0 16.9 21.6 24.0 34.7 40.0 59.5 66.0 74.0 70.0 85.0 95.0 105 Rated DC (mA) 1600 1550 1500 1480 1450 1400 1350 1300 1280 1240 1225 1210 1200 1150 1100 1030 1000 940 900 850 820 780 670 690 680 650 610 580 560 530 500 470 450 430 410 290 370 300 280 270 250 200 190 180 170 160 150 140 130 115 100 95 80 75 62 59 55 40 35 30 25
Inductance (H) .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
Compliant
RoHS
CHARACTERISTICS
Description: Axial leaded conformal coated inductor Applications: Used in less harsh environments. Ideal for less critical RFL/EMI applications. Operating Temperature: -40C to +125C Inductance Tolerance: 5%, 10%, 20% Testing: Inductance and Q are tested on an HP4285A at specified frequency Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel Marking: Parts are EIA color banded which indicates inductance code and tolerance Material: Magnetic core (ferrite or iron) except for values 0.10 H to 0.82 H (phenolic) treated with epoxy resin for protection and longer reliability Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 9.40 0.37
B
Max. 4.06 0.16
C
Typ. 29.2 1.15
22 AWG
Nom. 0.6430 0.02535
12.13.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTC4F-103J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X