Part Number Hot Search : 
FDS7064A NTE828 NK80Z XT971A FT500 000WD F0070B BST70
Product Description
Full Text Search
 

To Download CT262LYF-103J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Peaking Coils - Radial
ctparts.com
SPECIFICATIONS
CT262LYF Series
From 0.10 mH to 15 mH
Part Number
Please specify tolerance code when ordering. CT262LYF-101_ J = 5%, K = 10%
Inductance (mH) .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0
L Test Freq. (kHz) 796 796 796 796 796 796 796 796 796 796 796 796 252 252 252 252 252 252 252 252 252 252 252 252 79.6 79.6 79.6
Q Fact. Min. 60 60 60 60 60 60 60 60 60 60 60 60 80 80 80 80 80 80 80 80 80 80 80 80 60 60 60
Q Test Freq. (kHz) 796 796 796 796 796 796 796 796 796 796 796 796 252 252 252 252 252 252 252 252 252 252 252 252 79.6 79.6 79.6
SRF Min. (MHz) 6.1 5.5 5.0 4.7 4.5 4.1 3.8 3.5 3.2 2.9 2.7 2.3 2.1 1.9 1.8 1.6 1.5 1.4 .90 .90 .80 .70 .70 .60 .60 .50 .50
DCR Max. (W) W 2.0 3.0 3.0 3.0 3.0 3.0 4.0 4.0 5.0 6.0 6.0 7.0 9.0 9.0 11 12 14 15 25 30 32 36 40 45 55 65 80
Rated DC (mA) 200 200 200 200 150 150 150 100 100 100 100 50 50 50 50 50 50 50 40 40 40 30 30 30 20 20 20
ENGINEERING KIT #4F
Not shown at actual size.
Compliant
RoHS
CT262LYF-101_ CT262LYF-121_ CT262LYF-151_ CT262LYF-181_ CT262LYF-221_ CT262LYF-271_ CT262LYF-331_ CT262LYF-391_ CT262LYF-471_ CT262LYF-561_ CT262LYF-681_ CT262LYF-821_ CT262LYF-102_ CT262LYF-122_ CT262LYF-152_ CT262LYF-182_ CT262LYF-222_ CT262LYF-272_ CT262LYF-332_ CT262LYF-392_ CT262LYF-472_ CT262LYF-562_ CT262LYF-682_ CT262LYF-822_
CHARACTERISTICS
Description: Radial leaded (low profile) fixed inductor Applications: Ideal as a choke coil and a trap coil for low profile equipment. Winding core is encapsulated in heat shrink plastic housing providing mechanical and environmental protection Temperature Coefficient: 440ppm / C max. Inductance Tolerance: 5%, 10% Testing: Inductance and Q are tested on an HP4285A at specified frequency Packaging: Bulk pack; packaged in styrofoam Marking: Sleeving marked with inductance code Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
CT262LYF-103_ CT262LYF-123_ CT262LYF-153_
PHYSICAL DIMENSIONS
Size mm inches A
Max. 6.2 0.24
B
Max. 8 0.32
C
Nom. 5 0.2
D
5 0.2
22 AWG
Nom. 0.643 0.03
11.30.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT262LYF-103J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X