Part Number Hot Search : 
15SMC68A 40150 KA22136 H5N5015 14W07 BZV85130 MSZ5237 PE44437
Product Description
Full Text Search
 

To Download CHM4435AJPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT P-Channel Enhancement Mode Field Effect Transistor
VOLTAGE 30 Volts
APPLICATION
* Servo motor control. * Power MOSFET gate drivers. * Other switching applications.
CHM4435AJPT
CURRENT 8 Ampere
FEATURE
* Small flat package. (SO-8 ) * High density cell design for extremely low RDS(ON). * Rugged and reliable. * High saturation current capability.
1
SO-8
4.06 (0.160) 3.70 (0.146)
8
CONSTRUCTION
* P-Channel Enhancement
5.00 (0.197) 4.69 (0.185)
4 5
.51 (0.020) .10 (0.012) 1.27 (0.05)BSC
1.75 (0.069) 1.35 (0.053) .25 (0.010) .05 (0.002)
.25 (0.010) .17 (0.007) 6.20 (0.244) 5.80 (0.228)
CIRCUIT
8
DD
D
D
5
1
SS
S
G
4
Dimensions in millimeters
SO-8
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
CHM4435AJPT
Units
VDSS VGSS
Drain-Source Voltage Gate-Source Voltage Maximum Drain Current - Continuous
-30
V V
20
-8
ID - Pulsed PD TJ TSTG Maximum Power Dissipation Operating Temperature Range Storage Temperature Range
(Note 3)
A -50 2500 -55 to 150 -55 to 150 mW C C
Note : 1. Surface Mounted on FR4 Board , t <=10sec 2. Pulse Test , Pulse width <= 300us , Duty Cycle <= 2% 3. Repetitive Rating , Pulse width linited by maximum junction temperature 4. Guaranteed by design , not subject to production trsting
Thermal characteristics
RJA Thermal Resistance, Junction-to-Ambient (Note 1) 50 C/W
2005-02
RATING CHARACTERISTIC CURVES ( CHM4435AJPT )
Electrical Characteristics T
Symbol Parameter
A
= 25C unless otherwise noted
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS IDSS I GSSF I GSSR
Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Body Leakage
VGS = 0 V, ID = -250 A VDS = -30 V, VGS = 0 V VGS = 20V,VDS = 0 V VGS = -20V, VDS = 0 V
-30 -1 +100 -100
V A nA nA
ON CHARACTERISTICS
(Note 2)
VGS(th) RDS(ON) g FS
Gate Threshold Voltage Static Drain-Source On-Resistance
VDS = VGS, ID = -250 A VGS=-10V, ID=-8A VGS=-4.5V, ID=-5A
-1 17 27 13
-3 20
V m
35 S
Forward Transconductance
VDS = -15V, ID = -8A
SWITCHING CHARACTERISTICS (Note 4)
Qg Qgs Q tr toff tf
gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Time Rise Time Turn-Off Time Fall Time
VDS=-15V, ID=-4.6A VGS=-5V V DD= -15V ID = -1.0A , VGS = -10 V RGEN= 6
22 7 8 12 6 110 35
28 nC
ton
24 18 140 70 nS
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS VSD
Drain-Source Diode Forward Current
(Note 1)
-2.1 -1.2
A V
Drain-Source Diode Forward Voltage IS = -2.1A , VGS = 0 V (Note 2)
RATING CHARACTERISTIC CURVES ( CHM4435AJPT )
Typical Electrical Characteristics
25 -VGS=10,8,7,6,5V
30 25 C
-ID, Drain Current (A)
-ID, Drain Current (A)
20
-VGS=4V
24
15
18
10
12
5
-VGS=3V
6 TJ=125 C -55 C 3 4 5 6
0 0.0
0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2
-VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
-VGS, Gate to Source Voltage (V)
10
-VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
2.2 1.9 1.6 1.3 1.0 0.7 0.4 -100
VDS=-15V ID=-4.6A
8
6
4
2
0 0 5 10 15 20 25 30
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
ID=-8A VGS=-10V
-50
0
50
100
150
200
Qg, Total Gate Charge (nC) Figure 3. Gate Charge
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature
VTH, Normalized Gate-Source Threshold Voltage
VDS=VGS ID=-250A
-25
0
25
50
75
100
125
150
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature


▲Up To Search▲   

 
Price & Availability of CHM4435AJPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X