Part Number Hot Search : 
XN06214 2SK2957 2SC2841 EGP30A11 TS925 250000 4007G DTC124
Product Description
Full Text Search
 

To Download BVU-5T6TH4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT VIEW ELECTRONICS CO.,LTD
SUPER BRIGHTNESS LED LAMP
PACKAGE CONFIGURATION
BVU-5T6TH4 BVT-5T6TH4
DESCRIPTION
Dice Material : AlGaInP/GaAs Yellow Light Color : Yellow Color Lens Color : Water Transparent Stand-Off P/N : BVU-5T6TH4 R
5.9
5.9
5.0 4.9
7.6
RADIATION PATTERN
-30 0 30
1.0
11.4 0.5 1.0Max. 1.3 1.0 25.4Min. 25.4Min. CATHODE
-60
60
CATHODE 0.5 2.54
1.0Min.
2.54
100 75 50 25 0 25 50 75 100 Relative Luminous Intensity ( Iv % ) Tolerance 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
PARAMETER Power Dissipation Continuous Forward Current Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width ) Reverse Voltage Derating Linear From 50 Operating Temperature Range Storage Temperature Range Lead Solder Temperature 1.6 mm Below Package 260 for 5 seconds MAX. 75 30 160 5 0.4 40 to 40 to 100 100 UNIT mW mA mA V mA/oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL VF IR PARAMETER Forward Voltage Reverse Current Peak Emission Wavelength 2 1/2 Dominant Wavelength Viewing Angle TEST COND. I F = 20 mA V R= 5V I F = 20 mA I F = 20 mA I F = 20 mA 592 590 45 MIN. TYP. 1.9 MAX. 2.4 100 UNIT V A nm nm Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin Min. Max. H 600 780 I 780 1000 J 1000 1300 K 1300 1680 L 1680 2180 M 2180 2800
Tolerance 15%mcd
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice. *Dominant Wavelength, d is according to CIE Chromaticity Diagram base on color of lamps. * 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. 2004/8/13 - A
BRIGHT VIEW ELECTRONICS CO.,LTD
LIGHT EMITTING DIODE
AlGaInP / GaAs LED
TJMAX=130
C
BRIGHT VIEW ELECTRONICS CO.,LTD
LAMP PACKING
Label 2
Label 1
Bright View
PART NO.: LOT NO.: GRADE: Q'ty Xpcs
Electronics Co.,Ltd.
Bright View
PART NO.: LOT NO.: GRADE:
Electronics Co.,Ltd.
BVU-5M5XXXXX
QA
Q'ty
pcs
QA
3mm or 5mm Polybag
X: Bin grade : Wavelength : Vf
Anti-electrostatic bag
ELECTROSTATIC SENSITIVE DEVICES DO NOT OPEN OR HANDLE EXCEPT AT A STATIC-FREE WORKSTATION
BOX Dimension(cm): 29*25*15
25
BVU -5X1XX4XR BVT
Stand-offs Luminous Grade-refer to the selection guide for BIN options Lens Color-refer to lens color (1) to (9) Dice Code-refer to the selection guide Lens Configuration -refer to lens drawing View Angle-refer to the selection guide (A) to (Z) Outline Dimension-refer to the outline dimension
29
3
15
TYPE Q'TY N,W G,W C.NO
PCS KGS KGS
Label 1 or Label 2 attach on it.
Device 5mm(T-1 3/4) 3mm(T-1) Blue / Green / White
Q'ty / Polybag (pcs) 1000pcs 1000pcs 500pcs
Polybag / Box A 14 bags 20 bags 18 bags
Fig. Label 1 Label 1 Label 2
32 53
RE Y
CARTON Dimension(cm): 53*32*33
33
ITEM NO. DEVICE: Q'TY N. W.: G. W.:
PCS. PCS. PCS.
4 Boxes / Carton
5mm : 56,000pcs 3mm : 80,000pcs Blue / Green / White : 36,000pcs
2003 / 9 / 15 - A


▲Up To Search▲   

 
Price & Availability of BVU-5T6TH4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X