Part Number Hot Search : 
1N4002 T74LV 24491 A7BW99AA MIC2779 MAZD200 T74LV RT1P242X
Product Description
Full Text Search
 

To Download BT138X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BT138X series D and E
12 A four-quadrant triacs, sensitive gate
Rev. 03 -- 10 March 2008 Product data sheet
1. Product profile
1.1 General description
Passivated sensitive gate triac in a SOT186A full pack plastic package.
1.2 Features
I Very sensitive gate I Direct interfacing to logic level ICs I Isolated mounting base I Gate triggering in four quadrants I Direct interfacing to low power gate drive circuits I High isolation voltage
1.3 Applications
I General purpose switching and phase control I 230 V lamp dimmers
1.4 Quick reference data
I I I I I I VDRM 600 V (BT138X-600D) VDRM 600 V (BT138X-600E) VDRM 800 V (BT138X-800E) IGT 5 mA (BT138X-600D) IGT 10 mA (BT138X-600E) IGT 10 mA (BT138X-800E) I I I I I IT(RMS) 12 A ITSM 95 A (t = 20 ms) IGT 10 mA (T2- G+) (BT138X-600D) IGT 25 mA (T2- G+) (BT138X-600E) IGT 25 mA (T2- G+) (BT138X-800E)
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
2. Pinning information
Table 1. Pin 1 2 3 mb Pinning Description main terminal 1 (T1) main terminal 2 (T2) gate (G) mounting base; isolated
mb T2
sym051
Simplified outline
Graphic symbol
T1 G
123
SOT186A (TO-220F)
3. Ordering information
Table 2. Ordering information Package Name BT138X-600D BT138X-600E BT138X-800E TO-220F Description Version plastic single-ended package; isolated heatsink mounted; 1 mounting hole; SOT186A 3-lead TO-220 `full pack' Type number
4. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDRM Parameter repetitive peak off-state voltage Conditions BT138X-600D BT138X-600E BT138X-800E IT(RMS) ITSM RMS on-state current full sine wave; Th 56 C; see Figure 4 and 5
[1] [1]
Min -
Max 600 600 800 12
Unit V V V A
non-repetitive peak on-state current full sine wave; Tj = 25 C prior to surge; see Figure 2 and 3 t = 20 ms t = 16.7 ms 95 105 45 50 50 50 10 A A A2s A/s A/s A/s A/s
I2t dIT/dt
I2t
for fusing
tp = 10 ms ITM = 20 A; IG = 0.2 A; dIG/dt = 0.2 A/s T2+ G+ T2+ G- T2- G- T2- G+
rate of rise of on-state current
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
2 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
Table 3. Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol IGM PGM PG(AV) Tstg Tj
[1]
Parameter peak gate current peak gate power average gate power storage temperature junction temperature
Conditions
Min -
Max 2 5 0.5 +150 125
Unit A W W C C
over any 20 ms period
-40 -
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 15 A/s.
20 Ptot (W) 15
003aac220
conduction angle (degrees) 30 60 90 120 180
form factor a 4 2.8 2.2 1.9 1.57
= 180 120
90 60 30
10
5
0 0 2 4 6 8 10 12 IT(RMS) (A) 14
= conduction angle
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
3 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
100 ITSM (A) 80
003aac217
60
40
IT
ITSM t 1/f Tj(init) = 25 C max
20
0 1 10
102
103 number of cycles
104
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values
103 ITSM (A)
IT
003aac221
ITSM t tp Tj(init) = 25 C max
102
(1) (2)
10 10-5
10-4
10-3
10-2
tp (s)
10-1
tp 20 ms (1) dIT/dt limit (2) T2- G+ quadrant limit
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
4 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
80 IT(RMS) (A) 70 60 50 40 30
003aac219
15 IT(RMS) (A)
003aac216
10
5 20 10 0 10-2 0 -50
10-1
1 10 surge duration (s)
0
50
100
Th (C)
150
f = 50 Hz Th = 56 C
Fig 4.
RMS on-state current as a function of surge duration; maximum values
Fig 5.
RMS on-state current as a function of heatsink temperature; maximum values
5. Thermal characteristics
Table 4. Symbol Rth(j-h) Rth(j-a) Thermal characteristics Parameter Conditions Min Typ 55 Max 4.0 Unit K/W K/W thermal resistance from junction to full cycle; see Figure 6 heatsink thermal resistance from junction to full cycle; in free air ambient
10 Zth(j-h) (K/W) 1
003aac222
10-1
P
10-2
tp t
10-3 10-5
10-4
10-3
10-2
10-1
1 tp (s)
10
Fig 6.
Transient thermal impedance from junction to heatsink as a function of pulse width
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
5 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
6. Isolation characteristics
Table 5. Isolation limiting values and characteristics Th = 25 C unless otherwise specified. Symbol Visol(RMS) Parameter Conditions Min Typ Max 2500 Unit V RMS isolation voltage from all three terminals to external heatsink; f = 50 Hz to 60 Hz; sinusoidal waveform; relative humidity 65 %; clean and dust free isolation capacitance from pin 2 to external heatsink; f = 1 MHz
Cisol
-
10
-
pF
7. Static characteristics
Table 6. Static characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Conditions BT138X-600D Min IGT gate trigger current VD = 12 V; IT = 0.1 A; see Figure 8 T2+ G+ T2+ G- T2- G- T2- G+ IL latching current VD = 12 V; IG = 0.1 A; see Figure 10 T2+ G+ T2+ G- T2- G- T2- G+ IH VT VGT holding current on-state voltage VD = 12 V; IG = 0.1 A; see Figure 11 IT = 15 A; see Figure 9 VD = 12 V VD = VDRM; Tj = 125 C ID off-state current VD = VDRM(max); Tj = 125 C 0.25 1.4 0.7 0.4 0.1 15 20 15 20 10 1.65 1.5 0.5 0.25 1.4 0.7 0.4 0.1 30 40 30 40 30 1.65 1.5 0.5 mA mA mA mA mA V V V mA 1.3 2.8 3.2 5.5 5 5 5 10 2.5 4.0 5.0 11 10 10 10 25 mA mA mA mA Typ Max BT138X-600E BT138X-800E Min Typ Max Unit
gate trigger voltage IT = 0.1 A; see Figure 7
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
6 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
8. Dynamic characteristics
Table 7. Symbol Dynamic characteristics Parameter Conditions BT138X-600D Min dVD/dt rate of rise of off-state voltage VDM = 0.67 x VDRM(max); exponential waveform; gate open circuit; Tj = 125 C gate-controlled turn-on time ITM = 16 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s Typ 50 Max BT138X-600E BT138X-800E Min Typ 150 Max V/s Unit
tgt
-
2
-
-
2
-
s
1.6 VGT VGT(25C) 1.2
003aac223
3 IGT IGT(25C)
(1) (2) (3) (4) (1) (2) (3) (4)
003aac224
2
0.8
1 0.4
0 -60
-10
40
90 Tj (C)
140
0 -60
-10
40
90 Tj (C)
140
(1) T2- G+ (2) T2- G- (3) T2+ G- (4) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function of junction temperature
Fig 8.
Normalized gate trigger current as a function of junction temperature
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
7 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
40 IT (A) 30
003aac214
3 IL IL(25C)
003aac225
2
20
(1)
(2)
(3)
1
10
0 0 0.5 1 1.5 2 2.5 VT (V)
0 -60
-10
40
90 Tj (C)
140
Vo = 1.175 V Rs = 0.032 (1) Tj = 125 C; typical values (2) Tj = 125 C; maximum values (3) Tj = 25 C; maximum values
Fig 9.
On-state current as a function of on-state voltage
2.0 IH IH(25C) 1.5
Fig 10. Normalized latching current as a function of junction temperature
003aac226
1.0
0.5
0 -60
-10
40
90 Tj (C)
140
Fig 11. Normalized holding current as a function of junction temperature
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
8 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
9. Package outline
Plastic single-ended package; isolated heatsink mounted; 1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
E P q D1 T mounting base
A A1
D
j L2 b1 L b2 L1 K Q
1
2
b e e1
3
wM c
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.6 4.0 A1 2.9 2.5 b 0.9 0.7 b1 1.1 0.9 b2 1.4 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.5 6.3 E 10.3 9.7 e 2.54 e1 5.08 j 2.7 1.7 K 0.6 0.4 L L1 L2 max. 3
(1)
P 3.2 3.0
Q 2.6 2.3
q 3.0 2.6
T
(2)
w 0.4
14.4 3.30 13.5 2.79
2.5
Notes 1. Terminal dimensions within this zone are uncontrolled. 2. Both recesses are 2.5 x 0.8 max. depth OUTLINE VERSION SOT186A REFERENCES IEC JEDEC 3-lead TO-220F JEITA EUROPEAN PROJECTION ISSUE DATE 02-04-09 06-02-14
Fig 12. Package outline SOT186A (TO-220F)
BT138X_SER_D_E_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
9 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
10. Revision history
Table 8. Revision history Release date 20080310 Data sheet status Product data sheet Change notice Supersedes BT138X_SERIES_E_2 Document ID BT138X_SER_D_E_3 Modifications:
* * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. BT138X-600D product added. Table 7 "Dynamic characteristics": dVD/dt uprated for BT138X series E. Product data sheet Product data sheet BT138X_SERIES_E_1 -
BT138X_SERIES_E_2 BT138X_SERIES_E_1
20010601 19970901
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
10 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
11. Legal information
11.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
11.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
11.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BT138X_SER_D_E_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 10 March 2008
11 of 12
NXP Semiconductors
BT138X series D and E
12 A four-quadrant triacs, sensitive gate
13. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 5 Isolation characteristics . . . . . . . . . . . . . . . . . . 6 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Legal information. . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information. . . . . . . . . . . . . . . . . . . . . 11 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 10 March 2008 Document identifier: BT138X_SER_D_E_3


▲Up To Search▲   

 
Price & Availability of BT138X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X