Part Number Hot Search : 
22041 MAX662 24256 A7530N LS273FPE BUK7L06 HCT08 05D12
Product Description
Full Text Search
 

To Download BD37514FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/4
Structure: Product: Type: Package:
Silicon Monolithic Integrated Circuit Sound Processor for car audio
BD37514FS
SSOP-A20
Feature
1. Reduce switching noise of input gain control, mute, main volume, fader volume, bass, treble, loudness by using advanced switch circuit [Possible to control all steps] 2. Built-in ground isolation amplifier inputs, ideal for external stereo input. 3. Built-in input gain controller reduce switching noise for volume of a portable audio input. 4. Decrease the number of external components by built-in 2-band equalizer filter, loudness filter. And, possible to control Q, Gv, fo of 2-band equalizer and Gv of loudness by I2C BUS control freely. 5. It is possible for the bass, treble to the gain adjustment quantity of 20dB and 1 dB step gain adjustment. 6. Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality for small scale regulator and heat in a set. 7. Package is SSOP-A20. Putting input-terminals together and output-terminals together can make PCB layout easier and can makes area of PCB smaller.) 8. It is possible to control by 3.3V / 5V for I2C BUS.
Absolute Maximum Ratings (Ta=25)
Parameter Power supply Voltage Input voltage Power Dissipation Storage Temperature Symbol VCC VIN Pd Tastg Limits 10.0 VCC+0.3GND-0.3 940 1 -55+150 Unit V V mW
1 At Ta25C or higher, this value is decreaced to 7.5mW/C When Rohm standard board is mounted. 3 Rohm standard board: Size70x70x1.6(mm ) materialFR4 glass-epoxy substrate (copper foil area: not more than 3%).
Operating Range
Parameter Power supply Voltage Temperature Symbol VCC Topr Min. 7.0 -40 Typ. Max. 9.5 +85 Unit V
Design against radiation-proof isn't made.
REV. A
2/4
Function
Function Input selector Input gain Mute Volume Bass Treble Fader Loudness Specifications Stereo 3 single-end input and 1differential input 020dB (1dB step), Possible to use "Advanced switch" for prevention of switching noise Possible to use "Advanced switch" for prevention of switching noise. +15dB-79dB (1dB step), -dB Possible to use "Advanced switch" for prevention of switching noise. -20+20dB (1dB step), Q=0.5, 1, 1.5, 2, fo=60, 80, 100, 120Hz Possible to use advanced switch at changing gain -20+20dB (1dB step), Q=0.75, 1.25 fo=7.5k, 10k, 12.5k, 15kHz , Possible to use advanced switch at changing gain 0dB-79dB (1dB step), -dB Possible to use "Advanced switch" for prevention of switching noise. 0dB20dB (1dB step), fo=800Hz Possible to use "Advanced switch" for prevention of switching noise.
Electrical Characteristic (Unless specified particularly, Ta=25, VCC=8.5V, f=1kHz, Vin=1Vrms, Rg=600, RL=10k, A input, Input gain 0dB, Mute OFF, Volume 0dB, Tone control 0dB, Loudness 0dB, Fader 0dB) Limit Item Symbol Unit Condition Min. Typ. Max. IQ mA No signal 38 48 Current upon no signal GV -1.5 0 1.5 dB Gv=20log(VOUT/VIN) Voltage gain CB -1.5 0 1.5 dB CB = GV1-GV2 Channel balance Total harmonic distortion 1 VOUT=1Vrms THD+N1 0.001 0.05 BW=400-30KHz (FRONT,REAR) Total harmonic distortion 2 VOUT=1Vrms THD+N2 0.002 0.05 BW=400-30KHz (SUBWOOFER) Output noise voltage 1 Rg = 0 Vrms VNO1 3.8 15 BW = IHF-A (FRONT,REAR) Output noise voltage 2 Rg = 0 Vrms VNO2 4.8 15 BW = IHF-A (SUBWOOFER) Fader=-dB VNOR Vrms Rg=0 1.8 10 Residual output noise voltage BW=IHF-A Rg=0 CTC -100 -90 dB CTC=20log(VOUT/VIN) Cross-talk between channels BW=IHF-A f=100Hz RR -70 -40 dB VRR=100mVrms Ripple rejection RR=20log(VOUT/VCCIN) DP1 and DN input DP2 and DN input CMRR 50 65 dB Common mode rejection ratio CMRR=20log(VIN/VOUT) BW = IHF-A VIM at THD+N(VOUT)=1% 2.1 2.3 Vrms VIM Maximum input voltage BW=400-30kHz Volume = 15dB dB GV MAX 13 15 17 VIN=100mVrms Maximum gain Gv=20log(VOUT/VIN) Volume=-dB dB Gf=20log(VOUT/VIN) -100 -85 GV MIN Maximum attenuation BW=IHF-A THD+N=1% VOM 2.0 2.2 Vrms Maximum output voltage BW=400-30kHz
REV. A
3/4
Dimensional outline drawing
Max9.05(include.BURR)
BD37514FS
Lot No.
SSOP-A20 (Unitmm)
Block Diagram
20 19 18 17
VCC
Descriptions of terminal
16 15 14 13 12 11
Terminal No.
GND
I2C
BUS LOGIC
Loudness
2 Band P-EQ (Tone control) Volume/Mute
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Terminal Name FIL A1 A2 B1 B2 C1 C2 DP1 DN DP2 MUTE OUTS OUTR2 OUTR1 OUTF2 OUTF1 VCC SCL SDA GND
Input selector (3 single-end and 1 stereo ISO)
Bufferd GND ISO amp Bufferd GND ISO amp
Fader
Input Gain
Fader
Fader
Fader
Fader
VCC/2
1
2
3
4
5
6
7
8
9
10
REV. A
4/4
Cautions on use (1) Absolute maximum ratings If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how not to apply the conditions under which absolute maximum ratings are exceeded to the LSI. (2) GND potential Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena. (3) Thermal design Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in actual states of use. (4) Shorts between pins and misinstallation When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI. If it is misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a foreign substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND. (5) Operation in strong magnetic fields Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
REV. A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuelcontroller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
R1010A


▲Up To Search▲   

 
Price & Availability of BD37514FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X