Part Number Hot Search : 
NX2016AA HTCM366 1N4746AP MC3062 DSS12 SR2040 ESR0604 AWT6251
Product Description
Full Text Search
 

To Download B82720S2102N040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power line chokes
Current-compensated ring core double chokes 250 V AC, 0.3 ... 2 A, 1.1 ... 22 mH
Series/Type: Date: B82720S March 2008
Data Sheet
EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
Power line chokes Current-compensated ring core double chokes
Rated voltage 250 V AC Rated current 0.3 A to 2 A Rated inductance 1.1 mH to 22 mH Construction

B82720S
Current-compensated ring core double choke Ferrite core LCP case (UL 94 V-0) Silicone potting Sector winding
Features
Approx. 0.8% stray inductance for differential-mode
interference suppression
Suitable for reflow soldering Design complies with EN 60938-2 (VDE 0565-2) RoHS-compatible
Applications
Suppression of common-mode interferences Compact electronic ballasts in lamps Compact switch-mode power supplies
Terminals
Base material CuSn6 Layer composition Ni, Sn Hot-dipped
Marking
Marking on component:
Manufacturer, ordering code, rated inductance, rated current, graphic symbol, rated voltage, date of manufacture (YYWWD)
Minimum data on reel:
Manufacturer, ordering code, rated inductance, rated current, quantity, date of packing Delivery mode and packing unit
24-mm blister tape, wound on 330-mm reel Packing unit: 350 pcs./reel
Please read Cautions and warnings and Important notes at the end of this document.
2
03/08
Power line chokes Current-compensated ring core double chokes
Dimensional drawing and pin configuration
2.20.2 1)
2.50.1
_ 0.05 0.6 +0.1 1)
B82720S
Layout recommendation
2.5
4
5
5 1.6
2.50.1
50.1
1 14.90.3 14.5 max.
_ 0.05 0.4 +0.1 1)
8
12 17.6
IND0244-2
0... 6
10.50.2
80.2
16.60.4 1 2 3 4 8 7 Marking 6 5
13.3 max. 0.1
1) Soldering area
IND0243-T-E
Dimensions in mm Taping and packing Blister tape
11.50.1 1.750.1
40.1 20.1 A-B A 1.50.1
Reel
29.2 max.
_0 12.75 +0.15
o621.5
19 max.
240.3
_0 24.4 +2
_2 330 +0
IND0660-Z
B 11.5 max. 160.1
1.60.1
Direction of unreeling
IND0659-S-E
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
3
03/08
2.5
Power line chokes Current-compensated ring core double chokes
Technical data and measuring conditions Rated voltage VR Test voltage Vtest Rated temperature TR Rated current IR Rated inductance LR Inductance tolerance Inductance decrease L/L0 Stray inductance Lstray,typ DC resistance Rtyp Solderability (lead free) 250 V AC (50/60 Hz) 1500 V AC, 2 s (line/line) 40 C Referred to 50 Hz and rated temperature
B82720S
Measured with Agilent 4284A at 10 kHz, 0.1 mA, 20 C Inductance is specified per winding. -30/+50% at 20 C < 10% at DC magnetic bias with IR, 20 C Measured with Agilent 4284A at 10 kHz, 5 mA, 20 C, typical values Measured at 20 C, typical values, specified per winding Sn96.5Ag3.0Cu0.5: (245 5) C, (3 0.3) s Wetting of soldering area 95% (to IEC 60068-2-58, test Td) (260 5) C, (10 1) s (to IEC 60068-2-58, test Td) 40/125/56 (to IEC 60068-1) -25 C ... +40 C, 75% RH Approx. 2.5 g
Resistance to soldering heat Climatic category Storage conditions (packaged) Weight
Characteristics and ordering codes IR A 0.3 0.3 0.6 1.0 1.5 2.0 LR mH 22 12 4.4 3.0 1.6 1.1 Lstray,typ H 130 80 30 20 10 6 Rtyp m 1500 1100 400 220 110 65 B82720S2301N042 B82720S2301N040 B82720S2601N040 B82720S2102N040 B82720S2152N040 B82720S2202N040 Ordering code
Please read Cautions and warnings and Important notes at the end of this document.
4
03/08
Power line chokes Current-compensated ring core double chokes
Impedance |Z| versus frequency f measured with windings in parallel at 20 C, typical values
10 6
IND0611-S
B82720S
Current derating Iop/IR versus temperature TA
1.4 I op I R 1.2 1.0 TR = 40 C 0.8
IND0373-A-E
| Z| 10 5
B82720
10 4
0.6
S2301N042 S2301N040 S2601N040 S2102N040 S2152N040 S2202N040 10 5 10 6 Hz 10 7 f
10 3
0.4 0.2 0
10 2 4 10
0
20
40
60
80
100
C 140
TA
5
03/08
Power line chokes Current-compensated ring core double chokes
Recommended reflow soldering profile Pb-free solder material (based on JEDEC J-STD 020C)
t3 T4 T3 T2 t2
B82720S
T1
t1
IND0814-F
T1 C 150
T2 C 200
T3 C 217
T4 C 245
t1 s < 110
t2 s < 90
t3 s < 30 @ T4 -5 C
Time from 25 C to T4: max 300 s Max. numbers of reflow cycles: 3
Please read Cautions and warnings and Important notes at the end of this document.
6
03/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
7
03/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 8 03/09


▲Up To Search▲   

 
Price & Availability of B82720S2102N040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X