Part Number Hot Search : 
EC3AB23 SP1601 25L1606 74AUP B0515 MA4ST080 7C126 26000
Product Description
Full Text Search
 

To Download ASM3I623S01JG-08-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 2007 rev 0.4
ASM3P623S01B/C/J
Timing-SafeTM Peak EMI reduction IC
General Features
* * * * Clock distribution with Timing-SafeTM Peak EMI Reduction Input frequency range: 20MHz - 50MHz Zero input - output propagation delay Low-skew outputs * * * * * * * * Output-output skew less than 250pS Device-device skew less than 700pS
available in 8pin package. The ASM3P623S01J is the eight-pin version with crystal interface and accepts one reference input and drives out two low-skew clocks. All parts have on-chip PLLs that lock to an input clock on the CLKIN pin. The PLL feedback is on-chip and is obtained from the CLKOUT pad, internal to the device. Multiple ASM3P623S01B/C/J devices can accept the same input clock and distribute it. In this case, the skew between the outputs of the two devices is guaranteed to be less than 700pS. All outputs have less than 200pS of cycle-to-cycle jitter. The input and output propagation delay is guaranteed to be less than 250pS, and the output-to-output skew is guaranteed to be less than 250pS.
Less than 200pS cycle-to-cycle jitter Available in 8pin, 150 mil SOIC, 4.4mm TSSOP Packages (ASM3P623S00B/C/J) 3.3V operation Industrial temperature range Advanced 0.35 CMOS technology The First True Drop-in Solution
Functional Description
ASM3P623S01B/C/J is a versatile, 3.3V zero-delay buffer designed to distribute high-speed Timing-SafeTM clocks with Peak EMI reduction. ASM3P623S01B/C accepts one reference input and drives out three low-skew clocks. It is Refer "Spread Spectrum Control and Input-Output Skew Table" for deviations and Input-Output Skew for ASM3P623S01B/C/J devices
Block Diagram
VDD SSON SS%
Modulation XIN/CLKIN XOUT Crystal Oscillator Reference Divider Feedback Divider Phase Detector Loop Filter VCO
PLL
Feedforward Divider CLKOUT
GND
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
May 2007 rev 0.4
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of reducing EMI are to use shielding, filtering, multi-layer
ASM3P623S01B/C/J
PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The ASM3P623S01B/C/J uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is the same as the unmodulated frequency and there is no performance degradation
Timing-SafeTM technology
Timing-SafeTM technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path.
Pin Configuration
CLKIN
1
8 7 6 5
CLKOUT VDD CLKOUT2 SSON
CLKOUT1 2 SS% 3 GND 4
ASM3P623S01B/C
XIN/CLKIN
1
8 7 6 5
CLKOUT VDD CLKOUT1 SSON
XOUT 2 SS% 3 GND 4
ASM3P623S01J
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 12
May 2007 rev 0.4
Pin Description for ASM3P623S01B/C Pin #
1 2 3 4 5 6 7 8
ASM3P623S01B/C/J
Pin Name
CLKIN CLKOUT SS%
3 2
Description
Input reference frequency, 5V-tolerant input Buffered clock output Spread Spectrum Selection Ground Spread Spectrum enable and disable option When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the spread spectrum. Buffered clock output 3.3V supply Buffered clock output
GND SSON3 CLKOUT2 VDD CLKOUT
1,2
Notes: 1. This output is driven and has an internal feedback for the PLL. 2. Weak pull-down on all outputs. 3. Weak pull-up on these inputs 4. Buffered clock outputs are Timing-SafeTM
Pin Description for ASM3P623S01J Pin #
1 2 3 4 5 6 7 8
Pin Name
XIN/CLKIN XOUT SS%2 GND SSON2 CLKOUT1 VDD CLKOUT
1,3
Description
Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. Crystal connection. If using an external reference, this pin must be left unconnected. Spread Spectrum Selection Ground Spread Spectrum enable and disable option When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the spread spectrum. Buffered clock output 3.3V supply Buffered clock output
Notes: 1. Weak pull-down on all outputs. 2. Weak pull-up on these inputs 3. This output is driven and has an internal feedback for the PLL. 4. Buffered clock outputs are Timing-SafeTM
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 12
May 2007 rev 0.4
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 32 MHz)
ASM3P623S01B/C/J
Device
ASM3P623S01B
SS%
0 1 0 1 0 1
Deviation
0.25 % 0.5 % .125 % 0.25 % 0.125 % 0.25 %
Input-Output Skew(TSKEW)
0.125 0.25 0.125 0.25 0.125 0.25
ASM3P623S01C
ASM3P623S01J
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Rating Symbol
VDD TSTG Ts TJ TDV Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Parameter
Voltage on any pin with respect to Ground
Rating
-0.5 to +4.6 -65 to +125 260 150 2
Unit
V C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions for ASM3P623S01B/C/J Devices Parameter
VDD TA CL CIN Supply Voltage Operating Temperature (Ambient Temperature) Load Capacitance Input Capacitance
Description
Min
3.0 -40
Max
3.6 +85 30 7
Unit
V C pF pF
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 12
May 2007 rev 0.4
Electrical Characteristics for ASM3P623S01B/C/J Parameter
VIL VIH IIL IIH VOL VOH IDD Zo
ASM3P623S01B/C/J
Description
Input LOW Voltage Input LOW Current Input HIGH Current Output LOW Voltage6 Output HIGH Voltage Supply Current Output Impedance
6 5 5
Test Conditions
Min
2.0
Typ
Max
0.8
Unit
V V A A V V mA
Input HIGH Voltage
VIN = 0V VIN = VDD IOL = 8mA IOH = -8mA Unloaded outputs 2.4 15 23
50 100 0.4
Switching Characteristics for ASM3P623S01B/C/J7 Parameter
1/t1 t3 t4 t5 t6 t7 tJ tLOCK
Description
Output Frequency Duty Cycle = (t2 / t1) * 100 Output Rise Time Output Fall Time
6 6 6 6
Test Conditions
30pF load Measured at VDD/2 Measured between 0.8V and 2.0V Measured between 2.0V and 0.8V All outputs equally loaded Measured at VDD /2 Measured at VDD/2 on the CLKOUT pins of the device Loaded outputs Stable power supply, valid clock presented on CLKIN pin
Min
20 40
Typ
50
Max
50 60 2.5 2.5 250 350 700 200 1.0
Unit
MHz % nS nS pS pS pS pS mS
Output-to-output skew CLKOUT Rising Edge
Delay, CLKIN Rising Edge to
6
Device-to-Device Skew 6 Cycle-to-cycle jitter 6 PLL Lock Time 6
Notes: 5. CLKIN input has a threshold voltage of VDD/2 6. Parameter is guaranteed by design and characterization. Not 100% tested in production 7. All parameters specified with loaded outputs.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 12
May 2007 rev 0.4
Switching Waveforms
ASM3P623S01B/C/J
Duty Cycle Timing
t2 1.4 V 1.4 V t1
1.4 V
All Outputs Rise/Fall Time
2.0 V 0.8 V t3 t4 2.0 V 0.8 V 3.3 V 0V
OUTPUT
Output - Output Skew
1.4 V O UTPUT 1.4 V O UTPUT
t5
Input - Output Propagation Delay
VDD /2
INPUT
OUTPUT
VDD /2
t6
Device - Device Skew
CLKOUT, Device 1
VDD /2 VDD /2
CLKOUT, Device 2
t7
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 12
May 2007 rev 0.4
Input-Output Skew
Timing-SafeTM Output
ASM3P623S01B/C/J
Test Circuit
Input
+3.3V TSKEW TSKEW+ 0.1uF One clock cycle N=1
when spread spectrum is ON For example, TSKEW = 0.125 for an Input clock 32MHz, translates in to (1/32MHz) * 0.125=3.90nS
OUTPUT VDD
CLKOUT CLOAD
GND
TSKEW represents input-output skew
A Typical example of Timing-SafeTM waveform
Input
Input
CLKOUT with SSOFF
Timing-SafeTM CLKOUT
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
7 of 12
May 2007 rev 0.4
Package Information 8-lead SOIC Package(150-mil)
ASM3P623S01B/C/J
E
H
D
A2
A
e B A 1
C L
D
Dimensions
Symbol Min
A1 A A2 B C D E e H L
Inches Max
0.010 0.069 0.059 0.020 0.010 0.004 0.053 0.049 0.012 0.007
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 12
May 2007 rev 0.4
8-lead TSSOP Package(4.40-MM Body)
ASM3P623S01B/C/J
H
E D A2 A e B A1 L C
Dimensions Symbol Min
A A1 A2 B c D E e H L 0.020 0 0.002 0.033 0.008 0.004 0.114 0.169 0.026 BSC 0.252 BSC 0.028 8 0.50 0
Inches Max
0.043 0.006 0.037 0.012 0.008 0.122 0.177 0.05 0.85 0.19 0.09 2.90 4.30
Millimeters Min Max
1.10 0.15 0.95 0.30 0.20 3.10 4.50 0.65 BSC 6.40 BSC 0.70 8
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 12
May 2007 rev 0.4
Ordering Codes Ordering Code
ASM3P623S01BF-08-ST ASM3I623S01BF-08-ST ASM3P623S01BF-08-SR ASM3I623S01BF-08-SR ASM3P623S01BF-08-TT ASM3I623S01BF-08-TT ASM3P623S01BF-08-TR ASM3I623S01BF-08-TR ASM3P623S01BG-08-ST ASM3I623S01BG-08-ST ASM3P623S01BG-08-SR ASM3I623S01BG-08-SR ASM3P623S01BG-08-TT ASM3I623S01BG-08-TT ASM3P623S01BG-08-TR ASM3I623S01BG-08-TR ASM3P623S01CF-08-ST ASM3I623S01CF-08-ST ASM3P623S01CF-08-SR ASM3I623S01CF-08-SR ASM3P623S01CF-08-TT ASM3I623S01CF-08-TT ASM3P623S01CF-08-TR ASM3I623S01CF-08-TR ASM3P623S01CG-08-ST ASM3I623S01CG-08-ST ASM3P623S01CG-08-SR ASM3I623S01CG-08-SR ASM3P623S01CG-08-TT ASM3I623S01CG-08-TT ASM3P623S01CG-08-TR ASM3I623S01CG-08-TR ASM3P623S01JF-08-ST
ASM3P623S01B/C/J
Marking
3P623S01BF 3I623S01BF 3P623S01BF 3I623S01BF 3P623S01BF 3I623S01BF 3P623S01BF 3I623S01BF 3P623S01BG 3I623S01BG 3P623S01BG 3I623S01BG 3P623S01BG 3I623S01BG 3P623S01BG 3I623S01BG 3P623S01CF 3I623S01CF 3P623S01CF 3I623S01CF 3P623S01CF 3I623S01CF 3P623S01CF 3I623S01CF 3P623S01CG 3I623S01CG 3P623S01CG 3I623S01CG 3P623S01CG 3I623S01CG 3P623S01CG 3I623S01CG 3P623S01JF
Package Type
8-pin 150-mil SOIC- TUBE, Pb Free 8-pin 150-mil SOIC- TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8- pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 150-mil SOIC- TUBE, Pb Free 8-pin 150-mil SOIC- TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8- pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 150-mil SOIC- TUBE, Pb Free
Temperature
Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 12
May 2007 rev 0.4
Ordering Codes (Cont'd) Ordering Code
ASM3I623S01JF-08-ST ASM3P623S01JF-08-SR ASM3I623S01JF-08-SR ASM3P623S01JF-08-TT ASM3I623S01JF-08-TT ASM3P623S01JF-08-TR ASM3I623S01JF-08-TR ASM3P623S01JG-08-ST ASM3I623S01JG-08-ST ASM3P623S01JG-08-SR ASM3I623S01JG-08-SR ASM3P623S01JG-08-TT ASM3I623S01JG-08-TT ASM3P623S01JG-08-TR ASM3I623S01JG-08-TR
ASM3P623S01B/C/J
Marking
3I623S01JF 3P623S01JF 3I623S01JF 3P623S01JF 3I623S01JF 3P623S01JF 3I623S01JF 3P623S01JG 3I623S01JG 3P623S01JG 3I623S01JG 3P623S01JG 3I623S01JG 3P623S01JG 3I623S01JG
Package Type
8-pin 150-mil SOIC- TUBE, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 150-mil SOIC-TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8-pin 4.4-mm TSSOP - TUBE, Pb Free 8- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC- TUBE, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 150-mil SOIC-TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8-pin 4.4-mm TSSOP - TUBE, Green 8- pin 4.4-mm TSSOP - TAPE & REEL, Green 8-pin 4.4-mm TSSOP - TAPE & REEL, Green
Temperature
Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial Commercial Industrial
Device Ordering Information
ASM3P623S01BF-08-TR
R = Tape & Reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS PART NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
PulseCore Semiconductor Mixed Signal Product
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
11 of 12
May 2007 rev 0.4
ASM3P623S01B/C/J
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright (c) PulseCore Semiconductor All Rights Reserved Part Number: ASM3P623S00B/C/J Document Version: 0.4
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003 Timing-SafeTM US Patent Pending.
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Timing-SafeTM Peak EMI Reduction IC
Notice: The information in this document is subject to change without notice.
12 of 12


▲Up To Search▲   

 
Price & Availability of ASM3I623S01JG-08-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X