Part Number Hot Search : 
LH154 74AVC ESM4005 A2918SW MT130 A5800721 73D31 K2012
Product Description
Full Text Search
 

To Download ADP3110KRZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual Bootstrapped, 12 V MOSFET Driver with Output Disable ADP3110
FEATURES
All-in-one synchronous buck driver Bootstrapped high-side drive One PWM signal generates both drives Anticross-conduction protection circuitry Output disable control turns off both MOSFETs to float output per Intel(R) VRM 10 specification
GENERAL DESCRIPTION
The ADP3110 is a dual, high voltage MOSFET driver optimized for driving two N-channel MOSFETs, which are the two switches in a nonisolated synchronous buck power converter. Each of the drivers is capable of driving a 3000 pF load with a 25 ns propagation delay and a 30 ns transition time. One of the drivers can be bootstrapped and is designed to handle the high voltage slew rate associated with floating high-side gate drivers. The ADP3110 includes overlapping drive protection to prevent shoot-through current in the external MOSFETs. The OD pin shuts off both the high-side and the low-side MOSFETs to prevent rapid output capacitor discharge during system shutdown. The ADP3110 is specified over the commercial temperature range of 0C to 85C and is available in an 8-lead SOIC_N package.
APPLICATIONS
Multiphase desktop CPU supplies Single-supply synchronous buck converters
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
12V
VCC
4
D1
ADP3110
BST
1
CBST2 CBST1
IN 2
8
DRVH
RG Q1 RBST
DELAY
TO INDUCTOR
SW
7
CMP
VCC 6
CMP 1V CONTROL LOGIC DRVL
5
Q2
DELAY OD 3
PGND
05514-001
6
Figure 1.
(c)2010 SCILLC. All rights reserved. May 2010 - Rev. 2
Publication Order Number: ADP3110/D
ADP3110 TABLE OF CONTENTS
Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution .................................................................................. 4 Pin Configuration and Function Descriptions ............................. 5 Timing Characteristics..................................................................... 6 Theory of Operation ........................................................................ 7 Low-Side Driver............................................................................ 7 High-Side Driver .......................................................................... 7 Overlap Protection Circuit...........................................................7 Application Information ...................................................................8 Supply Capacitor Selection ..........................................................8 Bootstrap Circuit ...........................................................................8 MOSFET Selection ........................................................................8 PC Board Layout Considerations................................................9 Outline Dimensions ........................................................................11 Ordering Guide ...........................................................................11
Rev. 2 | Page 2 of 11 | www.onsemi.com
ADP3110 SPECIFICATIONS
VCC = 12 V, BST = 4 V to 26 V, TA = 25C, unless otherwise noted. Table 1.1
Parameter PWM INPUT Input Voltage High2 Input Voltage Low2 Input Current2 Hysteresis2 OD INPUT Input Voltage High2 Input Voltage Low2 Input Current 2 Hysteresis2 Propagation Delay Times3 2.0 -1 90 0.8 +1 250 20 40 35 55 V V A mV ns ns Symbol Conditions Min 2.0 -1 90 0.8 +1 250 Typ Max Unit V V A mV
tpdlOD tpdhOD
See Figure 3 See Figure 3
HIGH-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current Output Resistance, Unbiased Transition Times Propagation Delay Times3 SW Pull Down Resistance LOW-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current Output Resistance, Unbiased Transition Times Propagation Delay Times3 Time-out Delay SUPPLY Supply Voltage Range2 Supply Current2 UVLO Voltage2 Hysteresis2
1
RDRV + SW trDRVH tfDRVH tpdhDRVH tpdlDRVH RSW - PGND
BST to SW = 12 V BST to SW = 12 V BST to SW = 0 V BST to SW = 12 V, CLOAD = 3 nF, see Figure 4 BST to SW = 12 V, CLOAD = 3 nF, see Figure 4 BST to SW = 12 V, CLOAD = 3 nF,see Figure 4 BST to SW = 12 V, CLOAD = 3 nF, see Figure 4 SW to PGND
3.8 1.4 10 40 30 45 25 10 3.4 1.4 10 40 20 15 30 190 150
4.4 1.8 55 45 65 35
k ns ns ns ns k k ns ns ns ns ns ns V mA V mV
RDRVL - PGND trDRVL tfDRVL tpdhDRVL tpdlDRVL VCC = PGND CLOAD = 3 nF, see Figure 4 CLOAD = 3 nF, see Figure 4 CLOAD = 3 nF, see Figure 4 CLOAD = 3 nF, see Figure 4 SW = 5 V SW = PGND
4.0 1.8 50 30 35 40
110 95 4.15
VCC ISYS
BST = 12 V, IN = 0 V VCC rising
2 1.5 350
13.2 5 3.0
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods. 2 Specifications apply over the full operating temperature range TA = 0C to 85C. 3 For propagation delays, tpdh refers to the specified signal going high, and tpdl refers to it going low.
Rev. 2 | Page 3 of 11 | www.onsemi.com
ADP3110 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter VCC BST BST to SW SW DC <200 ns DRVH DC <200 ns DRVL DC <200 ns IN, OD JA, SOIC_N 2-Layer Board 4-Layer Board Operating Ambient Temperature Range Junction Temperature Range Storage Temperature Range Lead Temperature Range Soldering (10 sec) Vapor Phase (60 sec) Infrared (15 sec) Rating -0.3 V to +15 V -0.3 V to VCC + 15 V -0.3 V to +15 V -5 V to +15 V -10 V to +25 V SW - 0.3 V to BST + 0.3 V SW - 2 V to BST + 0.3 V -0.3 V to VCC + 0.3 V -2 V to VCC + 0.3 V -0.3 V to 6.5 V 123C/W 90C/W 0C to 85C 0C to 150C -65C to +150C 300C 215C 260C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Unless otherwise specified all other voltages are referenced to PGND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 2 | Page 4 of 11 | www.onsemi.com
ADP3110 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BST 1 IN 2 OD 3
8
DRVH SW
05514-002
ADP3110
7
6 PGND TOP VIEW VCC 4 (Not to Scale) 5 DRVL
Figure 2. 8-Lead SOIC_N Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 Mnemonic BST IN OD VCC DRVL PGND SW Description Upper MOSFET Floating Bootstrap Supply. A capacitor connected between the BST and SW pins holds this bootstrapped voltage for the high-side MOSFET as it is switched. Logic Level PWM Input. This pin has primary control of the driver outputs. In normal operation, pulling this pin low turns on the low-side driver; pulling it high turns on the high-side driver. Output Disable. When low, this pin disables normal operation, forcing DRVH and DRVL low. Input Supply. This pin should be bypassed to PGND with ~1 F ceramic capacitor. Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET. Power Ground. This pin should be closely connected to the source of the lower MOSFET. Switch Node Connection. This pin is connected to the buck-switching node, close to the upper MOSFET's source. It is the floating return for the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent turn-on of the lower MOSFET until the voltage is below ~1 V. Buck Drive. Output drive for the upper (buck) MOSFET.
8
DRVH
Rev. 2 | Page 5 of 11 | www.onsemi.com
ADP3110 TIMING CHARACTERISTICS
OD
tpdlOD
tpdhOD
90%
05514-003
DRVH OR DRVL
10%
Figure 3. Output Disable Timing Diagram
IN tpdlDRVL DRVL tfDRVL tpdlDRVH trDRVL
tfDRVH tpdhDRVH trDRVH
DRVH-SW
VTH
VTH
tpdhDRVL SW 1V
05514-004
Figure 4. Timing Diagram (Timing is Referenced to the 90% and 10% Points Unless Otherwise Noted)
Rev. 2 | Page 6 of 11 | www.onsemi.com
ADP3110 THEORY OF OPERATION
The ADP3110 is a dual MOSFET driver optimized for driving two N-channel MOSFETs in a synchronous buck converter topology. A single PWM input signal is all that is required to properly drive the high-side and the low-side MOSFETs. Each driver is capable of driving a 3 nF load at speeds up to 500 kHz. A more detailed description of the ADP3110 and its features follows. Refer to Figure 1. on. To complete the cycle, Q1 is switched off by pulling the gate down to the voltage at the SW pin. When the low-side MOSFET, Q2, turns on, the SW pin is pulled to ground. This allows the bootstrap capacitor to charge up to VCC again. The high-side driver's output is in phase with the PWM input. When the driver is disabled, the high-side gate is held low.
OVERLAP PROTECTION CIRCUIT
The overlap protection circuit prevents both of the main power switches, Q1 and Q2, from being on at the same time. This prevents shoot-through currents from flowing through both power switches, and the associated losses that can occur during their on/off transitions. The overlap protection circuit accomplishes this by adaptively controlling the delay from the Q1 turn off to the Q2 turn on, and by internally setting the delay from the Q2 turn off to the Q1 turn on. To prevent the overlap of the gate drives during the Q1 turn off and the Q2 turn on, the overlap circuit monitors the voltage at the SW pin. When the PWM input signal goes low, Q1 begins to turn off (after propagation delay). Before Q2 can turn on, the overlap protection circuit makes sure that SW has first gone high and then waits for the voltage at the SW pin to fall from VIN to 1 V. Once the voltage on the SW pin has fallen to 1 V, Q2 begins turn on. If the SW pin had not gone high first, then the Q2 turn on is delayed by a fixed 150 ns. By waiting for the voltage on the SW pin to reach 1 V or for the fixed delay time, the overlap protection circuit ensures that Q1 is off before Q2 turns on, regardless of variations in temperature, supply voltage, input pulse width, gate charge, and drive current. If SW does not go below 1 V after 190 ns, DRVL turns on. This can occur if the current flowing in the output inductor is negative and is flowing through the high-side MOSFET body diode.
LOW-SIDE DRIVER
The low-side driver is designed to drive a ground-referenced N-channel MOSFET. The bias to the low-side driver is internally connected to the VCC supply and PGND. When the ADP3110 is enabled, the driver's output is 180 degrees out of phase with the PWM input. When the ADP3110 is disabled, the low-side gate is held low.
HIGH-SIDE DRIVER
The high-side driver is designed to drive a floating N-channel MOSFET. The bias voltage for the high-side driver is developed by an external bootstrap supply circuit, which is connected between the BST and SW pins. The bootstrap circuit comprises a diode, D1, and bootstrap capacitor, CBST1. CBST2 and RBST are included to reduce the highside gate drive voltage and limit the switch node slew rate (referred to as a Boot-SnapTM circuit, see the Application Information section for more details). When the ADP3110 is starting up the SW pin is at ground; therefore the bootstrap capacitor charges up to VCC through D1. When the PWM input goes high, the high-side driver begins to turn on the highside MOSFET, Q1, by pulling charge out of CBST1 and CBST2. As Q1 turns on, the SW pin rises up to VIN, forcing the BST pin to VIN + VC(BST), which is enough gate-to-source voltage to hold Q1
Rev. 2 | Page 7 of 11 | www.onsemi.com
ADP3110 APPLICATION INFORMATION
SUPPLY CAPACITOR SELECTION
For the supply input (VCC) of the ADP3110, a local bypass capacitor is recommended to reduce the noise and to supply some of the peak currents drawn. Use a 4.7 F, low ESR capacitor. Multilayer ceramic chip (MLCC) capacitors provide the best combination of low ESR and small size. Keep the ceramic capacitor as close as possible to the ADP3110. maximum supply voltage. The average forward current can be estimated by
I F ( AVG ) = Q GATE x f MAX
where fMAX is the maximum switching frequency of the controller. The peak surge current rating should be calculated by
(5)
BOOTSTRAP CIRCUIT
The bootstrap circuit uses a charge storage capacitor (CBST1) and a diode, as shown in Figure 1. These components can be selected after the high-side MOSFET is chosen. The bootstrap capacitor must have a voltage rating that is able to handle twice the maximum supply voltage. A minimum 50 V rating is recommended. The capacitor values are determined using the following equations:
I F ( PEAK ) =
VCC - VD RBST
(6)
MOSFET SELECTION
When interfacing the ADP3110 to external MOSFETs, the designer should be aware of a few considerations. These help to make a more robust design that minimizes stresses on both the driver and MOSFETs. These stresses include exceeding the short-time duration voltage ratings on the driver pins as well as the external MOSFET. It is also highly recommended to use the Boot-Snap circuit to improve the interaction of the driver with the characteristics of the MOSFETs. If a simple bootstrap arrangement is used, make sure to include a proper snubber network on the SW node.
C BST 1 + C BST 2 = 10 x C BST 1 C BST 1 + C BST 2
where:
Q GATE VGATE
(1) (2)
=
VGATE VCC - V D
QGATE is the total gate charge of the high-side MOSFET at VGATE. VGATE is the desired gate drive voltage (usually in the range of 5 V to 10 V, 7 V being typical). VD is the voltage drop across D1. Rearranging Equation 1 and Equation 2 to solve for CBST1 yields
High-Side (Control) MOSFETs
The high-side MOSFET is usually selected to be high speed to minimize switching losses (see any ADI Flex-ModeTM controller data sheet for more details on MOSFET losses). This usually implies a low gate resistance and low input capacitance/charge device. Yet, there is also a significant source lead inductance that can exist (this depends mainly on the MOSFET package; it is best to contact the MOSFET vendor for this information). The ADP3110 DRVH output impedance and the external MOSFETs' input resistance determine the rate of charge delivery to the MOSFETs' gate capacitance which, in turn, determines the switching times of the MOSFETs. A large voltage spike can be generated across the source lead inductance when the highside MOSFETs switch off, due to large currents flowing in the MOSFETs during switching (usually larger at turn off due to ramping of the current in the output inductor). This voltage spike occurs across the internal die of the MOSFETs and can lead to catastrophic avalanche. The mechanisms involved in this avalanche condition can be referenced in literature from the MOSFET suppliers.
C BST 1 = 10 x
Q GATE VCC - V D
(3)
CBST2 can then be found by rearranging Equation 1
C BST 2 = 10 x
Q GATE VGATE
- C BST 1
(4)
For example, an NTD60N02 has a total gate charge of about 12 nC at VGATE = 7 V. Using VCC = 12 V and VD = 1 V, we find CBST1 = 12 nF and CBST2 = 6.8 nF. Good quality ceramic capacitors should be used. RBST is used for slew rate limiting to minimize the ringing at the switch node. It also provides peak current limiting through D1. An RBST value of 1.5 to 2.2 is a good choice. The resistor needs to be able to handle at least 250 mW due to the peak currents that flow through it. A small signal diode can be used for the bootstrap diode due to the ample gate drive voltage supplied by VCC. The bootstrap diode must have a minimum 15 V rating to withstand the
Rev. 2 | Page 8 of 11 | www.onsemi.com
ADP3110
The MOSFET vendor should provide a maximum voltage slew rate at drain current rating such that this can be designed around. The next step is to determine the expected maximum current in the MOSFET. This can be done by to go below one sixth of VCC and then a delay is added. Due to the Miller capacitance and internal delays of the low-side MOSFET gate, one must ensure the Miller-to-input capacitance ratio is low enough and the low-side MOSFET internal delays are not large enough to allow accidental turn on of the low-side MOSFET when the high-side MOSFET turns on. Contact Sales for an updated list of recommended low-side MOSFETs.
I MAX = I DC ( per phase ) + (VCC - VOUT )x
D MAX f MAX x L OUT
(7)
DMAX is determined for the VR controller being used with the driver. Note this current gets divided roughly equally between MOSFETs if more than one is used (assume a worst-case mismatch of 30% for design margin). LOUT is the output inductor value. When producing the design, there is no exact method for calculating the dV/dt due to the parasitic effects in the external MOSFETs as well as the PCB. However, it can be measured to determine if it is safe. If it appears the dV/dt is too fast, an optional gate resistor can be added between DRVH and the high-side MOSFET. This resistor slows down the dV/dt, but it also increases the switching losses in the high-side MOSFET. The ADP3110 is optimally designed with an internal drive impedance that works with most MOSFETs to switch them efficiently yet minimize dV/dt. However, some high speed MOSFETs may require this external gate resistor, depending on the currents being switched in the MOSFET.
PC BOARD LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed circuit boards. 1. 2. 3. 4. 5. Trace out the high current paths and use short, wide (>20 mil) traces to make these connections. Minimize trace inductance between the DRVH and DRVL outputs and the MOSFET gates. Connect the PGND pin of the ADP3110 as closely as possible to the source of the lower MOSFET. The VCC bypass capacitor should be located as closely as possible to the VCC and PGND pins. Use vias to other layers when possible to maximize thermal conduction away from the IC.
Low-Side (Synchronous) MOSFETs
The low-side MOSFETs are usually selected to have a low on resistance to minimize conduction losses. This usually implies a large input gate capacitance and gate charge. The first concern is to make sure the power delivery from the ADP3110's DRVL does not exceed the thermal rating of the driver. The next concern for the low-side MOSFETs is to prevent them from inadvertently being switched on when the high-side MOSFET turns on. This occurs due to the drain-gate (Miller, also specified as Crss) capacitance of the MOSFET. When the drain of the low-side MOSFET is switched to VCC by the highside turning on (at a rate dV/dt), the internal gate of the lowside MOSFET is pulled up by an amount roughly equal to VCC x (Crss/Ciss). It is important to make sure this does not put the MOSFET into conduction. Another consideration is the nonoverlap circuitry of the ADP3110, which attempts to minimize the nonoverlap period. During the state of the high-side turning off to low-side turning on, the SW pin and the conditions of SW prior to switching are monitored to adequately prevent overlap. However, during the low-side turn off to high-side turn on, the SW pin does not contain information for determining the proper switching time, so the state of the DRVL pin is monitored
The circuit in Figure 6 shows how four drivers can be combined with the ADP3181 to form a total power conversion solution for generating VCC(CORE) for an Intel CPU that is VRD 10.x compliant. Figure 5 shows an example of the typical land patterns based on the guidelines given previously. For more detailed layout guidelines for a complete CPU voltage regulator subsystem, refer to the Layout and Component Placement section in the ADP3181 data sheet.
CBST1
CBST2
RBST
D1
CVCC
Figure 5. External Component Placement Example
Rev. 2 | Page 9 of 11 | www.onsemi.com
05514-005
ADP3110
L1 370nH 18A
R3 2.2 C8 12nF
VIN 12V
2700F/16V/3.3A x 2 SANYO MV-WX SERIES
+ C1 D2 1N4148
1 2 3
+ C2
C7 4.7F C6 6.8nF Q1 NTD60N02
560F/4V x 8 L2 320nH/1.4m SANYO SEPC SERIES 5m EACH
VIN RTN BST IN OD PGND 6 SW 7 DRVH 8
U2 ADP3110
VCC (CORE) 0.8375V - 1.6V 95A TDC, 119A PK VCC (CORE) RTN
+
C24 C31
+
4
VCC
DRVL 5
C5 4.7F R4 2.2 C12 12nF
Q3 NTD110N02
Q4 NTD110N02
D1 1N4148
1 2 3 4
D3 1N4148
BST IN OD VCC DRVL 5 PGND 6 SW 7 DRVH 8
U3 ADP3110
C10 6.8nF Q5 NTD60N02
C11 4.7F
10F x 18 MLCC IN SOCKET
L3 320nH/1.4m
R1 10 C9 4.7F
R5 2.2 C16 12nF
Q7 NTD110N02
Q8 NTD110N02
C3 100F
+
C4 1F
R2 357k, 1%
U1 ADP3181
VCC 28 PWM1 27 PWM2 26
1 2
1 2 3 4 5 6 7 8 9 10 11 12 13 14
VID4 VID3 VID2 VID1 VID0 CPUID FBRTN FB COMP PWRGD EN
18
D4 1N4148
BST IN OD VCC DRVH 8 SW 7 PGND 6 DRVL 5
U4 ADP3110
C14 6.8nF
C15 4.7F Q9 NTD60N02
FROM CPU PWM3 25 PWM4 24 SW1 23 SW2 22 SW3 21 SW4 20 GND 19 CSCOMP CSSUM 17 CSREF 16 C22 1nF CCS1 560pF CCS2 1.5nF RCS1 RCS2 35.7k 84.5k RPH4 158k, 1% RSW41 RSW31 RSW21
4
L4 320nH/1.4m
RSW11
3
Figure 6. VRD 10.x Compliant Power Supply Circuit
C13 4.7F
R6 2.2 C20 12nF
Rev. 2 | Page 10 of 11 | www.onsemi.com
Q11 NTD110N02
DELAY RT RAMPADJ ILIMIT 15 RPH2 RPH3 158k, RPH1 1% 158k, 158k, 1% 1%
C211 1nF
CB 470pF
POWER GOOD
CA RB RA 1.21k 470pF 12.1k
CFB 22pF
Q12 NTD110N02
ENABLE
CLDY 39nF
RLDY 470k
D5 1N4148
1 2 3 4
U5 ADP3110
BST IN OD VCC
C16 6.8nF
DRVH 8 SW 7 PGND 6 DRVL 5
C19 4.7F Q13 NTD60N02
RT 137k, 1%
L5 320nH/1.4m RTH1 100k, 5% NTC
C23 1nF
RLIM 150k, 1%
C17 4.7F Q15 NTD110N02
Q16 NTD110N02
05514-006
1FOR
A DESCRIPTION OF OPTIONAL COMPONENTS, SEE THE ADP3181 THEORY OF OPERATION SECTION.
ADP3110 OUTLINE DIMENSIONS
5.00 (0.1968) 4.80 (0.1890)
8 5 4
4.00 (0.1574) 3.80 (0.1497) 1
6.20 (0.2440) 5.80 (0.2284)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040) COPLANARITY SEATING 0.10 PLANE
1.75 (0.0688) 1.35 (0.0532)
0.50 (0.0196) x 45 0.25 (0.0099)
0.51 (0.0201) 0.31 (0.0122)
8 0.25 (0.0098) 0 1.27 (0.0500) 0.40 (0.0157) 0.17 (0.0067)
COMPLIANT TO JEDEC STANDARDS MS-012-AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 7. 8-Lead Standard Small Outline Package [SOIC_N] Narrow Body (R-8) Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model ADP3110KRZ1 ADP3110KRZ-RL1
1
Temperature Range 0C to 85C 0C to 85C
Package Description Standard Small Outline Package [SOIC_N] Standard Small Outline Package [SOIC_N]
Package Option R-8 R-8
Quantity per Reel N/A 2500
Z = Pb-free part.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Rev. 2 | Page 11 of 11 | www.onsemi.com


▲Up To Search▲   

 
Price & Availability of ADP3110KRZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X