Part Number Hot Search : 
PS104RS MUR4100 MC68HC7 CHUMH9PT P4040D C0402JR 5333B 3100A
Product Description
Full Text Search
 

To Download 9231291520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Europe: +49 / 7731 8399 0 USA: Asia: +1 / 508 295 0771 +852 / 2955 1682
| Email: info@meder.com | Email: salesusa@meder.com | Email: salesasia@meder.com
Item No.: 9231291520 Item: MK23-90-C-2
Magnetic properties
Conditions
Min
Typ
KMS-21
Max
Unit
Pull-In excitation (modified contact) phys. conditioned tolerance of +/- 1 AT Test-Coil Reed switch modified Pull-In in milliTesla (modified conta phys. caused tolerance +/- 0,1mT
Contact data 90
Contact-No. Contact-form Contact-material Contact rating Switching voltage Switching current Carry current Contact resistance static Contact resistance dynamic Insulation resistance Breakdown voltage Operate time, incl. bounce Release time Capacity
Conditions
Min
Typ
90 C Rhodium
Max
Unit
!" not to exceed their individual max.'s
DC or Peak AC/ with 40% overdrive DC or Peak AC/with 40% overdrive DC or Peak AC/ with 40% overdrive
%& ' ( ) & &) Start Value * % ) +% &* Start Value
#
!
$ $ ,$ ! # -.
RH <45 %, 100 V test voltage according to IEC 255-5 measured with 40% overdrive measured with no coil excitation @ 10 kHz across open switch
Modified dimensions
Remarks
Conditions Conditions
1/2 sine wave duration 11ms from 10 - 2000 Hz
Min Min
'
Typ Typ
Max Max
Unit Unit
/ / 0 0 0
to dimensions see drawing
Environmental data
Shock Vibration Ambient temperature Storage temperature Soldering temperature
wave soldering max. 5 sec.
1
Modifications in the sense of technical progress are reserved Designed at: Last Change at: 02.03.09 04.01.10 Designed by: Last Change by: AKELLER AKELLER Approval at: Approval at: 03.03.09 28.01.10 Approval by: Approval by: RKAMP RKAMP Version: 05


▲Up To Search▲   

 
Price & Availability of 9231291520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X