Part Number Hot Search : 
GL032 EL5123 AS1107 SZ4024 GL032 TC143E TS372I 7456M
Product Description
Full Text Search
 

To Download 90584-1318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0121
General Information Part Number: 76650-0121 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom Picoflex Connector Kit IDT Board-In Right Angle Receptacle Header Picoflex(R) (Molex Parts within this kit) - RoHS Compliant, UL, CSA
Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Connector Type: Mounting Orientation: Circuit Sizes: Current Rating: Voltage: Flat Cable size: Product Highlights Picoflex has a mated height of 6.40mm for vertical mating configurations, which is approximately 15% less that traditional .050" connector systems. A strong onepiece upper housing provides excellent cable retention and is ideal for small circuit size application. The high-reliability contact features a four-point interface with the cable and two points of contact between the header and receptacle. Picoflex also offers excellent polarization to both the PCB and between the female connector and header. Features and Benefits * Mates with industry standard .050" cable * Two points of contact between the header and receptacle * Tested to meet the high vibration/shock requirements of automotive and consumer electronics industries Applications * Car Radios * Televisions * Computer Peripherals * Telecommunications Wire-to-Board 1.27mm (.050") Insulation Displacement Technology Board-in Header Right Angle 4, 6, 8, 10, 12, 14, 16, 18, 20, and 26 1.2 Amps 250 Volts 28-26 AWG
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0121
Bill of Materials for Part No. 76650-0112 Country Molex Part No. of Origin 90584-1304 90584-1306 90584-1308 90584-1310 90584-1312 90584-1314 90584-1316 90584-1318 90584-1320 90584-1326 Ireland Ireland Ireland Ireland Ireland Ireland Ireland Ireland Ireland Ireland Description 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 4 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 6 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 8 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 10 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 12 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 14 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 16 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 18 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 20 Circuits 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, 26 Circuits Quantity in Kit 2 2 2 2 2 2 2 2 2 2
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 90584-1318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X