Part Number Hot Search : 
Y2274 E224K FR257 A1012 MMC2001 A5954 E224K SF4001
Product Description
Full Text Search
 

To Download 88E1121R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Marvell Alaska 88E1121R
Dual-Port Gigabit Ethernet Transceiver with Integrated Passives
PRODUCT OVERVIEW The Marvell(R) Alaska(R) 88E1121R dual-port Gigabit Ethernet (GbE) transceiver is a physical layer (PHY) device containing two independent GbE transceivers on a single monolithic IC. The transceivers implement the Ethernet PHY portion of the 1000BASE-T, 100BASE-TX, and 10BASE-T standards and are compliant with IEEE 802.3u Auto-Negotiation. It is manufactured using standard digital CMOS process and contains all the active circuitry required to implement the physical layer functions to transmit and receive data on standard CAT 5 unshielded twisted pair. The 88E1121R device supports the Reduced Gigabit Media Independent Interface (RGMII) for direct connection to a Media Access Controller (MAC)/switch port. The device also integrates Media Dependent Interface (MDI) termination resistors and capacitors into the PHY. The integration of the passives simplifies board layout and significantly reduces board cost and space by eliminating up to 24 external components. The Marvell calibrated resistor scheme will achieve and exceed the accuracy requirements of the IEEE 802.3 return loss specifications. The 88E1121R can operate with just two voltages, 1.2V for the core and 1.8V/2.5V/3.3V for I/O. It consumes only 700 mW per port and features energy detect and energy detect+TM low-power modes. It supports data terminal equipment (DTE) power function for Power over Ethernet (PoE) applications. The device also incorporates the advanced Marvell Virtual Cable Tester(R) (advanced Marvell VCTTM) feature for remote identification of potential cable malfunctions, thus reducing equipment returns and service calls. Housed in a 100-pin TQFP package and measuring only 16mm x 16mm on each side, the 88E1121R is the smallest dual-port Gigabit Ethernet PHY on the market.
Example Application: IP Phone
Example Application: DVR
APPLICATIONS The 88E1121R is ideal for IP phones and other applications requiring low power and a small footprint. In an IP phone, where board space is constrained, the integrated resistor scheme on the 88E1121R allows for shorter MDI traces and thus improved IEEE template performance. Other benefits of the integrated passives on the 88E1121R include: higher reliability with fewer components on the board, reduced board assembly time and cost, better ICT yield from the elimination of board soldering issues, and improved signal integrity and potential reduction in EMI with terminations located at the very end of the signal path. Additional applications include DVRs, game consoles, NAS appliances, and workstation or desktop PCs. The 88E1121R is a drop-in replacement for the 88E1121 PHY and can be used to upgrade existing designs without the need to re-spin the board.
Fig 1. 88E1121R Application Diagram
Marvell Alaska 88E1121R
SPECIAL FEATURES
* Supports RGMII interface * Four RGMII timing modes * Integrated MDI interface termination resistors and capacitors * Energy detect and energy detect+ low-power modes * Coma mode support * "Downshift" mode for two-pair cable installations * Automatic MDI/MDIX crossover at all speeds of operation * Automatic polarity correction * Line and system loopback modes and packet generator * IEEE 802.3u compliant Auto-Negotiation * Software programmable LED modes including LED testing * Supports IEEE 1149.1 JTAG * MDC/MDIO management interface * Advanced Marvell Virtual Cable Tester (advanced Marvell VCTTM)
BENEFITS
* Significantly reduces pin count on board design * Eliminates the need for on-board delay lines * Reduces board space and BOM cost, improves signal integrity, improves reliability resulting in overall system cost * Reduces power consumption and extends battery life * Flexible power-down functionality * Compatible with legacy cables/applications. Preserves the Ethernet link should the quality deteriorate in four-pair cables * Eases installation and reduces costs by working with both straight and cross-over cables * Compensates for wiring problems * Enables testing and debugging in stand-alone mode * Automatically configures to 10, 100, or 1000 Mbps operation * Allows for a user-defined LED configuration * Simplifies board level testing/debugging * Provides flexible management options * Identifies and isolates cable faults
BLOCK DIAGRAM
Fig 2. 88E1121R Functional Block Diagram of Single Port
THE MARVELL ADVANTAGE: Marvell products come with complete reference designs which include board layout designs, software, manufacturing diagnostic tools, documentation, and other items to assist customers with product evaluation and production. Marvell's worldwide field application engineers collaborate closely with end customers to develop and deliver new leading-edge products for quick time-to-market. Marvell utilizes worldleading semiconductor foundry and packaging services to reliably deliver high-volume and low-cost total solutions. ABOUT MARVELL: Marvell is the leader in storage, communications and consumer silicon solutions. Marvell's diverse product portfolio includes switching, transceiver, communications controller, processors, wireless, power management and storage solutions that power the entire communications infrastructure, including enterprise, metro, home, storage, and digital entertainment solutions. For more information, visit our website at www.marvell.com.
Marvell Semiconductor, Inc. 5488 Marvell Lane Santa Clara, CA 95054 Phone 408.222.2500 www.marvell.com
Copyright (c) 2007. Marvell International Ltd. All rights reserved. Marvell, the Marvell logo, Moving Forward Faster, Alaska, Datacom Systems on Silicon, Fastwriter, Libertas, Link Street, NetGX, PHYAdvantage, Prestera, Raising The Technology Bar, The Technology Within, Virtual Cable Tester, and Yukon are registered trademarks of Marvell. Marvell Makes It All Possible, Ants, AnyVoltage, Discovery, DSP Switcher, Feroceon, GalNet, GalTis, Horizon, RADLAN, UniMAC, and VCT are trademarks of Marvell. All other trademarks are the property of their respective owners. 88E1121R-001 4/07


▲Up To Search▲   

 
Price & Availability of 88E1121R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X