Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
 

To Download 822LY-100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Type Fixed Inductors
8RHB2
Inductance Range: 1.0~1000H
DIMENSIONS
FEATURES
* Ideal as a choke coil for noise filtering and DC-DC convertor application.
8.5Max. 11.0Max. 5.0
Note: Taped form is type 8RHT2 spec. Available with or without heat shrunk plastic housing.
* RoHS compliant.
5.0
*
0.61
DCTYPE 8RHT2
(Unit: mm)
DC * RoHS ()
SELECTION GUIDE FOR STANDARD COILS TYPE 8RHB2
(1) (4) (2) (3)(5)
TOKO Part Number #822LY-1R0M #822LY-1R5M #822LY-2R2M #822LY-3R3M #822LY-4R7M #822LY-6R8M #822LY-100K #822LY-120K #822LY-150K #822LY-180K #822LY-220K #822LY-270K #822LY-330K #822LY-390K #822LY-470K #822LY-560K #822LY-680K #822LY-820K #822LY-101K #822LY-121K #822LY-151K #822LY-181K #822LY-221K #822LY-271K #822LY-331K #822LY-391K #822LY-471K #822LY-561K #822LY-681K #822LY-821K #822LY-102K
Inductance (H) 1.0 1.5 2.2 3.3 4.7 6.8 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0
(1)
Tolerance (%) 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
DC (4) Resistance () Max. 0.013 0.016 0.021 0.025 0.030 0.035 0.045 0.050 0.056 0.061 0.070 0.080 0.090 0.10 0.17 0.20 0.22 0.25 0.28 0.32 0.54 0.60 0.68 0.80 0.90 1.20 1.37 1.53 2.00 2.70 2.96 (1) (2) 10 20 ) () (3) (4) (5) LCR 1.0kHz
Rated DC (2) Current (A) Max. 3.71 3.32 3.15 2.66 2.27 2.10 1.96 1.82 1.75 1.54 1.29 1.22 1.17 1.14 0.79 0.76 0.70 0.67 0.58 0.56 0.42 0.40 0.38 0.35 0.33 0.28 0.25 0.23 0.21 0.18 0.16
Self-resonant (3) (5) Frequency (MHz) Min. 150 130 100 79 51 29 14 13 12 11 9.2 8.5 7.8 6.9 6.5 5.4 4.9 4.1 3.7 3.4 3.2 2.8 2.7 2.4 2.3 2.1 1.9 1.8 1.6 1.5 1.3
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 1.0 kHz (2) Rated DC current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 20C, whichever is smaller. (Reference ambient temperature 20C) (3) Self-resonant frequency is measured with a network analyzer model MS560J(Anritsu), or equivalent. (4) DC resistance is measured with a digital multimeter TR6871 (Advantest) or equivalent. (5) Self-resonant frequency is for reference only.
4284A(Agilent Technologies)
(
20
MS560J(Anritsu) TR6871(Advantest)


▲Up To Search▲   

 
Price & Availability of 822LY-100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X