Part Number Hot Search : 
BA4905 CT374 MIC2779 2SA1774G ICM7361 R2001 PD7M440 72968
Product Description
Full Text Search
 

To Download 311HW019XM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Shield Termination Backshell with Shrink Boot Porch and Self-Locking Rotatable Coupling
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight T - 45 Elbow W - 90 Elbow Product Series 311 - EMI/RFI Lamp Base Thread w/ Shrink Boot Porch
311-019 Composite Lamp Base Thread
Composite Backshells
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Finish Symbol (See Table III) Cable Entry (See Table IV)
SELF-LOCKING
Basic Part Number
B
ROTATABLE COUPLING STANDARD PROFILE
311
H
S
019
XM
15
03
T
Shrink Boot (Omit for None)
Connector Designator A, F and H
Connector Shell Size (See Table II)
C
O-Ring Typ (Except Connector Deisgnator 'A') A Thread Typ
1.25 Max .140/.130 Typ
D
Flutes or Hex Mfr. Option - Typ F
K Typ
L Typ
Shrink Sleeve or Boot Groove - Typ
E
E
H
J
F
G Raised Configuration (Mfr. Option) Typ
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-6
EMI/RFI Shield Termination Backshell with Shrink Boot Porch and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .06 0.69 (17.5) 0.75 (19.1) 0.81 (20.6) 0.88 (22.4) 0.94 (23.9) 0.97 (24.6) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) F .09 0.88 (22.4) 1.00 (25.4) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.63 (41.4) 1.75 (44.5) 1.88 (47.8) G .09 1.19 (30.2) 1.25 (31.8) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.47 (37.3) 1.56 (39.6) 1.63 (41.4) 1.69 (42.9) H .06 0.72 (18.3) 0.75 (19.1) 0.75 (19.1) 0.76 (19.3) 0.78 (19.8) 0.79 (20.1) 0.82 (20.8) 0.86 (21.8) 0.89 (22.6) J .09 1.00 (25.4) 1.06 (26.9) 1.13 (28.7) 1.16 (29.5) 1.18 (30.0) 1.19 (30.2) 1.22 (31.0) 1.26 (32.0) 1.29 (32.8) Max Dash Number (Table II) 02 03 04 05 06 07 08 09 10
TABLE IV: ENTRY DIAMETER
Dash Number 01 02 03 04 05 06 07 08 09 10 11 K Entry .03 .13 (3.3) .25 (6.4) .38 (9.7) .50 (12.7) .63 (16.0) .75 (19.1) .81 (20.6) .94 (23.9) 1.06 (26.9) 1.19 (30.2) 1.38 (35.1) L .06 .45 (11.4) .52 (13.2) .64 (16.3) .77 (19.6) .92 (23.4) 1.02 (25.9) 1.14 (29.0) 1.27 (32.3) 1.43 (36.3) 1.52 (38.6) 1.64 (41.7) XMT Symbol XM
TABLE III: FINISH
Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
XW
NOTES
1. 2. 3. See Table I in Intro for front-end dimensional details. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Coupling nut supplied unplated.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-7
Composite Backshells
311-019 Composite Lamp Base Thread
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 311HW019XM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X