Part Number Hot Search : 
1N6303L RF2908 PN4416A M5227 F4585 B5470 FDB8878 TLP350
Product Description
Full Text Search
 

To Download 2SC3482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3482
DESCRIPTION *High Breakdown Voltage: VCBO= 1500V (Min) *High Switching Speed *High Reliability *Built-in Damper Diode
APPLICATIONS *Designed for high definition CRT display horizontal deflection output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
w w
scs .i w
VALUE UNIT 1500 V 800 V 7 V 6 A 16 A 120 W
.cn mi e
IC
Collector Current- Continuous
ICP
Collector Current-Pulse
PC
Collector Power Dissipation @ TC=25
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3482
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; RBE=
800
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 5mA; IE= 0
1500
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 200mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.2A
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 800V; IE= 0
IEBO
Emitter Cutoff Current
hFE
DC Current Gain
VECF
C-E Diode Forward Voltage
fT
Current-Gain--Bandwidth Product
w w
scs .i w
IF= 6A
VEB= 4V; IC= 0
IC= 1A; VCE= 5V
.cn mi e
40 8 3
10
A
130
mA
2.0
V
IC= 1A; VCE= 10V
MHz
tstg
Storage Time IC= 5A, IB1= 1A; IB2= -2A; RL= 40; VCC= 200V
3.0
s
tf
Fall Time
0.3
s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC3482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X