Part Number Hot Search : 
2SC1317 KE325 RD20JS 20KTD27 BPC350 5KP78C BDR2G R2010
Product Description
Full Text Search
 

To Download 2SC1212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1212 2SC1212A
DESCRIPTION *With TO-126 package *Complement to type 2SA743/743A APPLICATIONS *For low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25? )
SYMBOL PARAMETER 2SC1212 VCBO Collector-base voltage 2SC1212A 2SC1212 VCEO Collector- emitter voltage 2SC1212A VEBO IC Emitter-base voltage Collector current Ta=25? PD Total power dissipation TC=25? Tj Tstg Junction temperature Storage temperature 8 150 -55~ +150 ? ? Open collector Open base 80 4 1 0.75 W V A Open emitter 80 50 V CONDITIONS VALUE 50 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25? unless otherwise specified SYMBOL PARAMETER 2SC1212 V(BR)CEO Collector-emitter breakdown voltage 2SC1212A 2SC1212 V(BR)CBO Collector-base breakdown voltage 2SC1212A V(BR)EBO VCEsat VBE ICBO hFE-1 hFE-2 fT Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current DC current gain DC current gain Transition frequency IE=1mA ;IC=0 IC=1A ;IB=0.1A IC=50mA ; VCE=4V VCB=50V; IE=0 IC=50mA ; VCE=4V IC=1A ; VCE=4V IC=30mA ; VCE=4V IC=1mA ;IE=0 IC=10mA ;RBE=8 CONDITIONS
2SC1212 2SC1212A
MIN 50
TYP.
MAX
UNIT
V 80 50 V 80 4 1.5 1.0 5 60 20 160 MHz 200 V V V A
u
hFE-1 Classifications B 60-120 C 100-200
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1212 2SC1212A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1212 2SC1212A
4


▲Up To Search▲   

 
Price & Availability of 2SC1212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X