Part Number Hot Search : 
74HC37 3110LO50 L7812 ADE324 SD340YS L7812 2160B L7812
Product Description
Full Text Search
 

To Download 2SA1386A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1386 2SA1386A
DESCRIPTION *With TO-3PN package *Complement to type 2SC3519/3519A APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL PARAMETER 2SA1386 VCBO Collector-base voltage 2SA1386A 2SA1386 VCEO Collector-emitter voltage 2SA1386A VEBO IC IB PC Tj Tstg Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -180 -5 -15 -4 130 150 -55~150 V A A W Open emitter -180 -160 V CONDITIONS VALUE -160 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SA1386 IC=-25mA ;IB=0 2SA1386A IC=-5A; IB=-0.5A VCB=-160V; IE=0 CONDITIONS SYMBOL
2SA1386 2SA1386A
MIN -160
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -180 -2.0 V
VCEsat
Collector-emitter saturation voltage 2SA1386 2SA1386A
ICBO
Collector cut-off Current
-100 VCB=-180V; IE=0 VEB=-5V; IC=0 IC=-5A ; VCE=-4V IE=0 ; VCB=10V;f=1MHz IC=-2A ; VCE=-12V 50 500 40 -100 180
A
IEBO hFE Cob fT
Emitter cut-off current DC current gain Output capacitance Transition frequency
A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A;RL=4C IB1=-IB2=-1A VCC=40V 0.30 0.70 0.20 s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1386 2SA1386A
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1386 2SA1386A
4


▲Up To Search▲   

 
Price & Availability of 2SA1386A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X