Part Number Hot Search : 
2SC460 RW7S0 DWR2G SMM0207 LPRG253 74ALS1 SF104C 24010
Product Description
Full Text Search
 

To Download 262LY-101K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Type Fixed Inductors
8RBS
Inductance Range: 0.1~15mH
DIMENSIONS
8.3Max. 6.2Max. 2.3
5.0
0.7
(Unit: mm)
FEATURES
* Ideal as a choke or a trap coil for low profile equipment. * Entire winding core is encapsulated in heat shrunk plastic housing to provide mechanical and environmental protection. * RoHS compliant. * * * RoHS
SELECTION GUIDE FOR STANDARD COILS TYPE 8RBS
(1) (2) (2)
Q Tolerance (%) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5, 10 5, 10 5, 10
(2) (2)
(3)
(4)
TOKO Part (1) Number #262LY-101K #262LY-121K #262LY-151K #262LY-181K #262LY-221K #262LY-271K #262LY-331K #262LY-391K #262LY-471K #262LY-561K #262LY-681K #262LY-821K #262LY-102K #262LY-122K #262LY-152K #262LY-182K #262LY-222K #262LY-272K #262LY-332K #262LY-392K #262LY-472K #262LY-562K #262LY-682K #262LY-822K #262LY-103( ) #262LY-123( ) #262LY-153( )
Inductance (mH) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0
Q Min. 60 60 60 60 60 60 60 60 60 60 60 60 80 80 80 80 80 80 80 80 80 80 80 80 60 60 60
Test Frequency (kHz) 796 796 796 796 796 796 796 796 796 796 796 796 252 252 252 252 252 252 252 252 252 252 252 252 79.6 79.6 79.6 (1) ( ) J (2) Q (3) 1kHz (4)
DC Resistance () Max. 2.0 3.0 3.0 3.0 3.0 3.0 4.0 4.0 5.0 6.0 6.0 7.0 9.0 9.0 11.0 12.0 14.0 15.0 25.0 30.0 32.0 36.0 40.0 45.0 55.0 65.0 80.0
Rated DC (3) Current (mA) Max. 200 200 200 200 150 150 150 100 100 100 100 50 50 50 50 50 50 50 40 40 40 30 30 30 20 20 20
Self-resonant (4) Frequency (MHz) Min. 6.1 5.5 5.0 4.7 4.5 4.1 3.8 3.5 3.2 2.9 2.7 2.3 2.1 1.9 1.8 1.6 1.5 1.4 0.9 0.9 0.8 0.7 0.7 0.6 0.6 0.5 0.5
(1) Add the tolerance code of Inductance to within the ( ) of the Part Number as follows: J= 5%, K= 10%. (2) Q and Inductance are measured with a Q meter YHP-4343B or equivalent. (3) Rated DC current is that at which the inductance value decreases by 10% by the excitation with DC current, measured at 1kHz with a universal bridge or equivalent. (4) Self-resonant frequency is for reference only.
5
K
10 YHP-4343B
Q 10


▲Up To Search▲   

 
Price & Availability of 262LY-101K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X