Part Number Hot Search : 
12V28 S5225M 81007 LI630A 5KE110A VT8225 003LF 003LF
Product Description
Full Text Search
 

To Download 246DH4LP11000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3,15'' x 3,15'' x 0,984''
80 x 80 x 25 mm
246D
L, M, H speeds
DC Axial Fans
Series
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 88 g Bearing system: ball bearings
Available with:
- Variable speed - Speed sensor - Alarm - IP54 / IP55
Airflow: CFM
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
246DL
Static pressure: mmH2O
246DM
246DH
Static pressure: InH2O
Airflow: l/s
Part Number
246DL5LP11000 246DL1LP11000 246DL2LP11000 246DL4LP11000 246DM5LP11000 246DM1LP11000 246DM2LP11000 246DM4LP11000 246DH5LP11000 246DH1LP11000 246DH2LP11000 246DH4LP11000
Nominal voltage
V
Airflow
l/s
Noise level
dB(A)
Nominal speed Input Power
RPM W
Voltage range
V
Connection type Operating temperature
Leads Terminals Min.C Max.C
5 12 24 48 5 12 24 48 5 12 24 48
13,2 13,2 13,2 13,2 14,8 14,8 14,8 14,8 16,7 16,7 16,7 16,7
25 25 25 25 28 28 28 28 31 31 31 31
2400 2400 2400 2400 2700 2700 2700 2700 3000 3000 3000 3000
1,2 1,1 1,1 2,4 1,7 1,4 1,4 2,9 2,2 1,9 1,7 3,4
(4,5-5,5) (7-13,8) (14-27,6) (38-56) (4,5-5,5) (7-13,8) (14-27,6) (38-56) (4,5-5,5) (7-13,8) (14-27,6) (38-56)
X X X X X X X X X X X X
-10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10
70 70 70 70 70 70 70 70 70 70 70 70
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008


▲Up To Search▲   

 
Price & Availability of 246DH4LP11000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X