Part Number Hot Search : 
MY85C SM4934 CM162 EA09922 APTC60HM APTC60HM BA4413 78200
Product Description
Full Text Search
 

To Download 1SS196 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
1SS196
SOT-23 SWITCHING DIODE
FEATURES
* Power dissipation PD: 150 mW(Tamb=25OC) * Forward current IF: 100 mA * Reverse voltage VR: 80 V * Operating and storage junction temperature range TJ,Tstg: -55OCto+150OC
SOT-23
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
0.055(1.40) 0.047(1.20)
0.006(0.15) 0.003(0.08) 0.020(0.50) 0.012(0.30)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.020(0.50) 0.012(0.30)
0.100(2.55) 0.089(2.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
0.019(2.00) 0.071(1.80)
1
0.118(3.00)
3 0.110(2.80) 2
Dimensions in inches and (millimeters) ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Reverse Breakdown Voltage (IR=100A) Reverse voltage leakage current (VR=80V) Forward voltage (IF=100mA) Diode capacitance (VR=0V,f=1MHz) Reverse recovery time SYMBOL V(BR) IR VF CD trr MIN. 80 TYP. MAX. 0.5 1.2 4 4 UNITS V A V pF ns 2006-3
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of 1SS196

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X