Part Number Hot Search : 
63AYA6A MUPTB10 A1360 5KP28A MBR16100 MTD9N10D HCT08 NB6L56
Product Description
Full Text Search
 

To Download 1N4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4150
FEATURES :
* High switching speed: max. 4 ns * Continuous reverse voltage:max. 50 V * Repetitive peak reverse voltage:max. 75 V * Repetitive peak forward current: max. 600 mA * Pb / RoHS Free
HIGH SPEED SWITCHING DIODE
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g
0.020 (0.52)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Maximum Repetitive Peak Reverse Voltage Maximum Continuous Reverse Voltage Maximum Continuous Forward Current Maximum Power Dissipation Maximum Repetitive Peak Forward Current Maximum Surge Forward Current at t = 1s , Tj = 25C Maximum Junction Temperature Storage Temperature Range
25 C ambient temperature unless otherwise specified.)
Symbol
VRRM VRM IF PD IFRM IFSM TJ TS
Value
75 50 200 500 600 0.5 200 -65 to + 200
Unit
V V mA mW mA A C C
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Current Forward Voltage Diode Capacitance
Symbol
IR
Test Condition
VR = 50 V VR = 50 V , Tj = 150 C IF = 100 mA IF = 200 mA f = 1MHz ; VR = 0 IF = 10 mA to 200 mA to IR = 10 mA to 200 mA; RL = 100 ; measured at IR = 0.1x IF
Min. -
Typ. -
Max. 0.1 100 0.92 1.0 2.5
Unit A A V pF
VF Cd
Reverse Recovery Time
Trr
-
-
4
ns
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 1N4150 )
FIG. 1 MAXIMUM FORWARD CURRENT VERSUS AMBIENT TEMPERATURE FIG. 2 TYPICAL FORWARD VOLTAGE
400
1000
CONTINUOUS CURRENT, IF (mA)
300
Forward Current , IF (mA)
100
10
200
1
TJ = 25C
100
0.1
0 0 100 200
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Ambient Temperature , Ta (C)
Forward Voltage , VF (V)
FIG. 3 TYPICAL DIODE CAPACITANCE AS A FUNCTION OF REVERSE VOLTAGE
1.2
1.0
Diode Capacitance , Cd (pF)
0.9 0.8
0.7 f = 1MHz; 0.6 TJ = 25C
0.5
0.4 0 10 20
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X