Part Number Hot Search : 
1N5352 ELT3021 RF71151 5DRWBZH BFL2805H 1206L SP13T LTC3526L
Product Description
Full Text Search
 

To Download 1N4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1N4150 THRU 1N4448
HIGH SPEED SWITCHING DIODES
VOLTAGE50-100V CURRENT0.15 to 0.2 A
FEATURES
*Silicon epitaxial planar diodes *Low power loss, high efficiency *Low lekage *Low forward voltagh *High speed switching *High current capability *High reliability
DO-35
25.0MIN. L 25.0MIN.
0.52 2.0MAX. L: DO-34 DO-35 2.9 4.2
MECHANICAL DATA
*Case:Glass sealed case *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Color band denotes cathode end *Mounting position: Any *Weight: 0.13 gram
MAX. MAX.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum power dissipation tamb=25C Maximum Forward Voltage Maximum reverse current Maximum reverse recovery time Maximum junction capacitance Notes: VRRM Ptot VF IR trr CJ 1N4150 50 500 1.0/200 100/50 4.0 1N4151 75 500 1.0/50 50/50 2.0 4.0 1N4448 100 500 1.0/100 5000/75 4.0
units
V mW V/mA nA/V nS pF
1-1N914A,1N914B is same as 1N914, except different forward voltage|: 1N914A-1.0/20 V/mA 1N914B-1.0/100 V/mA 2.Suffix "M" stands for "DO-34" package. (e.g.:1N4148M)
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 1N4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X