Part Number Hot Search : 
MAX9546 DAP222WM MMBT4401 95310 A5800723 95310 74HCT42N ML120
Product Description
Full Text Search
 

To Download 17-21SURC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0805 Package Chip LED (1.0m Height)
17-21SURC/S530-XX/TR8
Features
Package in 8mm tape on 7diameter reel. Compatible with automatic placement equipment. Compatible with infrared and vapor phase reflow solder process. Mono-color type. Pb-free. The product itself will remain with in RoHS complaint version
Descriptions
The 17-21 SMD Taping is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. Besides, lightweight makes them ideal for miniature applications. etc.
Applications
Backlighting in dashboard and switch. Telecommunication: indicator and backlighting in telephone and fax. Flat backlight for LCD, switch and symbol. General use.
Device Selection Guide
Part No. 17-21SURC/S530-XX/TR8 Chip Material AlGaInP Emitted Color Brilliant Red Resin Color Water Clear
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 1 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Package Outline Dimensions
-
+
1.05
Note: The tolerances unless mentioned is 0.1mm
,Unit = mm
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 2 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Absolute Maximum Ratings (Ta=25)
Parameter Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge(HBM) Operating Temperature Storage Temperature Soldering Temperature Symbol VR IF IFP Pd ESD Topr Tstg Tsol Rating 5 25 60 60 2000 -40 ~ +85 -40 ~ +90 Unit V mA mA mW V
Reflow Soldering:260 for 10 sec Hand Soldering:350 for 3 sec
Electro-Optical Characteristics (Ta=25)
Parameter Symbol *Chip Rank Min. Typ. Max. Unit Condition
Luminous Intensity
Iv
A2 A3 A4 A5 A6 -------------------------
15 40 50 60 85 -------------------------
38 60 75 90 123 140 632 624 20 2.0 -----
------------------------------------2.4 10
mcd
Viewing Angle Peak Wavelength
Dominant Wavelength
21/2 p d VF IR
deg nm nm nm V A
IF=20 mA
Spectrum Radiation Bandwidth Forward Voltage
Reverse Current
VR=5V
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 3 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Typical Electro-Optical Characteristics Curves
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 4 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Label explanation
CAT: Luminous Intensity Rank HUE: Dom. Wavelength Rank REF: Forward Voltage Rank
xxxxxx xxxxxx
RoHS
xxxxxxxxxxxx xxxx xxxxxxxx
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 5 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 6 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
No. 1
Items Reflow Soldering
Test Condition Temp. : 2605 Min. 5sec. H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min Temp. : 100 Temp. : -40 IF = 20 mA 85/ 85%RH
Test Sample Hours/Cycles Size 6 Min. 300 Cycles 22 PCS.
Ac/Re 0/1
2
Temperature Cycle
22 PCS.
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
300 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
22 PCS.
0/1
4 5 6 7
22 PCS. 22 PCS. 22 PCS. 22 PCS.
0/1 0/1 0/1 0/1
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 7 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 After opening the package: The LED's floor life is 1 year under 30or less and 60% RH orless. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 8 of 9
Prepared by: Zhouhua
EVERLIGHT ELECTRONICS CO.,LTD.
17-21SURC/S530-XX/TR8
4. Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder.
5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device No:SZDSE-171-019
http://www.everlight.com Prepared date: 27-Oct-2007
Rev. 2
Page: 9 of 9
Prepared by: Zhouhua


▲Up To Search▲   

 
Price & Availability of 17-21SURC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X