Part Number Hot Search : 
C85FDAAA EGF10A C3306 MCR100 TMP90 IRF9640 T8251AH 25DF161
Product Description
Full Text Search
 

To Download 16ST90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 BASE ETHERNET COUPLING TRANSFORMER P/N: 16ST90
A. GENERAL SPECIFICATION: 1. LOW PROFILE PACKAGE 16 PIN DIL PACKAGE TO MEET IEEE802.3 & 10-BASE T SPECIFICATION. 2. LOW LEAKAGE INDUCTANCE AND WINDING CAPACITANCES FOR FEST RISE TIME. 3. HIGH ISOLATION VOLTAGES TO COMPLY WITH INTERNATION SAFETY REQUIREMENTS FOR LAN. 4. OPERATTING TEMP RANGE: 0C TO +70C. 5. STORAGE TEMP RANGE: -25C TO 125C 6. B. ELECTRICAL SPECIFICATIONS: 1. Turn Ratio: 1:1 5%. 2. OCL: 67uH - 110 uH @ 5mV-10KHZ. 3. LL: 0.25 uH MAX 140 KHZ. 4. Cw/w: 10 Pf MAX 140 KHZ. 5. DCR: 0.3 MAX. 6. HI-POT: 2000 VRMS (EACH PRI - SEC ONLY) 7. Rise Time: 3.0 MAX. C: SCHEMATIC&MECHANICAL&MARKING:
Dimension: mm 0.25.
PrepareAlexander Wu Drawing No16ST90
ApprovalBen Hsu Rev0
Date2000/05/11 Page1/1


▲Up To Search▲   

 
Price & Availability of 16ST90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X