Part Number Hot Search : 
BTB10 WFP840B LT8302 MAX6607 GD10NC60 C3190 MLL969B MA8630
Product Description
Full Text Search
 

To Download 0851-0-15-20-82-14-11-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR E CI
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
M
ON S I CHI A
PINS
NED
0850
MID STROKE
.045
Specifications for #0850-0:
Material:
.090
MAX STROKE
.050 DIA. .095 DIA. .153 DIA.
.030
- Sleeve & Plunger Material: Copper Alloy - Spring Material: Stainless Steel 302.
.395
Mechanical Characteristics:
- Force @ mid-stroke (.045") = 120 grams - Maximum stroke length = .090" - Mechanical life: 1,000,000 cycles
.304
.087 DIA.
.204
Electrical Characteristics:
0850-0-15-20-83-14-11-0
Power Spring Pin Solder Mount in .090 min. mounting hole
- Rated Current (Free air): Continuous 9 amps @ 10 C temperature rise.
0851
MID STROKE
.045
Specifications for #0851-0:
Material:
.090
MAX STROKE
.050 DIA.
- Sleeve & Plunger Material: Copper Alloy - Spring Material: Stainless Steel 302.
.095 DIA.
.265
Mechanical Characteristics:
.378
.153 DIA. .087 DIA.
.030 .092
- Force @ mid-stroke (.045") = 120 grams - Maximum stroke length = .090" - Mechanical life: 1,000,000 cycles
Electrical Characteristics:
0851-0-15-20-82-14-11-0
Power Spring Pin Solder Mount in .090 min. mounting hole
- Rated Current (Free air): Continuous 9 amps @ 10 C temperature rise.
ORDER CODE: 085X - X - 15 - 20 - 8X - 14 - 11 - 0
Spring Number
MATERIAL SPECIFICATIONS:
SLEEVE & PLUNGER MATERIAL: Copper Alloy SPRING MATERIAL: Stainless Steel 302 SLEEVE & PLUNGER FINISH: 20 " Gold over Nickel SPRING FINISH: 10 ' Gold over Nickel DIMENSION IN INCHES: TOLERANCES ON: LENGTHS: .006 DIAMETERS: .002 ANGLES: 2
MECHANICAL & ELECTRICAL SPECIFICATIONS:
DURABILITY: 1,000,000 cycles Rated Current (Free air): Continuous 9 amps @ 10 C temperature rise CONTACT RESISTANCE: 20 m max. SPRING NUMBER Mid. STROKE Max. STROKE FORCE @ Mid. Stroke Initial Force (Pre-load)
2002/95/EC
RoHS
82 83
.045 .045
.090 .090
120 g 120 g
25 g 25 g
82 & 83 Springs are not Interchangeable
w w w. m i l l - m a x . c o m
17.2
516-922-6000


▲Up To Search▲   

 
Price & Availability of 0851-0-15-20-82-14-11-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X