Part Number Hot Search : 
74HCT86 5KP110CA RKS150KK 2N2712 OZ960S W7NK90Z B25667 N5392
Product Description
Full Text Search
 

To Download TMR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radial Ceramic Monolithic Capacitor TMR Series
Radial Ceramic Monolithic Capacitor Features
* Superior moisture and shock resistant epoxy coating * Available in bulk, tape& reel, or ammo package * RoHS compliant
Dimensions (in mm)
Size S M
Pitch Code A B A B
Lead Spacing (F) 2.540.25 5.080.5 2.540.25 5.080.5
W Max. 3.81 5.08
H Max. 3.81 5.08
T Max. 2.54
Lead Diameter (dO)
Lead Length (L) 6.00.5 or 16.01.0
0.50.05 3.00
Capacitance Range Chart and Size Code
Temp. Coefficiency Rated Voltage Cap. Cap. Code 10 pf 100 15 pf 150 18 pf 180 20 pf 200 22 pf 220 24 pf 240 27 pf 270 30 pf 300 33 pf 330 39 pf 390 47 pf 470 56 pf 560 68 pf 680 82 pf 820 100 pf 101 NPO 50 S S S S S S S S S S S S S S S 100 S S S S S S S S S S S S S S S 200 M M M M M M M M M M M M M M M 50 X7R 100 200 50 Y5V 100 Z5U 50
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AJ 2008-03-13 Page 1 of 5
Radial Ceramic Monolithic Capacitor TMR Series
Temp. Coefficiency Rated Voltage Cap. Cap. Code 120 pf 121 150 pf 151 180 pf 181 220 pf 221 270 pf 271 330 pf 331 390 pf 391 470 pf 471 560 pf 561 620 pf 621 0.001 f 102 0.0012 f 122 0.0015 f 152 0.0018 f 182 0.0022 f 222 0.0027 f 272 0.0033 f 332 0.0039 f 392 0.0047 f 472 0.0056 f 562 0.0068 f 682 0.0082 f 822 0.01 f 103 0.012 f 123 0.015 f 153 0.022 f 223 0.027 f 273 0.033 f 333 0.039 f 393 0.047 f 473 0.056 f 563 0.068 f 683 0.082 f 823 0.1 f 104 0.15 f 154 0.18 f 184 0.22 f 224 0.33 f 334 0.47 f 474 0.68 f 684 1 f 105 2.2 f 225 10 f 106 NPO 50 S S S S S S S S S S S M M M M M M M M M M M M 100 S S S S S S S S S S S M M M M M M M M M M M M 200 M M M M M M M M M M M M M M M M M M 50 X7R 100 200 50 Y5V 100 Z5U 50
S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S M M M M M M
S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S M M M M M M
M M M M M M M M M M M M M M M M M M
S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S S
S S S S S S S S S S S S S S S S S S S S S S S S S S S S
S S S S S S S S S S S S S S S S S S M M M
Note: 1. High capacitance is available upon request. 2. Z5U is phasing out and replaced by X7R.
Rev. A/AJ 2008-03-13 www.taitroncomponents.com Page 2 of 5
Radial Ceramic Monolithic Capacitor TMR Series
Temprature Specification
TC
NPO X7R Y5V Z5U
Operation Temperature Range( C) -55 to +125 -55 to +125 -30 to +85 +10 to+85
Max. Dissipation Factor (%) 0.1 2.5 5.0 4.0
Temperature Characteristics 030ppm/ C 15%C +22% to -82%C +22% to -82%C
Standard Capacitance Tolerance J:5% K:10% Z:+80% / -20% M:20%, Z:+80% / -20%
Note: Other Tolerance is available per request
Packing Information (Unit:mm)
Tape: Reel:
Ammo:
Bulk:
Packing Bulk Tape & Ammo Tape & Reel
QTY 1000 pcs/Bag 2000 pcs/Box 4000 pcs/Reel
Standard Lead Length (mm) 6 16 16
Rev. A/AJ 2008-03-13 www.taitroncomponents.com Page 3 of 5
Radial Ceramic Monolithic Capacitor TMR Series
How to order: TMR S 152 K 50 X7R A - xx - TR30
Packing Code
TR30: Tape & Reel in 13'' with RoHS AR: Ammo Pack with RoHS BL: Bulk Pack with RoHS
Factory Location Code Pitch Code
A: 0.1" B: 0.2"
Temperature Coefficiency
X7R: X7R NPO: NPO
Rated Voltage
50: 50VDC
Tolerance Code
J: 5% K: 10% M: 20%
Capacitance Value
Example: 2 152=15x10 pF=1.5F
Size Code (WxHxTxd)
S: 3.8x3.8x2.5x0.5 (mm) M: 5.0x5.0x3.0x0.5 (mm)
Series Number
TMR: Taitron Radial Ceramic Monolithic Capacitor
Rev. A/AJ 2008-03-13 www.taitroncomponents.com Page 4 of 5
Radial Ceramic Monolithic Capacitor TMR Series
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AJ 2008-03-13 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of TMR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X