Part Number Hot Search : 
MB96350 2J224 DS142 LTC421 SCS717F E9300A GBPC1201 21M10
Product Description
Full Text Search
 

To Download TCTOAL0E105M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO Series AL Case
Features (AL) 1) Conductive polymer used for the cathode material. 2) Ultra low ESR 3) Small package, but big capacitance 4) Screening by thermal shock Dimensions (Unit : mm)
Anode mark
(Unit : mm)
H W1
Dimensions L W1 W2
W2
AL case 3.2 + 0.2 - 1.6 + 0.2 - 1.2 + 0.2 - 1.1 + 0.1 - 0.8 + 0.2 -
L
H S
S
S
Part No. Explanation
TCTO
1
AL
2
0
3
J
4
7
4
6
M
5
8R
6
1 Series name
TCTO
4 Nominal capacitance Nominal capacitance in pF in 3 digits: 2 significant figures followed by the figure representing the number of 0's. 5 Capacitance tolerance
2 Case style
AL
3 Rated voltage
Rated voltage (V) CODE 2.5 4 6.3 10 0E 0G 0J 1A
M : + 20% -
6 Taping
8 : Tape width R : Positive electrode on the side opposite to sprocket hole
This specification has possibility of charge, due to underdevelopment product. Please ask for latest specification to our sales.
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
1/5
2009.04 - Rev.B
TCTO Series AL Case
Rated table
Rated voltage (V) (F) 1.0 (105) 2.2 (225) 3.3 (335) 4.7 (475) 6.8 (685) 10 (106) 15 (156) 22 (226) 33 (336) 47 (476) 68 (686) 100 (107) 150 (157) 220 (227) AL AL AL AL AL AL 2.5 0E 4 0G 6.3 0J 10 1A
Data Sheet
AL
AL

AL
Under development
Remark) Case size codes (AL) in the above show products line-up.
Marking
The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of AL case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code e g j A Rated DC Voltage (V) 2.5 4 6.3 10 Capacitance Code A E J N S W a e j n s w a Nominal Capacitance (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100
[AL case]
note 1)
j s -- (1) (2)
js
manufacture code
note 2) voltage code and capacitance code are variable with parts number
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
2/5
2009.04 - Rev.B
TCTO Series AL Case
Characteristics
Item Operating Temperature
Maximum operating temperature with no voltage derating
Data Sheet
Performance -55C to +105C +85C 2.5 4 6.3 10 1.6 2.5 4 6.3 3.2 5.0 8 13 Shall be satisfied the voltage on " Standard list "
Test conditions (based on JIS C 5101-1 and JIS C 5101-3) Voltage reduction when temperature exceeds +85C
Rated voltage (VDC) Category voltage (VDC) Surge voltage (VDC) DC Leakage current
at 85C at 105C at 85C As per 4.9 JIS C 5101-1 As per 4.5.1 JIS C 5101-3 Voltage : Rated voltage for 5min As per 4.7 JIS C 5101-1 As per 4.5.2 JIS C 5101-3 Measuring frequency : 12012Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC : DC Equivalent series circuit Measuring circuit As per 4.8 JIS C 5101-1 As per 4.5.3 JIS C 5101-3 Measuring frequency : 12012Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC : DC Equivalent series circuit Measuring circuit As per 4.10 JIS C 5101-1 As per 4.5.4 JIS C 5101-3 Measuring frequency : 10010kHz Measuring voltage : 0.5Vrms or less : DC Equivalent series circuit Measuring circuit As per 4.14 JIS C 5101-1 As per 4.6 JIS C 5101-3 Dip in the solder bath Solder temp : 2405C Duration : 100.5s Repetition :1 After the specimens, leave it at room temperature for over 24h and then measure the sample. As per 4.16 JIS C 5101-1 As per 4.10 JIS C 5101-3 Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation.
Temp. 1 2 3 4 -553C Room temp. 1052C Room temp. Time 303min. 3min. or less 303min. 3min. or less
Capacitance tolerance
Shall be satisfied allowance range. 20%
Tangent of loss angle (Df, tan )
Shall be satisfied the voltage on " Standard list "
ESR
Shall be satisfied the voltage on " Standard list "
Resistance to Soldering heat
Appearance L.C. C / C Df (tan )
There should be no significant abnormality. The indications should be clear. Less than 300% of initial limit Within 20% of initial value Less than 300% of initial limit
Temperature cycle
Appearance L.C. C / C Df (tan )
There should be no significant abnormality. The indications should be clear. Less than 1000% of initial limit Within 20% of initial value Less than 300% of initial limit
Moisture resistance
Appearance L.C. C / C Df (tan )
There should be no significant abnormality. The indications should be clear. Less than 300% of initial limit Within +30/-20% of initial value Less than 300% of initial limit
As per 4.22 JIS C 5101-1 As per 4.12 JIS C 5101-3 After leaving the sample under such atmospheric condition that the temperature and humidity are 402C and 90 to 95% RH, respectiveiy, for 50012h leave it at room temperature for 24h and then measure the sample.
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
3/5
2009.04 - Rev.B
TCTO Series AL Case
Item
Temperature Stability Temp.
Data Sheet
Performance Test conditions (based on JIS C 5101-1 and JIS C 5101- 3) As per 4.29 JIS C 5101-1 As per 4.13 JIS C 5101-3
-55C
Within 0/-20% of initial value Shall be satisfied the voltage on " Standard list " -
C / C Df (tan ) L.C.
Temp.
+105C
Within +50/0% of initial value Shall be satisfied the voltage on " Standard list " Less than 1.0CV There should be no significant abnormality.
C / C Df (tan ) L.C.
Surge voltage Appearance
L.C. C / C Df (tan )
Loading at Appearance High temperature L.C.
Less than 200% of initial value
Within 20% of initial value
Less than 200% of initial limit
There should be no significant abnormality. Less than 400% of initial limit Within 20% of initial value
As per 4.26JIS C 5101-1 As per 4.14JIS C 5101-3 Apply the specified surge voltage every 50.5 min. for 305 s. each time in the atmospheric condition of 852C. Repeat this procedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample. As per 4.23 JIS C 5101-1 As per 4.15 JIS C 5101-3 After applying the rated voltage for 1000+36/0 h without discontinuation via the serial resistance of 3 or less at a temperature of 852C, leave the sample at room temperature / humidity for 24h and measure the value. As per 4.35 JIS C 5101-1 As per 4.9 JIS C 5101-3 A force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (See the figure below) (Unit : mm)
50 20 F (Apply force)
C / C Df (tan )
Terminal strength Capacitance Appearance
Less than 300% of initial limit
The measured value should be stable. There should be no significant abnormality.
R230 1
thickness=1.6mm
45
45
Item
Adhesiveness
Performance
The terminal should not come off.
Test conditions (JIS C 5101-1 and JIS C 5101- 3) As per 4.34 JIS C 5101-1 As per 4.8 JIS C 5101-3 Apply force of 5N in the two directions shown in the figure below for 101s after mounting the terminal on a circuit board.
product
ja
Apply force
a circuit board
Dimensions
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2 or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1 As per 4.18 JIS C 5101-3 Dip in the isopropyl alcohol for 305s, at room temperature. As per 4.15.2 JIS C 5101-1 As per 4.7 JIS C 5101-3 Dip speed=252.5mm / s Pre-treatment (accelerated aging): Leave the sample on the boiling distilled water for 1 h. Solder temp. : 2455C Duration : 30.5s Solder : M705 Flux : Rosin 25% IPA 75% As per 4.17 JIS C 5101-1 Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board.
Solderability
3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder.
Vibration
Capacitance Measure value should not fluctuate during the measurement. Appearance There should be no significant abnormality.
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
4/5
2009.04 - Rev.B
TCTO Series AL Case
Df ESR Leakage 120Hz 100kHz current (%) 25C 1WV.5min 25C 105C (m) -55C (A) 85C 25.0 27.2 29.6 3.3 4.7 6.8 10.0 22.0 33.0 10 10 10 6 6 6 6 6 10 10 10 10 6 6 6 6 6 10 15 15 15 9 9 9 9 9 15 200 200 200 300 300 300 200 200 200
Data Sheet
Part No.
Rated voltage 85C (V)
Category voltage 125C (V) 2 3.2 5 8 8 8 8 8 8
Surge voltage 85C (V) 3.2 5.2 8 13 13 13 13 13 13
Cap. 120Hz (F) 100 68 47 3.3 4.7 6.8 10 22 33
Tolerance
(%) 20 20 20 20 20 20 20 20 20
TCTO AL 0E 107 TCTO AL 0G 686 TCTO AL 0J 476
TCTO AL 1A 335 TCTO AL 1A 475 TCTO AL 1A 685 TCTO AL 1A 106
2.5 4 6.3 10 10 10 10 10 10
TCTO AL 1A 226 TCTO AL 1A 336 =Tolerance(M : 20%) =Under development
Case code AL
A0.1 1.9
B0.1 3.5
t10.05 0.25
t20.1 1.3
Taping [AL case]
1.750.1
1.5
+0.1 -0
t1
3.50.05
B A 4.00.1 4.00.1
8.00.2
Chip Positiv Electrode(+)
2.00.05
Feeding direction
t2
Case code AL case
Packaging Taping
Packaging style plastic taping 180mm Reel
Symbol Basic ordering units R 3,000pcs
Reel [AL case]
+1.0 9.0 0
11.4+1.0 -
13+0.2 -
Pull direction Label sticking position
EIAJ ET-7200A
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
-1.5 180 0
60 +1 0
5/5
2009.04 - Rev.B
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of TCTOAL0E105M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X